Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

EM4102B6WS11 Datasheet(PDF) 4 Page - EM Microelectronic - MARIN SA

Part # EM4102B6WS11
Description  Read Only Contactless Identification Device
Download  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  EMMICRO [EM Microelectronic - MARIN SA]
Direct Link  http://www.emmicroelectronic.com
Logo EMMICRO - EM Microelectronic - MARIN SA

EM4102B6WS11 Datasheet(HTML) 4 Page - EM Microelectronic - MARIN SA

  EM4102B6WS11 Datasheet HTML 1Page - EM Microelectronic - MARIN SA EM4102B6WS11 Datasheet HTML 2Page - EM Microelectronic - MARIN SA EM4102B6WS11 Datasheet HTML 3Page - EM Microelectronic - MARIN SA EM4102B6WS11 Datasheet HTML 4Page - EM Microelectronic - MARIN SA EM4102B6WS11 Datasheet HTML 5Page - EM Microelectronic - MARIN SA EM4102B6WS11 Datasheet HTML 6Page - EM Microelectronic - MARIN SA EM4102B6WS11 Datasheet HTML 7Page - EM Microelectronic - MARIN SA  
Zoom Inzoom in Zoom Outzoom out
 4 / 7 page
background image
R
EM4102
Copyright © 2005, EM Microelectronic-Marin SA
4
www.emmicroelectronic.com
Block Diagram
CLOCK
EXTRACTOR
FULL WAVE
RECTIFIER
DATA
MODULATOR
SEQUENCER
DATA
ENCODER
MEMORY
ARRAY
Logic
Clock
Serial
Data Out
Modulation
Control
Cress
COIL1
COIL2
AC1
AC2
+
-
Csup
VDD
VSS
Fig. 5
Functional Description
General
The EM4102 is supplied by means of an electromagnetic
field induced on the attached coil.
The AC voltage is
rectified in order to provide a DC internal supply voltage.
When the last bit is sent, the chip will continue with the
first bit until the power goes off.
Full Wave Rectifier
The AC input induced in the external coil by an incident
magnetic field is rectified by a Graetz bridge. The bridge
will limit the internal DC voltage to avoid malfunction in
strong fields.
Clock Extractor
One of the coil terminals (COIL1) is used to generate the
master clock for the logic function. The output of the clock
extractor drives a sequencer.
Sequencer
The sequencer provides all necessary signals to address
the memory array and to encode the serial data out.
Three mask programmed encoding versions of logic are
available. These three encoding types are Manchester,
biphase and PSK. The bit rate for the first and the second
type can be 64 or 32 periods of the field frequency. For
the PSK version, the bit rate is 16.
The sequencer receives its clock from the COIL1 clock
extractor and generates every internal signal controlling
the memory and the data encoder logic.
Data Modulator
The data modulator is controlled by the signal Modulation
Control in order to induce a high current in the coil. The
coil 2 transistor drives this high current. This will affect the
magnetic field according to the data stored in the memory
array.
Memory Array for Manchester & Bi-Phase encoding
ICs
The EM4102 contains 64 bits divided in five groups of
information. 9 bits are used for the header, 10 row parity
bits (P0-P9), 4 column parity bits (PC0-PC3), 40 data bits
(D00-D93), and 1 stop bit set to logic 0.
1
1
1
1
1
1
1
1
1
9 header bits
8 version bits or
D00
D01 D02 D03
P0
customer ID
D10
D11 D12 D13
P1
D20
D21 D22 D23
P2
32 data bits
D30
D31 D32 D33
P3
D40
D41 D42 D43
P4
D50
D51 D52 D53
P5
D60
D61 D62 D63
P6
D70
D71 D72 D73
P7
D80
D81 D82 D83
P8
D90
D91 D92 D93
P9
10 line parity
PC0
PC1 PC2 PC3 S0
bits
4 column parity bits
The header is composed of the 9 first bits which are all
programmed to "1".
Due to the data and parity
organisation, this sequence cannot be reproduced in the
data string. The header is followed by 10 groups of 4 data
bits allowing 100 billion combinations and 1 even row
parity bit. Then, the last group consists of 4 event column
parity bits without row parity bit. S0 is a stop bit which is
written to "0"
Bits D00 to D03 and bits D10 to D13 are customer
specific identification.
These 64 bits are outputted serially in order to control the
modulator. When the 64 bits data string is outputted, the
output sequence is repeated continuously until power
goes off.


Similar Part No. - EM4102B6WS11

ManufacturerPart #DatasheetDescription
logo
EM Microelectronic - MA...
EM4100 EMMICRO-EM4100 Datasheet
260Kb / 9P
   Read Only Contactless Identification Device
EM4100A5CB2RC EMMICRO-EM4100A5CB2RC Datasheet
260Kb / 9P
   Read Only Contactless Identification Device
EM4100A5CI2LB EMMICRO-EM4100A5CI2LB Datasheet
260Kb / 9P
   Read Only Contactless Identification Device
EM4100A5CI2LC EMMICRO-EM4100A5CI2LC Datasheet
260Kb / 9P
   Read Only Contactless Identification Device
EM4100A5WP11 EMMICRO-EM4100A5WP11 Datasheet
260Kb / 9P
   Read Only Contactless Identification Device
More results

Similar Description - EM4102B6WS11

ManufacturerPart #DatasheetDescription
logo
EM Microelectronic - MA...
H4001 EMMICRO-H4001 Datasheet
127Kb / 5P
   READ-ONLY CONTACTLESS IDENTIFICATION DEVICE
EM4100 EMMICRO-EM4100 Datasheet
260Kb / 9P
   Read Only Contactless Identification Device
EM4026 EMMICRO-EM4026 Datasheet
129Kb / 1P
   Read only Contactless Identification Device
EM4025 EMMICRO-EM4025 Datasheet
49Kb / 1P
   Read Only Contactless Identification Device with Anticollision
H4006 EMMICRO-H4006 Datasheet
257Kb / 10P
   13.56MHz 64 Data bit Read Only Contactless Identification Device
EM4200 EMMICRO-EM4200 Datasheet
52Kb / 1P
   128 bit Read Only Low Frequency Contactless Identification Device
EM4006 EMMICRO-EM4006 Datasheet
88Kb / 10P
   13.56 MHz 64 Data bit Read Only Contactless Identification Device
EM4033 EMMICRO-EM4033 Datasheet
63Kb / 1P
   64 bit Read Only ISO15693 Standard Compliant Contactless Identification Device
EM4450 EMMICRO-EM4450 Datasheet
234Kb / 16P
   1 KBit Read/Write Contactless Identification Device
EM4569 EMMICRO-EM4569 Datasheet
50Kb / 1P
   512 bit Read/Write Contactless Identification Device
More results


Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com