Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

EM4223V5SP3B Datasheet(PDF) 7 Page - EM Microelectronic - MARIN SA

Part # EM4223V5SP3B
Description  Read-only UHF Radio Frequency Identification Device
Download  29 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  EMMICRO [EM Microelectronic - MARIN SA]
Direct Link  http://www.emmicroelectronic.com
Logo EMMICRO - EM Microelectronic - MARIN SA

EM4223V5SP3B Datasheet(HTML) 7 Page - EM Microelectronic - MARIN SA

Back Button EM4223V5SP3B Datasheet HTML 3Page - EM Microelectronic - MARIN SA EM4223V5SP3B Datasheet HTML 4Page - EM Microelectronic - MARIN SA EM4223V5SP3B Datasheet HTML 5Page - EM Microelectronic - MARIN SA EM4223V5SP3B Datasheet HTML 6Page - EM Microelectronic - MARIN SA EM4223V5SP3B Datasheet HTML 7Page - EM Microelectronic - MARIN SA EM4223V5SP3B Datasheet HTML 8Page - EM Microelectronic - MARIN SA EM4223V5SP3B Datasheet HTML 9Page - EM Microelectronic - MARIN SA EM4223V5SP3B Datasheet HTML 10Page - EM Microelectronic - MARIN SA EM4223V5SP3B Datasheet HTML 11Page - EM Microelectronic - MARIN SA Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 29 page
background image
R
EM4223
Copyright
© 2005, EM Microelectronic-Marin SA
7
www.emmicroelectronic.com
SOF
RFU
(1 bit)
Command
Code
(6 bits)
Parameters
& Flags
(4 bits)
CRC-5
(5 bits)
1
st Optional
Parameter
(8 bits)
2
nd Optional
Parameter
(0-136 bit)
CRC-16
16 bits
EOF
Fig. 4 - General format, Extended commands
The 2 Extended commands supported by the EM4223
are used to all selected sub-populations of Tags to be
introduced to the Arbitration process.
Implied MUTE command (Fast Supertag Mode only)
When operating in the Fast Supertag Mode and in the
ACTIVE state, the reception of the first low-going pulse
of any command causes the EM4223 to move to the
ROUND_STANDBY state. This could be any single pulse
or the first pulse of the SOF of a valid command. The
Transponder will continue to decode the command. A
known and valid command causes the Transponder to
execute the command and to move to either the
ROUND_ACTIVE or the READY state, depending on the
command and its parameters (if any). An unknown
command or a command having an error will cause the
Transponder to remain in the ROUND_STANDBY state.
During reception of a command, and until the command
has been correctly received, the Transponder will hold-
off any attempt to reply until the command has been
correctly received and executed. At the end of receiving
a command, if it has not been correctly decoded, the
Transponder will remain in the ROUND_STANDBY state
until moved out of this state by the first correctly received
and decoded command.
If the Tag is in the Fast Supertag Mode and in the TTF
(Tag Talks First) sub-mode (Wake Up Status Flag =
X00),
the
Tag
will
automatically
leave
the
ROUND_STANDBY state after a timeout period of 2.5 X
176 tag bit periods has elapsed since the last MUTE
command (176 bits = maximum Tag Data Message
length).This timeout will be reset each time a new implied
MUTE command is received.
Command
Protocol
Extension
Op-
Code
6
bits
Parameter / flags
4 bits
CRC-5
Extended
parameters
CRC-16
Comments
Init-Round
Always = 0
01
SUID
1 bit
Round
Size
3 bits
5 bits
AFI
8 bits
16 bits
SUID = 0 tag responds with
the 128 bits of user data.
SUID = 1 tag responds with
SUID. If AFI field = 00H, all
tags respond, else if AFI is
other value, only tags with
matching AFI respond. Also
moves tags already active in
FST mode to ISO mode.
Next-Slot
Always = 0
02 *
Signature 4 bits
5 bits
The signature must match the
signature value transmitted by
the tag in its last reply to
acknowledge the tag’s reply.
Advances the CURRENT
SLOT COUNTER.
Close Slot
Always = 0
03
Ignored by
EM4223
5 bits
Advances the CURRENT
SLOT COUNTER.
Standby-
Round
Always = 0
04 *
Ignored by
EM4223
5 bits
The signature is not used in
this implementation because
the EM4223 has no select
state. The EM4223 will always
move to the
ROUND_STANDBY state.
New-Round
Always = 0
05
SUID
1 bit
Round
size
3 bits
5 bits
Reset-To-
Ready
Always = 0
06 *
Ignored by
EM4223
5 bits
Moves Transponder from
current state to READY state.
Init-Round-
All
Always = 0
0A *
SUID
1 bit
Round
size
3 bits
5 bits
SUID = 0 tag responds with
the128 bits of user data. SUID
= 1 tag responds with SUID.
Also moves tags already
active in FST mode to ISO
mode.


Similar Part No. - EM4223V5SP3B

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
EM4223 ETC1-EM4223 Datasheet
84Kb / 1P
   Read-only UHF Radio Frequency Identification Device according to ISO IEC 18000-6
More results

Similar Description - EM4223V5SP3B

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
EM4223 ETC1-EM4223 Datasheet
84Kb / 1P
   Read-only UHF Radio Frequency Identification Device according to ISO IEC 18000-6
logo
EM Microelectronic - MA...
EM4102 EMMICRO-EM4102 Datasheet
133Kb / 7P
   Read Only Contactless Identification Device
H4001 EMMICRO-H4001 Datasheet
127Kb / 5P
   READ-ONLY CONTACTLESS IDENTIFICATION DEVICE
EM4100 EMMICRO-EM4100 Datasheet
260Kb / 9P
   Read Only Contactless Identification Device
EM4026 EMMICRO-EM4026 Datasheet
129Kb / 1P
   Read only Contactless Identification Device
EM4200 EMMICRO-EM4200 Datasheet
52Kb / 1P
   128 bit Read Only Low Frequency Contactless Identification Device
EM4444 EMMICRO-EM4444 Datasheet
109Kb / 1P
   512 bit, Read/Write UHF Identification Device
EM4025 EMMICRO-EM4025 Datasheet
49Kb / 1P
   Read Only Contactless Identification Device with Anticollision
H4006 EMMICRO-H4006 Datasheet
257Kb / 10P
   13.56MHz 64 Data bit Read Only Contactless Identification Device
EM4006 EMMICRO-EM4006 Datasheet
88Kb / 10P
   13.56 MHz 64 Data bit Read Only Contactless Identification Device
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com