Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

NAL40-7608 Datasheet(PDF) 3 Page - Artesyn Technologies

Part # NAL40-7608
Description  40W AC/DC Universal Input Switch Mode Power Supplies
Download  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ARTESYN [Artesyn Technologies]
Direct Link  
Logo ARTESYN - Artesyn Technologies

NAL40-7608 Datasheet(HTML) 3 Page - Artesyn Technologies

  NAL40-7608 Datasheet HTML 1Page - Artesyn Technologies NAL40-7608 Datasheet HTML 2Page - Artesyn Technologies NAL40-7608 Datasheet HTML 3Page - Artesyn Technologies  
Zoom Inzoom in Zoom Outzoom out
 3 / 3 page
background image
0.156 (3.96) Dia. (4 Places)
5.00
(127.00)
MAXIMUM COMPONENT
HEIGHT 1.2 inches
J2
P1
F1
J1
F3.15A, 250VAC
2.55
(64.80)
0.22
(5.59)
3.00
(76.20)
4.55
(115.80)
1
0.22
(5.59)
ALL DIMENSIONS IN INCHES (mm)
T1
1
Data Sheet © Artesyn Technologies® 2002
The information and specifications contained in this data sheet are believed to be correct at time of publication. However, Artesyn Technologies accepts no responsibility for consequences arising
from printing errors or inaccuracies. Specifications are subject to change without notice. No rights under any patent accompany the sale of any such product(s) or information contained herein.
For the most current data and application support visit www.artesyn.com/powergroup/products.htm
NAL40 Series
Single, dual and triple output
LOW TO MEDIUM POWER AC/DC POWER SUPPLIES
40W AC/DC Universal Input Switch Mode Power Supplies
3
www.artesyn.com
File Name: NAL40.PDF Rev: 19 Nov 2001
Mechanical Notes
A
Ground pad encircling mounting hole near P1 allows system grounding
through a metal stand-off of up to 8mm max. diameter to metal chassis.
B
A standard L-bracket and cover is available for mounting, which contains
all screws, connectors and necessary mounting hardware. Order part
number ‘NAL40 COVER KIT’.
International Safety Standard Approvals
VDE0805/EN60950/IEC950/IEC1010 File No. 10401-3336-1076
Licence No. 70567, 1076 and 90354
UL1950 File No. E136005
CSA C22.2 No. 950 File No. LR41062C
Certificate No. PS/605108
OUTPUT PIN CONNECTIONS
J2
SINGLE
DUAL
TRIPLE
P1
+Vout
+12V
V (B)
P2
+Vout
+5.1V
V (A)
P3
+Vout
+5.1V
V (A)
P4
Return
Return
Return
P5
Return
Return
Return
P6
Return
N/C
V (C)
INPUT
PIN CONNECTIONS
J1
Pin 1
AC Neutral
Pin 2
No Pin
Pin 3
AC Line
P1
Pin 1
Safety Ground
AC (J1) mating connector
Molex 09-50-3031 or equiv. with Molex 08-50-0105 or equiv. crimp terminals.
DC (J2) mating connector
Molex 09-50-3061 or equiv. with Molex 08-50-0164 or equiv. crimp terminals.


Similar Part No. - NAL40-7608

ManufacturerPart #DatasheetDescription
logo
Fujitsu Component Limit...
NAL-12W-K FUJITSU-NAL-12W-K Datasheet
450Kb / 9P
   MINIATURE RELAY 2 POLES- 1 to 2 A (FOR SIGNAL SWITCHING)
NAL-D12W-K FUJITSU-NAL-D12W-K Datasheet
450Kb / 9P
   MINIATURE RELAY 2 POLES- 1 to 2 A (FOR SIGNAL SWITCHING)
logo
Artesyn Technologies
NAL25 ARTESYN-NAL25 Datasheet
300Kb / 3P
   25W AC/DC Universal Input Switch Mode Power Supplies
NAL25-7605J ARTESYN-NAL25-7605J Datasheet
300Kb / 3P
   25W AC/DC Universal Input Switch Mode Power Supplies
NAL25-7608 ARTESYN-NAL25-7608 Datasheet
70Kb / 2P
   Single, dual and triple output
More results

Similar Description - NAL40-7608

ManufacturerPart #DatasheetDescription
logo
Artesyn Technologies
NAL25 ARTESYN-NAL25 Datasheet
300Kb / 3P
   25W AC/DC Universal Input Switch Mode Power Supplies
NLP65-3322 ARTESYN-NLP65-3322 Datasheet
52Kb / 3P
   60W AC/DC Universal Input Switch Mode Power Supplies
NFS25 ARTESYN-NFS25 Datasheet
56Kb / 3P
   25W AC/DC Universal Input Switch Mode Power Supplies
NFS110 ARTESYN-NFS110 Datasheet
62Kb / 3P
   80-110W AC/DC Universal Input Switch Mode Power Supplies
NLP65-3300J ARTESYN-NLP65-3300J Datasheet
91Kb / 3P
   33 W AC/DC Universal Input Switch Mode Power Supplies
NLP65-3334 ARTESYN-NLP65-3334 Datasheet
86Kb / 3P
   50 W AC/DC Universal Input Switch Mode Power Supplies
logo
Emerson Network Power
NLP70 EMERSON-NETWORKPOWER-NLP70 Datasheet
89Kb / 3P
   70 W AC/DC Universal Input Switch Mode Power Supplies
logo
Artesyn Technologies
NLP250 ARTESYN-NLP250 Datasheet
424Kb / 3P
   250 W AC/DC Universal Input Switch Mode Power Supplies
NLS110-9602J ARTESYN-NLS110-9602J Datasheet
95Kb / 3P
   80-110 W AC/DC Universal Input Switch Mode Power Supplies
NFS80 ARTESYN-NFS80 Datasheet
118Kb / 3P
   80-110 W AC-DC Universal Input Switch Mode Power Supplies
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com