Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

EM4350A6WS7 Datasheet(PDF) 6 Page - EM Microelectronic - MARIN SA

Part # EM4350A6WS7
Description  1 KBit READ / WRITE CONTACTLESS IDENTIFICATION DEVICE
Download  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  EMMICRO [EM Microelectronic - MARIN SA]
Direct Link  http://www.emmicroelectronic.com
Logo EMMICRO - EM Microelectronic - MARIN SA

EM4350A6WS7 Datasheet(HTML) 6 Page - EM Microelectronic - MARIN SA

Back Button EM4350A6WS7 Datasheet HTML 2Page - EM Microelectronic - MARIN SA EM4350A6WS7 Datasheet HTML 3Page - EM Microelectronic - MARIN SA EM4350A6WS7 Datasheet HTML 4Page - EM Microelectronic - MARIN SA EM4350A6WS7 Datasheet HTML 5Page - EM Microelectronic - MARIN SA EM4350A6WS7 Datasheet HTML 6Page - EM Microelectronic - MARIN SA EM4350A6WS7 Datasheet HTML 7Page - EM Microelectronic - MARIN SA EM4350A6WS7 Datasheet HTML 8Page - EM Microelectronic - MARIN SA EM4350A6WS7 Datasheet HTML 9Page - EM Microelectronic - MARIN SA EM4350A6WS7 Datasheet HTML 10Page - EM Microelectronic - MARIN SA Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 14 page
background image
R
EM4150
EM4350
Selective Read Mode cont.
The Selective Read mode command is followed by a single 32-bit word containing the new first and last addresses. Bits 0
to 7 correspond to the First Word Read and bits 8 to 15 correspond to the Last Word Read. Bits 16 to 31 have to be sent
but are not used in the chip. The parities must be sent according to the word organisation as described in fig.7. Note that
bit 31 is transmitted first.
To read the device Identification or the Serial Number, the Selective Read Command allows direct access to the Laser
programmed words. These words can also be addressed in the standard read mode by selecting the addresses
accordingly.
OUTPUT
WORD n
LIW
INPUT
RM Selective RD
ADDRESSES
LIW
FWR
LIW
ACK/NAK
LIW
tpp
Fig. 11
LW7 LW6 LW5 LW4 LW3 LW2 LW1 LW0 P1 FW7 FW6 FW5 FW4 FW3 FW2 FW1 FW0 P0 PC7 PC6 PC5 PC4 PC3 PC2 PC1 PC0 "0"
Addresses Bit Stream Format
First bit received
XX
XX
XX
XX
XX
XX
XX
XX
P3 XX
XX
XX
XX
XX
XX
XX
XX
P2
Fig. 12
Reset Command
The Reset Command will return from any mode to the Standard Read Mode. The next word out is the FWR.
OUTPUT
WORD n
LIW
INPUT
RM
RESET
LIW
FWR
LIW
LIW
ACK/NAK
tpp
tinit
Fig. 13
Login
The Login command is used to access protected memory areas. This command has to be used only once to perform
several password protected commands. The Power-On sequence and the Reset command will reset the password entry,
and a new Login command has to be received to perform further password protected operations.
Upon reception of a correct password, the EM4150 will respond with an acknowledge pattern (ACK) and then continue in
Standard Read Mode. If the Login is correct then password protected operations are allowed. If the password is incorrect, a
NAK pattern is issued and password protected operations will not be possible (refer to Write Word for password data
structure).
OUTPUT
WORD n
LIW
INPUT
RM
LOGIN
PASSWORD
LIW
FWR
LIW
LIW
ACK/NAK
tpp
Fig. 14
If bit 16 of the control word is disabled (Password Check ON/OFF), the Login is still mandatory to modify the Protection
Word, the Control Word, and the Password, but not to write in the EEPROM which is not write inhibited. In order to modify a
write inhibited word, the Protection word has to be modified first. The Read protected area always requires the Login to be
read. If the Write Protection Word is write protected, the write protection configuration is locked.
Copyright
© 2004, EM Microelectronic-Marin SA
6
www.emmicroelectronic.com


Similar Part No. - EM4350A6WS7

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
EM430F5137RF900 TI-EM430F5137RF900 Datasheet
6Mb / 138P
[Old version datasheet]   MSP430 Hardware Tools User Guide
EM430F6137RF900 TI-EM430F6137RF900 Datasheet
6Mb / 138P
[Old version datasheet]   MSP430 Hardware Tools User Guide
logo
EM Microelectronic - MA...
EM4324 EMMICRO-EM4324 Datasheet
57Kb / 1P
   1 kbit Read/Write, ISO 18000-6C / EPC C-1 G-2 Passive / Battery-assisted Passive Contactless IC
logo
List of Unclassifed Man...
EM4325 ETC1-EM4325 Datasheet
1Mb / 67P
   18000-63 Type C (Gen2) and 18000-63 Type C / 18000-64 Type D (Gen2/TOTAL) RFID IC
logo
EM Microelectronic - MA...
EM4369 EMMICRO-EM4369 Datasheet
121Kb / 1P
   512 bit Read/Write Contactless Identification Device
More results

Similar Description - EM4350A6WS7

ManufacturerPart #DatasheetDescription
logo
EM Microelectronic - MA...
EM4450 EMMICRO-EM4450 Datasheet
234Kb / 16P
   1 KBit Read/Write Contactless Identification Device
EM4569 EMMICRO-EM4569 Datasheet
50Kb / 1P
   512 bit Read/Write Contactless Identification Device
EM4170 EMMICRO-EM4170 Datasheet
143Kb / 13P
   125kHz CRYPTO READ/WRITE Contactless Identification Device
EM4269 EMMICRO-EM4269 Datasheet
54Kb / 1P
   512 bit Read/Write Contactless Identification Device
EM4369 EMMICRO-EM4369 Datasheet
121Kb / 1P
   512 bit Read/Write Contactless Identification Device
EM4056 EMMICRO-EM4056 Datasheet
145Kb / 14P
   2KBIT Read/Write with ANTICOLLISION Contactless Identification Device
EM4055 EMMICRO-EM4055 Datasheet
23Kb / 1P
   1KBIT Read/Write Contactless Identification Device with anticollision
EM4102 EMMICRO-EM4102 Datasheet
133Kb / 7P
   Read Only Contactless Identification Device
H4001 EMMICRO-H4001 Datasheet
127Kb / 5P
   READ-ONLY CONTACTLESS IDENTIFICATION DEVICE
EM4026 EMMICRO-EM4026 Datasheet
129Kb / 1P
   Read only Contactless Identification Device
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com