Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

EM4169B6WP11 Datasheet(PDF) 8 Page - EM Microelectronic - MARIN SA

Part # EM4169B6WP11
Description  128 bit Read/Write Contactless Identification Device with OTP function
Download  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  EMMICRO [EM Microelectronic - MARIN SA]
Direct Link  http://www.emmicroelectronic.com
Logo EMMICRO - EM Microelectronic - MARIN SA

EM4169B6WP11 Datasheet(HTML) 8 Page - EM Microelectronic - MARIN SA

Back Button EM4169B6WP11 Datasheet HTML 4Page - EM Microelectronic - MARIN SA EM4169B6WP11 Datasheet HTML 5Page - EM Microelectronic - MARIN SA EM4169B6WP11 Datasheet HTML 6Page - EM Microelectronic - MARIN SA EM4169B6WP11 Datasheet HTML 7Page - EM Microelectronic - MARIN SA EM4169B6WP11 Datasheet HTML 8Page - EM Microelectronic - MARIN SA EM4169B6WP11 Datasheet HTML 9Page - EM Microelectronic - MARIN SA EM4169B6WP11 Datasheet HTML 10Page - EM Microelectronic - MARIN SA EM4169B6WP11 Datasheet HTML 11Page - EM Microelectronic - MARIN SA EM4169B6WP11 Datasheet HTML 12Page - EM Microelectronic - MARIN SA Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 15 page
background image
EM4069
EM4169
Copyright
 2003, EM Microelectronic-Marin SA
8
www.emmicroelectronic.com
Command 5 : Read configuration word
Read configuration word command is an auxiliary
command used to read configuration word. This mode will
be active until power down or reset command.
The 8-bit CRC with polynomial
u
8 + u4 + u3 + u2 + u0 is
used in commands 3 and 4. The CRC is calculated
including the Command-Byte.
CRC Calculation
U
8
U
2
U
3
U
4
7 6
5
4
3 2 1 0
MSB
LSB
Data
+
+
+
+
+ Exclusive OR
Register Stage
Fig. 9
The following table shows the CRC according to some test
bytes:
Byte
[hex]
Resulting CRC
[hex]
01
1D
80
26
In test above it is supposed that the leftmost bit is the MSB
and is transmitted first.
Within 1ms after EEPROM update completion, a further
command will be accepted by the EM4069 without a new
synchronization pattern.
After time-out of this period, the EM4069 will return to read
out mode.
Write 16 bit EEPROM Word Command
As described in the Command Table an 8-bit pattern has to
be sent to execute commands rst, rROM and rcw. Bit
pattern of Write Word command is different since word
address, 16 bits of data and 8 bit CRC have to be
transmitted. The Write command bit pattern is the
following:
1100 [4 bit word address] [16 bit data] [8 bit CRC]
Word address:
One of eight EEPROM words is selected. Valid addresses
are in range from 0 (0000) to 7 (0111)
Data bits:
During read out bit which is first sent in is first read out
(FIFO)
CRC:
Calculated over whole command stream
Example of Write Word command:
C5 D2 2D 20 (hex)
The above command (1100 0101) write to
Word 5
hexadecimal data “D2 2D”
CRC bits are hex 20.
in
Sync.
wr
out Read
Read
tWee
1ms
Fig. 10
Write Configuration word Command
Configuration word is a special word which is used to lock
(protect from writing) EEPROM words. The bits of
configuration word are OTP (once programmed at 1 they
can not be reprogrammed to 0).
Special care has to be taken when adding lock bits to
the protection word that already has some bits set to
one. The bits that are already set to one have to be
confirmed at a new command in order to allow writing
of additional bits. If not, bits that are already locked
stay locked, and the new selected bits might not be
programmed.


Similar Part No. - EM4169B6WP11

ManufacturerPart #DatasheetDescription
logo
EM Microelectronic - MA...
EM4100 EMMICRO-EM4100 Datasheet
260Kb / 9P
   Read Only Contactless Identification Device
EM4100A5CB2RC EMMICRO-EM4100A5CB2RC Datasheet
260Kb / 9P
   Read Only Contactless Identification Device
EM4100A5CI2LB EMMICRO-EM4100A5CI2LB Datasheet
260Kb / 9P
   Read Only Contactless Identification Device
EM4100A5CI2LC EMMICRO-EM4100A5CI2LC Datasheet
260Kb / 9P
   Read Only Contactless Identification Device
EM4100A5WP11 EMMICRO-EM4100A5WP11 Datasheet
260Kb / 9P
   Read Only Contactless Identification Device
More results

Similar Description - EM4169B6WP11

ManufacturerPart #DatasheetDescription
logo
EM Microelectronic - MA...
EM4569 EMMICRO-EM4569 Datasheet
50Kb / 1P
   512 bit Read/Write Contactless Identification Device
EM4269 EMMICRO-EM4269 Datasheet
54Kb / 1P
   512 bit Read/Write Contactless Identification Device
EM4369 EMMICRO-EM4369 Datasheet
121Kb / 1P
   512 bit Read/Write Contactless Identification Device
EM4056 EMMICRO-EM4056 Datasheet
145Kb / 14P
   2KBIT Read/Write with ANTICOLLISION Contactless Identification Device
EM4450 EMMICRO-EM4450 Datasheet
234Kb / 16P
   1 KBit Read/Write Contactless Identification Device
EM4055 EMMICRO-EM4055 Datasheet
23Kb / 1P
   1KBIT Read/Write Contactless Identification Device with anticollision
EM4150 EMMICRO-EM4150 Datasheet
561Kb / 14P
   1 KBit READ / WRITE CONTACTLESS IDENTIFICATION DEVICE
EM4170 EMMICRO-EM4170 Datasheet
143Kb / 13P
   125kHz CRYPTO READ/WRITE Contactless Identification Device
EM4200 EMMICRO-EM4200 Datasheet
52Kb / 1P
   128 bit Read Only Low Frequency Contactless Identification Device
EM4133 EMMICRO-EM4133 Datasheet
66Kb / 1P
   512 bit Read/Write, ISO15693 Standard Compliant Contactless RW Identification Device
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com