Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

NLP40-7617 Datasheet(PDF) 1 Page - Artesyn Technologies

Part # NLP40-7617
Description  LOW TO MEDIUM POWER AC/DC POWER SUPPLIES
Download  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ARTESYN [Artesyn Technologies]
Direct Link  
Logo ARTESYN - Artesyn Technologies

NLP40-7617 Datasheet(HTML) 1 Page - Artesyn Technologies

  NLP40-7617 Datasheet HTML 1Page - Artesyn Technologies NLP40-7617 Datasheet HTML 2Page - Artesyn Technologies NLP40-7617 Datasheet HTML 3Page - Artesyn Technologies  
Zoom Inzoom in Zoom Outzoom out
 1 / 3 page
background image
LOW TO MEDIUM POWER AC/DC POWER SUPPLIES
40-50W AC/DC Universal Input Switch Mode Power Supplies
1
2 YEAR WARRANTY
NLP40 Series
Single, dual and triple output
4.25 x 2.5 x 1.15 inch package (1U applications)
Smallest industry package
Overvoltage and short circuit protection
40W with free air convection
EN55022, EN55011 conducted emission level B
EN61000-4-2, -3, -4, -5, -6 immunity compliant
UL, VDE and CSA safety approvals
The NLP40 series is a 40W universal input AC/DC power supply on a 4.25 x 2.5 inch card
with a maximum component height of 1.15 inches for use in 1U applications. This
product is the smallest standard 40W package in the industry making the series ideal for
communication applications with space constraints where a standard 5 x 3 inch card
solution is not suitable. The NLP40 provides 40W of output power with free air convection
cooling which can be boosted to 50W with 20CFM of air. Standard features include
overvoltage and short circuit protection. The series, with full international safety approval
and the CE mark, meets conducted noise EN55022 level B and has immunity compliance
to EN61000-4-2,-3,-4, -5, -6. The NLP40 series is designed for use in low power data
networking, computer and telecom applications such as hubs, routers, POS terminals,
LCD projectors, cable modems and PABX’s. This list is not exclusive as the generic
feature set of the NLP40 series with industry standard output configurations provides a
solution for most low power applications including many industrial applications.
All specifications are typical at nominal input, full load at 25°C unless otherwise stated
GENERAL SPECIFICATIONS
Hold-up time
120VAC
12ms @ 40W
230VAC
20ms @ 40W
Efficiency
75% typical
Isolation voltage
Input/output
3000VAC
Input/chassis
1500VAC
Switching frequency
Fixed
65kHz, ±5kHz
Approvals and
EN60950, IEC950, UL1950
standards (See Note 8)
VDE0805, CSA C22.2 No. 950
Weight
200g (7.06oz)
MTBF
MIL-HDBK-217F
150,000 hours min.
ENVIRONMENTAL SPECIFICATIONS
Thermal performance
Operating ambient,
0°C to +70°C
(See Notes 6, 7, 9)
(see derating curve)
Non-operating
-40°C to +70°C
50°C to 70°C ambient,
Derate to
convection cooled
50% load
0°C to 50°C, ambient,
40W
convection cooled
0°C to 50°C ambient,
50W
20CFM forced air
Peak (0°C to +50°C, 60s)
(See Note 2)
Relative humidity
Non-condensing
5% to 95% RH
Altitude
Operating
10,000 feet max.
Non-operating
30,000 feet max.
Vibration (See Note 4)
5Hz to 500Hz
2.4G rms peak
Shock
per MIL-STD-810E
516.4 Part IV
OUTPUT SPECIFICATIONS
Total regulation
Main output
±2.0%
(Line and load)
Auxiliary outputs
±5.0%
Rise time
At turn-on
1.0s, max.
Transient response
Main output
5.0% max. dev.,
25% step at 0.1A/µs
1ms rec. to 1.0%
Temperature coefficient
±0.02%/°C
Overvoltage protection
Main outputs
135%, ±15%
Short circuit protection
Cyclic operation
Continuous
Minimum output current
Single
0A
Multiple
(See Note 5)
INPUT SPECIFICATIONS
Input voltage range
Universal input
90 to 264VAC
(See Note 9)
120 to 370VDC
Input frequency range
47Hz to 440Hz
Input surge current
120VAC, cold start
15A max.
230VAC, cold start
30A max.
Safety ground
120VAC, 60Hz
0.2mA
leakage current
230VAC, 50Hz
0.4mA
Input current
120VAC
1.4A rms
230VAC
0.7A rms
Input fuse
UL/IEC127
250VAC H 3.15A
EMC CHARACTERISTICS (10)
Conducted emissions
EN55022, FCC part 15
level B
Radiated emissions
EN55022, FCC part 15
level A
ESD air
EN61000-4-2, level 3
Perf. criteria 1
ESD contact
EN61000-4-2, level 3
Perf. criteria 1
Surge
EN61000-4-5, level 3
Perf. criteria 1
Fast transients
EN61000-4-4, level 3
Perf. criteria 1
Radiated immunity
EN61000-4-3, level 3
Perf. criteria 1
Conducted immunity
EN61000-4-6, level 3
Perf. criteria 1
SPECIFICATIONS
File Name: NLP40.PDF Rev: 01 Jan 2000


Similar Part No. - NLP40-7617

ManufacturerPart #DatasheetDescription
logo
Emerson Network Power
NLP40-7617J EMERSON-NETWORKPOWER-NLP40-7617J Datasheet
91Kb / 3P
   40-50 W AC/DC Universal Input Switch Mode Power Supplies
logo
Artesyn Technologies
NLP40-7617J ARTESYN-NLP40-7617J Datasheet
607Kb / 5P
   Single, Dual and Triple Output
More results

Similar Description - NLP40-7617

ManufacturerPart #DatasheetDescription
logo
Artesyn Technologies
NLS110-9602 ARTESYN-NLS110-9602 Datasheet
60Kb / 3P
   LOW TO MEDIUM POWER AC/DC POWER SUPPLIES
NLP25 ARTESYN-NLP25 Datasheet
49Kb / 3P
   LOW TO MEDIUM POWER AC/DC POWER SUPPLIES
NLP150L ARTESYN-NLP150L Datasheet
56Kb / 3P
   LOW TO MEDIUM POWER AC/DC POWER SUPPLIES
NLP70 ARTESYN-NLP70 Datasheet
56Kb / 3P
   LOW TO MEDIUM POWER AC/DC POWER SUPPLIES
NLP110 ARTESYN-NLP110 Datasheet
170Kb / 3P
   LOW TO MEDIUM POWER AC/DC POWER SUPPLIES
NLP65 ARTESYN-NLP65 Datasheet
63Kb / 3P
   LOW TO MEDIUM POWER AC/DC POWER SUPPLIES
NLP150L-96Q5366 ARTESYN-NLP150L-96Q5366 Datasheet
61Kb / 3P
   LOW TO MEDIUM POWER AC/DC POWER SUPPLIES
logo
XP Power Limited
DRS80US12 XPPOWER-DRS80US12 Datasheet
70Kb / 2P
   AC-DC Power Supplies
ECM40US05 XPPOWER-ECM40US05 Datasheet
175Kb / 4P
   AC-DC Power Supplies
SMR800PS12 XPPOWER-SMR800PS12 Datasheet
262Kb / 2P
   AC-DC Power Supplies
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com