Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

EM4100A6WW27 Datasheet(PDF) 8 Page - EM Microelectronic - MARIN SA

Part # EM4100A6WW27
Description  Read Only Contactless Identification Device
Download  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  EMMICRO [EM Microelectronic - MARIN SA]
Direct Link  http://www.emmicroelectronic.com
Logo EMMICRO - EM Microelectronic - MARIN SA

EM4100A6WW27 Datasheet(HTML) 8 Page - EM Microelectronic - MARIN SA

  EM4100A6WW27 Datasheet HTML 1Page - EM Microelectronic - MARIN SA EM4100A6WW27 Datasheet HTML 2Page - EM Microelectronic - MARIN SA EM4100A6WW27 Datasheet HTML 3Page - EM Microelectronic - MARIN SA EM4100A6WW27 Datasheet HTML 4Page - EM Microelectronic - MARIN SA EM4100A6WW27 Datasheet HTML 5Page - EM Microelectronic - MARIN SA EM4100A6WW27 Datasheet HTML 6Page - EM Microelectronic - MARIN SA EM4100A6WW27 Datasheet HTML 7Page - EM Microelectronic - MARIN SA EM4100A6WW27 Datasheet HTML 8Page - EM Microelectronic - MARIN SA EM4100A6WW27 Datasheet HTML 9Page - EM Microelectronic - MARIN SA  
Zoom Inzoom in Zoom Outzoom out
 8 / 9 page
background image
R
EM4100
Ordering Information
Packaged Devices
This chart shows general offering; for detailed Part Number to order, please see the table “Standard Versions” below.
-
Version:
Customer Version:
A6 = Manchester, 64 clocks per bit
%%% = only for custom specific version
A5 = Manchester, 32 clocks per bit
B6 = Bi-phase, 64 clocks per bit
B5 = Bi-phase, 32 clocks per bit
C4 = PSK, 16 clocks per bit
Package/Card & Delivery Form:
CI2LC = CID Pack, 2 pins (length 2.5mm), in bulk
CI2LB = CID Pack, 2 pins (length 2.5mm), in tape & reel
CB2RC = PCB Package, 2 pins, in bulk
CI2LC
%%%
EM4100 A6
Die Form
This chart shows general offering; for detailed Part Number to order, please see the table “Standard Versions” below.
-
Version:
Customer Version:
A6 = Manchester, 64 clocks per bit
%%% = only for custom specific version
A5 = Manchester, 32 clocks per bit
B6 = Bi-phase, 64 clocks per bit
Bumping:
B5 = Bi-phase, 32 clocks per bit
" " (blank) = no bumps
C4 = PSK, 16 clocks per bit
E = with Gold Bumps (note 2)
Die form:
Thickness:
WW = Wafer
7 = 7 mils (178um)
WS = Sawn Wafer/Frame
11 = 11 mils (280um)
WT = Sticky Tape
27 = 27 mils (686um)
WP = Waffle Pack (note 1)
E
%%%
EM4100 A6 WS 11
Remarks:
For ordering please use table of “Standard Version” table below.
For specifications of Delivery Form, including gold bumps, tape and bulk, as well as possible other delivery form or
packages, please contact EM Microelectronic-Marin S.A.
Note 1:
This is a non-standard package. Please contact EM Microelectronic-Marin S.A for availability.
Note 2 :
Direct connection using this version is subject to license. Please contact i
nfo@emmicroelectronic.com
Copyright © 2004, EM Microelectronic-Marin SA
8
www.emmicroelectronic.com


Similar Part No. - EM4100A6WW27

ManufacturerPart #DatasheetDescription
logo
EM Microelectronic - MA...
EM4102 EMMICRO-EM4102 Datasheet
133Kb / 7P
   Read Only Contactless Identification Device
EM4102A5WP11 EMMICRO-EM4102A5WP11 Datasheet
133Kb / 7P
   Read Only Contactless Identification Device
EM4102A5WP11E EMMICRO-EM4102A5WP11E Datasheet
133Kb / 7P
   Read Only Contactless Identification Device
EM4102A5WP7 EMMICRO-EM4102A5WP7 Datasheet
133Kb / 7P
   Read Only Contactless Identification Device
EM4102A5WP7E EMMICRO-EM4102A5WP7E Datasheet
133Kb / 7P
   Read Only Contactless Identification Device
More results

Similar Description - EM4100A6WW27

ManufacturerPart #DatasheetDescription
logo
EM Microelectronic - MA...
EM4102 EMMICRO-EM4102 Datasheet
133Kb / 7P
   Read Only Contactless Identification Device
H4001 EMMICRO-H4001 Datasheet
127Kb / 5P
   READ-ONLY CONTACTLESS IDENTIFICATION DEVICE
EM4026 EMMICRO-EM4026 Datasheet
129Kb / 1P
   Read only Contactless Identification Device
EM4025 EMMICRO-EM4025 Datasheet
49Kb / 1P
   Read Only Contactless Identification Device with Anticollision
H4006 EMMICRO-H4006 Datasheet
257Kb / 10P
   13.56MHz 64 Data bit Read Only Contactless Identification Device
EM4200 EMMICRO-EM4200 Datasheet
52Kb / 1P
   128 bit Read Only Low Frequency Contactless Identification Device
EM4006 EMMICRO-EM4006 Datasheet
88Kb / 10P
   13.56 MHz 64 Data bit Read Only Contactless Identification Device
EM4033 EMMICRO-EM4033 Datasheet
63Kb / 1P
   64 bit Read Only ISO15693 Standard Compliant Contactless Identification Device
EM4450 EMMICRO-EM4450 Datasheet
234Kb / 16P
   1 KBit Read/Write Contactless Identification Device
EM4569 EMMICRO-EM4569 Datasheet
50Kb / 1P
   512 bit Read/Write Contactless Identification Device
More results


Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com