Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

EM4350A6WS11 Datasheet(PDF) 4 Page - EM Microelectronic - MARIN SA

Part # EM4350A6WS11
Description  1 KBit READ / WRITE CONTACTLESS IDENTIFICATION DEVICE
Download  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  EMMICRO [EM Microelectronic - MARIN SA]
Direct Link  http://www.emmicroelectronic.com
Logo EMMICRO - EM Microelectronic - MARIN SA

EM4350A6WS11 Datasheet(HTML) 4 Page - EM Microelectronic - MARIN SA

  EM4350A6WS11 Datasheet HTML 1Page - EM Microelectronic - MARIN SA EM4350A6WS11 Datasheet HTML 2Page - EM Microelectronic - MARIN SA EM4350A6WS11 Datasheet HTML 3Page - EM Microelectronic - MARIN SA EM4350A6WS11 Datasheet HTML 4Page - EM Microelectronic - MARIN SA EM4350A6WS11 Datasheet HTML 5Page - EM Microelectronic - MARIN SA EM4350A6WS11 Datasheet HTML 6Page - EM Microelectronic - MARIN SA EM4350A6WS11 Datasheet HTML 7Page - EM Microelectronic - MARIN SA EM4350A6WS11 Datasheet HTML 8Page - EM Microelectronic - MARIN SA EM4350A6WS11 Datasheet HTML 9Page - EM Microelectronic - MARIN SA Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 14 page
background image
R
EM4150
EM4350
Block Diagram
Control
Logic
Modulator
Encoder
Power
Control
Clock
Extractor
Sequencer
Data
Extractor
Command
Decoder
EEPROM
ROM
+V
GND
Coil 2
Coil 1
Serial Data
Reset
Write Enable
Cs
Cr
AC/DC
converte
r
Voltage
Regulation
VDD
Fig. 4
Functional Description
General
The EM4150 is supplied by means of an electromagnetic
field induced on the attached coil. The AC voltage is
rectified in order to provide a DC internal supply voltage.
When the DC voltage crosses the Power-On level, the
chip enters the Standard Read Mode and sends data
continuously. The data to be sent in this mode is user
defined by storing the first and last addresses to be
output. When the last address is sent, the chip will
continue with the first address until the transceiver sends
a request. In the read mode, a Listen Window (LIW) is
generated before each word. During this time, the
EM4150 will turn to the Receive Mode (RM) if it receives
a valid RM pattern. The chip then expects a valid
command.
Mode of Operation
Standard
Read Mode
Send word
Power-On
Write Word
Write Password
Selective Read
Login
Yes
No
Receive
Mode
request ?
Reset
Get Command
Execute Command
Init
Fig. 5
Memory Organisation
The 1024 bit EEPROM is organised in 32 words of 32
bits. The first three words are assigned to the Password,
the Protection word, and the Control word. In order to
write one of these three words, it is necessary to send
the valid password. At fabrication, the EM4150 comes
with all bits of the password programmed to a logic "0".
The Password cannot be read out. The memory contains
two extra words of Laser ROM. These words are laser
programmed during fabrication for every chip, are unique
and cannot be altered.
Memory Map
Protection Word
0 - 7
8 - 15
16 - 23
24 - 31
Password
Write Only - NO Read Access
Device Identification Word &
Serial Number Word
Laser Programmed - Read Only
First Word Read Protected
Last Word Read Protected
First Word Write Inhibited
Last Word Write Inhibited
Control Word
First Word Read
Last Word Read
Password Check On/Off
Read After Write On/Off
User available
0 - 7
8 - 15
16
17
18 - 31
On means bit set to logic '1'
Off means bit set to logic '0'
Bit 0
Bit 31
928 Bits of USER
EEPROM
PASSWORD
PROTECTION WORD
CONTROL WORD
DEVICE SERIAL NUMBER
DEVICE IDENTIFICATION
Word 0
1
2
31
32
33
EE
EE
EE
EE
Laser
Laser
Fig. 6
Copyright
© 2004, EM Microelectronic-Marin SA
4
www.emmicroelectronic.com


Similar Part No. - EM4350A6WS11

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
EM430F5137RF900 TI-EM430F5137RF900 Datasheet
6Mb / 138P
[Old version datasheet]   MSP430 Hardware Tools User Guide
EM430F6137RF900 TI-EM430F6137RF900 Datasheet
6Mb / 138P
[Old version datasheet]   MSP430 Hardware Tools User Guide
logo
EM Microelectronic - MA...
EM4324 EMMICRO-EM4324 Datasheet
57Kb / 1P
   1 kbit Read/Write, ISO 18000-6C / EPC C-1 G-2 Passive / Battery-assisted Passive Contactless IC
logo
List of Unclassifed Man...
EM4325 ETC1-EM4325 Datasheet
1Mb / 67P
   18000-63 Type C (Gen2) and 18000-63 Type C / 18000-64 Type D (Gen2/TOTAL) RFID IC
logo
EM Microelectronic - MA...
EM4369 EMMICRO-EM4369 Datasheet
121Kb / 1P
   512 bit Read/Write Contactless Identification Device
More results

Similar Description - EM4350A6WS11

ManufacturerPart #DatasheetDescription
logo
EM Microelectronic - MA...
EM4450 EMMICRO-EM4450 Datasheet
234Kb / 16P
   1 KBit Read/Write Contactless Identification Device
EM4569 EMMICRO-EM4569 Datasheet
50Kb / 1P
   512 bit Read/Write Contactless Identification Device
EM4170 EMMICRO-EM4170 Datasheet
143Kb / 13P
   125kHz CRYPTO READ/WRITE Contactless Identification Device
EM4269 EMMICRO-EM4269 Datasheet
54Kb / 1P
   512 bit Read/Write Contactless Identification Device
EM4369 EMMICRO-EM4369 Datasheet
121Kb / 1P
   512 bit Read/Write Contactless Identification Device
EM4056 EMMICRO-EM4056 Datasheet
145Kb / 14P
   2KBIT Read/Write with ANTICOLLISION Contactless Identification Device
EM4055 EMMICRO-EM4055 Datasheet
23Kb / 1P
   1KBIT Read/Write Contactless Identification Device with anticollision
EM4102 EMMICRO-EM4102 Datasheet
133Kb / 7P
   Read Only Contactless Identification Device
H4001 EMMICRO-H4001 Datasheet
127Kb / 5P
   READ-ONLY CONTACTLESS IDENTIFICATION DEVICE
EM4026 EMMICRO-EM4026 Datasheet
129Kb / 1P
   Read only Contactless Identification Device
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com