Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

EM4169A5WS7E Datasheet(PDF) 1 Page - EM Microelectronic - MARIN SA

Part # EM4169A5WS7E
Description  128 bit Read/Write Contactless Identification Device with OTP function
Download  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  EMMICRO [EM Microelectronic - MARIN SA]
Direct Link  http://www.emmicroelectronic.com
Logo EMMICRO - EM Microelectronic - MARIN SA

EM4169A5WS7E Datasheet(HTML) 1 Page - EM Microelectronic - MARIN SA

  EM4169A5WS7E Datasheet HTML 1Page - EM Microelectronic - MARIN SA EM4169A5WS7E Datasheet HTML 2Page - EM Microelectronic - MARIN SA EM4169A5WS7E Datasheet HTML 3Page - EM Microelectronic - MARIN SA EM4169A5WS7E Datasheet HTML 4Page - EM Microelectronic - MARIN SA EM4169A5WS7E Datasheet HTML 5Page - EM Microelectronic - MARIN SA EM4169A5WS7E Datasheet HTML 6Page - EM Microelectronic - MARIN SA EM4169A5WS7E Datasheet HTML 7Page - EM Microelectronic - MARIN SA EM4169A5WS7E Datasheet HTML 8Page - EM Microelectronic - MARIN SA EM4169A5WS7E Datasheet HTML 9Page - EM Microelectronic - MARIN SA Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 15 page
background image
EM4069
EM4169
Copyright
 2003, EM Microelectronic-Marin SA
1
www.emmicroelectronic.com
128 bit Read/Write Contactless Identification Device
with OTP function
Description
EM4069 (previously named P4069) is a CMOS integrated
circuit intended for use in electronic Read/Write RF
transponders, with an optional lock function to disable
EEPROM write operations.
The IC is powered by picking the energy from a
continuous 125 kHz magnetic field via an external coil,
which together with the integrated capacitor form a
resonant circuit. The IC read out data’s from its internal
EEPROM or ROM and sends it out by switching on and
off a resistive load in parallel to the coil. Commands and
EEPROM data updates can be executed by AM
modulation of the 125 kHz magnetic field.
At power–up the EM4069 goes in default mode in which it
constantly (without any pause) transmits 128 bits from the
EEPROM. Upon transmission of a specific command, the
64 bits unique laser code is output. Additional commands
for writing and lock data in EEPROM are available.
The EM4169 (previously named P4169) is the same
device but with large bumps (mega pads) as indicated on
page 13 of this data sheet. All specified parameters and
descriptions are applicable for the EM4169 device.
Features
128 bit EEPROM organized in 8 words of 16 bits
64 bit fixed code memory array laser programmed
OTP feature convert EEPROM words in read only
Power on Reset sequence
Power-check for EEPROM write operation
Data
transmission
performed
by
Amplitude
Modulation (IC to reader and reader to IC)
Data encoding : Manchester or BI-Phase (FDX-B)
Transmission reader to chip: typically 65% AM
modulation
Data rate : 64 or 32 RF field periods per bit
(2 kBaud or 4 kBaud at 125 kHz)
78 pF resonant capacitor integrated on chip
100 to 150 kHz frequency range
On-chip rectifier and voltage limiter
No external supply buffer capacitor needed
-40 to +85
°C temperature range
Very low Power consumption
Applications
Access Control
Animal Identification
Material Logistics
Typical Operating Configuration
VSS
L
C1
Typical value for inductance L is 20.7mH at fO = 125KHz
EM4069
Fig. 1
Pin Assignment
EM4069
C1
VSS
Fig. 2
EM MICROELECTRONIC - MARIN SA


Similar Part No. - EM4169A5WS7E

ManufacturerPart #DatasheetDescription
logo
EM Microelectronic - MA...
EM4100 EMMICRO-EM4100 Datasheet
260Kb / 9P
   Read Only Contactless Identification Device
EM4100A5CB2RC EMMICRO-EM4100A5CB2RC Datasheet
260Kb / 9P
   Read Only Contactless Identification Device
EM4100A5CI2LB EMMICRO-EM4100A5CI2LB Datasheet
260Kb / 9P
   Read Only Contactless Identification Device
EM4100A5CI2LC EMMICRO-EM4100A5CI2LC Datasheet
260Kb / 9P
   Read Only Contactless Identification Device
EM4100A5WP11 EMMICRO-EM4100A5WP11 Datasheet
260Kb / 9P
   Read Only Contactless Identification Device
More results

Similar Description - EM4169A5WS7E

ManufacturerPart #DatasheetDescription
logo
EM Microelectronic - MA...
EM4569 EMMICRO-EM4569 Datasheet
50Kb / 1P
   512 bit Read/Write Contactless Identification Device
EM4269 EMMICRO-EM4269 Datasheet
54Kb / 1P
   512 bit Read/Write Contactless Identification Device
EM4369 EMMICRO-EM4369 Datasheet
121Kb / 1P
   512 bit Read/Write Contactless Identification Device
EM4056 EMMICRO-EM4056 Datasheet
145Kb / 14P
   2KBIT Read/Write with ANTICOLLISION Contactless Identification Device
EM4450 EMMICRO-EM4450 Datasheet
234Kb / 16P
   1 KBit Read/Write Contactless Identification Device
EM4055 EMMICRO-EM4055 Datasheet
23Kb / 1P
   1KBIT Read/Write Contactless Identification Device with anticollision
EM4150 EMMICRO-EM4150 Datasheet
561Kb / 14P
   1 KBit READ / WRITE CONTACTLESS IDENTIFICATION DEVICE
EM4170 EMMICRO-EM4170 Datasheet
143Kb / 13P
   125kHz CRYPTO READ/WRITE Contactless Identification Device
EM4200 EMMICRO-EM4200 Datasheet
52Kb / 1P
   128 bit Read Only Low Frequency Contactless Identification Device
EM4133 EMMICRO-EM4133 Datasheet
66Kb / 1P
   512 bit Read/Write, ISO15693 Standard Compliant Contactless RW Identification Device
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com