Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

SC2128C-C41D Datasheet(PDF) 1 Page - Silan Microelectronics Joint-stock

Part # SC2128C-C41D
Description  REMOTE FAN CONTROL IC
Download  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SILAN [Silan Microelectronics Joint-stock]
Direct Link  http://www.silan.com.cn
Logo SILAN - Silan Microelectronics Joint-stock

SC2128C-C41D Datasheet(HTML) 1 Page - Silan Microelectronics Joint-stock

  SC2128C-C41D Datasheet HTML 1Page - Silan Microelectronics Joint-stock SC2128C-C41D Datasheet HTML 2Page - Silan Microelectronics Joint-stock SC2128C-C41D Datasheet HTML 3Page - Silan Microelectronics Joint-stock SC2128C-C41D Datasheet HTML 4Page - Silan Microelectronics Joint-stock SC2128C-C41D Datasheet HTML 5Page - Silan Microelectronics Joint-stock SC2128C-C41D Datasheet HTML 6Page - Silan Microelectronics Joint-stock SC2128C-C41D Datasheet HTML 7Page - Silan Microelectronics Joint-stock SC2128C-C41D Datasheet HTML 8Page - Silan Microelectronics Joint-stock SC2128C-C41D Datasheet HTML 9Page - Silan Microelectronics Joint-stock Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 13 page
background image
Silan
Semiconductors
SC2128C
HANGZHOU SILAN MICROELECTRONICS JOINT-STOCK CO.,LTD
Rev: 1.1
2001.09.26
1
REMOTE FAN CONTROL IC
DESCRIPTION
The SC2128C is a high performance electronic fan controller LSI,
Speed control, off-timer, rhythm wind, sleep mode, head swing
and/or light control are all built into a single chip. Indicator LED
output, buzzer output, key control input, as well as remote control
decoding circuitry are all provided to build a full function electronic
fan with remote control capability having the highest performance
with the least external components. Pin assignment and application
circuit are optimized for easy PCB layout and cost saving for
electronic fan application.
FEATURES
* High performance CMOS Technology
* Low power consumption
* Optional independent light control
* 90 seconds cycle/6 seconds per step(off step 3 seconds) rhythm
wind pattern
* Built-in remote control decoding circuitry with mask option
custom code
* Available in 16,18,20,22,24 pin package for none, one set or two
sets of swing head and/or light control
* Two sets of swing head and/or light control
* Three operation modes: ordinary, rhythm and rhythm sleep.
DIP-24-300-2.54
APPLICATIONS
* Optimized for fan application
* Suitable for heater fan, cooling fan,
and other home appliances with remote
control, timer and/or output level control
PIN CONFIGURATION
SC2128C
20
19
18
17
5
6
7
8
16
15
14
13
12
11
10
9
NC
REMOTE
OSCI
OSCO
VDD
OFF/BUZZ
SPEED
MODE
LORD
COM
LED3
LED2
LED1
LIT
SO1
TIMER
1
2
3
4
24
23
22
21
SO2
ST
MI
LO
NC
VSS
LIGHT
SW1


Similar Part No. - SC2128C-C41D

ManufacturerPart #DatasheetDescription
logo
Silan Microelectronics ...
SC2128A SILAN-SC2128A Datasheet
221Kb / 15P
   REMOTE FAN CONTROL IC
SC2128A-C20B SILAN-SC2128A-C20B Datasheet
221Kb / 15P
   REMOTE FAN CONTROL IC
SC2128A-C20D SILAN-SC2128A-C20D Datasheet
221Kb / 15P
   REMOTE FAN CONTROL IC
SC2128A-C20S SILAN-SC2128A-C20S Datasheet
221Kb / 15P
   REMOTE FAN CONTROL IC
SC2128A-C21B SILAN-SC2128A-C21B Datasheet
221Kb / 15P
   REMOTE FAN CONTROL IC
More results

Similar Description - SC2128C-C41D

ManufacturerPart #DatasheetDescription
logo
Silan Microelectronics ...
SC2128A SILAN-SC2128A Datasheet
221Kb / 15P
   REMOTE FAN CONTROL IC
logo
Unisonic Technologies
RBA8206 UTC-RBA8206_15 Datasheet
171Kb / 7P
   REMOTE FAN CONTROL IC
RBA8206 UTC-RBA8206 Datasheet
171Kb / 7P
   REMOTE FAN CONTROL IC
logo
Silan Microelectronics ...
SC8206 SILAN-SC8206 Datasheet
342Kb / 8P
   REMOTE FAN CONTROL IC
logo
Princeton Technology Co...
PT2275 PTC-PT2275 Datasheet
228Kb / 4P
   Fan Remote Control
logo
MOSDESIGN SEMICONDUCTOR...
M75104 MOSDESIGN-M75104 Datasheet
151Kb / 2P
   REMOTE FAN CONTROL
2003-07-21
logo
Silan Microelectronics ...
SC5104 SILAN-SC5104 Datasheet
528Kb / 7P
   FAN REMOTE CONTROL ENCODER
logo
Unisonic Technologies
RBA5104 UTC-RBA5104 Datasheet
151Kb / 4P
   FAN REMOTE CONTROL ENCODER
logo
Princeton Technology Co...
PT2129A PTC-PT2129A Datasheet
548Kb / 6P
   Remote Fan Controller IC?
PT2128A PTC-PT2128A Datasheet
408Kb / 5P
   Remote Fan Controller IC
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com