Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

EM4069A5WT7E Datasheet(PDF) 6 Page - EM Microelectronic - MARIN SA

Part # EM4069A5WT7E
Description  128 bit Read/Write Contactless Identification Device with OTP function
Download  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  EMMICRO [EM Microelectronic - MARIN SA]
Direct Link  http://www.emmicroelectronic.com
Logo EMMICRO - EM Microelectronic - MARIN SA

EM4069A5WT7E Datasheet(HTML) 6 Page - EM Microelectronic - MARIN SA

Back Button EM4069A5WT7E Datasheet HTML 2Page - EM Microelectronic - MARIN SA EM4069A5WT7E Datasheet HTML 3Page - EM Microelectronic - MARIN SA EM4069A5WT7E Datasheet HTML 4Page - EM Microelectronic - MARIN SA EM4069A5WT7E Datasheet HTML 5Page - EM Microelectronic - MARIN SA EM4069A5WT7E Datasheet HTML 6Page - EM Microelectronic - MARIN SA EM4069A5WT7E Datasheet HTML 7Page - EM Microelectronic - MARIN SA EM4069A5WT7E Datasheet HTML 8Page - EM Microelectronic - MARIN SA EM4069A5WT7E Datasheet HTML 9Page - EM Microelectronic - MARIN SA EM4069A5WT7E Datasheet HTML 10Page - EM Microelectronic - MARIN SA Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 15 page
background image
EM4069
EM4169
Copyright
 2003, EM Microelectronic-Marin SA
6
www.emmicroelectronic.com
EEPROM organization
The EEPROM is organized in 8 words of 16 bits. EEPROM words are counted from 0 to 7. Bits in an EEPROM word are counted
from 0 to 15. When EEPROM readout is initiated (after POR or after return from command to read mode) read out is started from
word 0 and increments to word 7. Readout in a word is started by bit 0 and then increments up to bit 15. After word 7 bit 15 is
read readout continues with word 0 bit 0 without any pause. So it is very important to organize data written in EEPROM in a way
that reader can detect the position of bits in data stream. For Manchester encoding Word 0 and word 4 are factory programmed
and locked (see figure 7a), for BI-phase encoding the 8 words are user free (see figure 7b and 7c). Following tables show how
standard versions are factory programmed.
EEPROM Configuration for Manchester encoding (Version 1 and 11)
Word name
Bit 0
Bit 1
Bit 2
Bit 3
Bit 4
Bit 5
Bit 6
Bit 7
Bit 8
Bit 9
Bit 10 Bit 11 Bit 12 Bit 13 Bit 14 Bit 15
0
011
1111
1111
1101
1
1
000
1000
0000
0000
0
2
000
0000
0000
0000
0
3
000
0000
0000
0011
0
4
011
1111
1111
1101
1
5
000
1000
0000
0000
0
6
000
0000
0000
0000
0
7
000
0000
0000
0011
0
Configuration
100
0100
0111
1111
1
Fig. 7a
EEPROM Configuration for BI-phase encoding and 64 RF cycles/bit data rate (Version 21)
Word name
Bit 0
Bit 1
Bit 2
Bit 3
Bit 4
Bit 5
Bit 6
Bit 7
Bit 8
Bit 9
Bit 10 Bit 11 Bit 12 Bit 13 Bit 14 Bit 15
0
111
1111
1100
1000
0
1
000
1101
0000
0000
1
2
101
1100
0110
0100
1
3
010
0010
0011
0010
1
4
111
1111
1100
1000
0
5
000
1101
0000
0000
1
6
101
1100
0110
0100
1
7
010
0010
0011
0010
1
Configuration
000
0000
0111
1111
1
Fig. 7b
EEPROM Configuration for BI-phase encoding and 32 RF cycles /bit data rate (Version 31)
Word name
Bit 0
Bit 1
Bit 2
Bit 3
Bit 4
Bit 5
Bit 6
Bit 7
Bit 8
Bit 9
Bit 10 Bit 11 Bit 12 Bit 13 Bit 14 Bit 15
0
011
1111
1111
1101
1
1
000
1000
0000
0000
0
2
000
0000
0000
0000
0
3
000
0000
0000
0011
0
4
011
1111
1111
1101
1
5
000
1000
0000
0000
0
6
000
0000
0000
0000
0
7
000
0000
0000
0011
0
Configuration
000
0000
0111
1111
1
Fig. 7c


Similar Part No. - EM4069A5WT7E

ManufacturerPart #DatasheetDescription
logo
MRV Communications, Inc...
EM400-PS-AC MRV-EM400-PS-AC Datasheet
352Kb / 2P
   LambdaDriver Chassis - DWDM/CWDM Platform
EM400-PS-DC MRV-EM400-PS-DC Datasheet
352Kb / 2P
   LambdaDriver Chassis - DWDM/CWDM Platform
logo
EPCOS
EM4000XS EPCOS-EM4000XS Datasheet
123Kb / 4P
   Surge arrester 2-electrode arrester
logo
EM Microelectronic - MA...
EM4006 EMMICRO-EM4006 Datasheet
88Kb / 10P
   13.56 MHz 64 Data bit Read Only Contactless Identification Device
EM4006F9WP11 EMMICRO-EM4006F9WP11 Datasheet
88Kb / 10P
   13.56 MHz 64 Data bit Read Only Contactless Identification Device
More results

Similar Description - EM4069A5WT7E

ManufacturerPart #DatasheetDescription
logo
EM Microelectronic - MA...
EM4569 EMMICRO-EM4569 Datasheet
50Kb / 1P
   512 bit Read/Write Contactless Identification Device
EM4269 EMMICRO-EM4269 Datasheet
54Kb / 1P
   512 bit Read/Write Contactless Identification Device
EM4369 EMMICRO-EM4369 Datasheet
121Kb / 1P
   512 bit Read/Write Contactless Identification Device
EM4056 EMMICRO-EM4056 Datasheet
145Kb / 14P
   2KBIT Read/Write with ANTICOLLISION Contactless Identification Device
EM4450 EMMICRO-EM4450 Datasheet
234Kb / 16P
   1 KBit Read/Write Contactless Identification Device
EM4055 EMMICRO-EM4055 Datasheet
23Kb / 1P
   1KBIT Read/Write Contactless Identification Device with anticollision
EM4150 EMMICRO-EM4150 Datasheet
561Kb / 14P
   1 KBit READ / WRITE CONTACTLESS IDENTIFICATION DEVICE
EM4170 EMMICRO-EM4170 Datasheet
143Kb / 13P
   125kHz CRYPTO READ/WRITE Contactless Identification Device
EM4200 EMMICRO-EM4200 Datasheet
52Kb / 1P
   128 bit Read Only Low Frequency Contactless Identification Device
EM4133 EMMICRO-EM4133 Datasheet
66Kb / 1P
   512 bit Read/Write, ISO15693 Standard Compliant Contactless RW Identification Device
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com