Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

EM4223V4WS11 Datasheet(PDF) 10 Page - EM Microelectronic - MARIN SA

Part # EM4223V4WS11
Description  Read-only UHF Radio Frequency Identification Device
Download  29 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  EMMICRO [EM Microelectronic - MARIN SA]
Direct Link  http://www.emmicroelectronic.com
Logo EMMICRO - EM Microelectronic - MARIN SA

EM4223V4WS11 Datasheet(HTML) 10 Page - EM Microelectronic - MARIN SA

Back Button EM4223V4WS11 Datasheet HTML 6Page - EM Microelectronic - MARIN SA EM4223V4WS11 Datasheet HTML 7Page - EM Microelectronic - MARIN SA EM4223V4WS11 Datasheet HTML 8Page - EM Microelectronic - MARIN SA EM4223V4WS11 Datasheet HTML 9Page - EM Microelectronic - MARIN SA EM4223V4WS11 Datasheet HTML 10Page - EM Microelectronic - MARIN SA EM4223V4WS11 Datasheet HTML 11Page - EM Microelectronic - MARIN SA EM4223V4WS11 Datasheet HTML 12Page - EM Microelectronic - MARIN SA EM4223V4WS11 Datasheet HTML 13Page - EM Microelectronic - MARIN SA EM4223V4WS11 Datasheet HTML 14Page - EM Microelectronic - MARIN SA Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 29 page
background image
R
EM4223
Copyright
© 2005, EM Microelectronic-Marin SA
10
www.emmicroelectronic.com
NEXT_SLOT
Acknowledges the successful reception of a
Transponder transmission by the Reader when
valid ie. when received by a Transponder which
has just transmitted, and when the command is
received in the timing window and when the
Signature matches, causing the Transponder to
move from the ROUND_ACTIVE to the QUIET
states.
Causes a Transponder in the
ROUND_STANDBY state to move into the
ROUND_ACTIVE state.
Causes the Transponder Current Slot Counter
to increment by one.
Causes the Transponder to automatically start
a new Round by resetting its Current Slot
Counter and randomly selecting a new Reply
Slot when the Current Slot Counter has
reached the Round Size Value.
Acknowledges the successful reception of a
Transponder transmission by the Reader
when valid ie. when received by a
Transponder which has just transmitted, and
when the command is received in the timing
window and when the Signature matches,
causing the Transponder to move from the
ROUND_ACTIVE to the QUIET states.
Causes a Transponder in the
ROUND_STANDBY state to move into the
ROUND_ACTIVE state.
CLOSE_SLOT
Causes a Transponder in the
ROUND_STANDBY state to move into the
ROUND_ACTIVE state.
Causes the Transponder slot counter to
increment by one.
Causes the Transponder to automatically start
a new Round by resetting its Current Slot
Counter and randomly selecting a new Reply
Slot when the Current Slot Counter has
reached the Round Size Value.
Causes a Transponder in the
ROUND_STANDBY state to move into the
ROUND_ACTIVE state.
STANDBY_ROUND
Causes the Transponder to move to the
ROUND_STANDBY state, in which the
Transponder does not transmit its identity or
data.
Causes the Transponder to move to the
ROUND_STANDBY state, in which the
Transponder does not transmit its identity or
data. While in the ROUND_STANDBY state,
the random number generator for slot number
choosing is running so that transponder slots
are not synchronized and thus have maximum
spread and randomisation in the Transmit
times. When the Transponder exits the
ROUND_STANDBY state, it will wait until the
next internally generated slot time before re-
enabling its data transmit circuitry.
RESET_TO_READY
Moves the Transponder from its current state to
READY state.
Moves the Transponder from its current state
to READY state.
MUTE – this is not an actual
command but is an implied
command derived from the first
low-going pulse of any command.
Not used.
The Transponder will move to the
ROUND_STANDBY state upon reception of
the first low-going pulse of any command.
This could be any single pulse or the first
pulse of the SOF of a valid command. The
Transponder will continue to decode the
command and if the pulse turns out to be part
of a valid command, the Transponder will
move to either the READY or the
ROUND_ACTIVE state depending on the
actual command and the command
parameters. If the WUS bit = 0 the
Transponder will automatically leave the
ROUND_STANDBY state after a timeout
period of 2.5 X 176 tag bit periods has
elapsed since the last MUTE command (176
bits = maximum Data Message length).This
timeout will be reset each time a new implied
MUTE command is received.
Table 6– Command Operations


Similar Part No. - EM4223V4WS11

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
EM4223 ETC1-EM4223 Datasheet
84Kb / 1P
   Read-only UHF Radio Frequency Identification Device according to ISO IEC 18000-6
More results

Similar Description - EM4223V4WS11

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
EM4223 ETC1-EM4223 Datasheet
84Kb / 1P
   Read-only UHF Radio Frequency Identification Device according to ISO IEC 18000-6
logo
EM Microelectronic - MA...
EM4102 EMMICRO-EM4102 Datasheet
133Kb / 7P
   Read Only Contactless Identification Device
H4001 EMMICRO-H4001 Datasheet
127Kb / 5P
   READ-ONLY CONTACTLESS IDENTIFICATION DEVICE
EM4100 EMMICRO-EM4100 Datasheet
260Kb / 9P
   Read Only Contactless Identification Device
EM4026 EMMICRO-EM4026 Datasheet
129Kb / 1P
   Read only Contactless Identification Device
EM4200 EMMICRO-EM4200 Datasheet
52Kb / 1P
   128 bit Read Only Low Frequency Contactless Identification Device
EM4444 EMMICRO-EM4444 Datasheet
109Kb / 1P
   512 bit, Read/Write UHF Identification Device
EM4025 EMMICRO-EM4025 Datasheet
49Kb / 1P
   Read Only Contactless Identification Device with Anticollision
H4006 EMMICRO-H4006 Datasheet
257Kb / 10P
   13.56MHz 64 Data bit Read Only Contactless Identification Device
EM4006 EMMICRO-EM4006 Datasheet
88Kb / 10P
   13.56 MHz 64 Data bit Read Only Contactless Identification Device
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com