Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

EM4102C4WT11E Datasheet(PDF) 7 Page - EM Microelectronic - MARIN SA

Part # EM4102C4WT11E
Description  Read Only Contactless Identification Device
Download  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  EMMICRO [EM Microelectronic - MARIN SA]
Direct Link  http://www.emmicroelectronic.com
Logo EMMICRO - EM Microelectronic - MARIN SA

EM4102C4WT11E Datasheet(HTML) 7 Page - EM Microelectronic - MARIN SA

  EM4102C4WT11E Datasheet HTML 1Page - EM Microelectronic - MARIN SA EM4102C4WT11E Datasheet HTML 2Page - EM Microelectronic - MARIN SA EM4102C4WT11E Datasheet HTML 3Page - EM Microelectronic - MARIN SA EM4102C4WT11E Datasheet HTML 4Page - EM Microelectronic - MARIN SA EM4102C4WT11E Datasheet HTML 5Page - EM Microelectronic - MARIN SA EM4102C4WT11E Datasheet HTML 6Page - EM Microelectronic - MARIN SA EM4102C4WT11E Datasheet HTML 7Page - EM Microelectronic - MARIN SA  
Zoom Inzoom in Zoom Outzoom out
 7 / 7 page
background image
R
EM4102
Copyright © 2005, EM Microelectronic-Marin SA
7
www.emmicroelectronic.com
Ordering Information
Die Form
EM4102
-
Version:
Customer Version:
A6 = Manchester, 64 clocks per bit
%%% = only for custom specific version
A5 = Manchester, 32 clocks per bit
B6 = Bi-Phase, 64 clocks per bit
Bumping:
B5 = Bi-Phase, 32 clocks per bit
" " (blank) = no bumps
C4 = PSK, 16 clocks per bit
E = with Gold Bumps
Die form:
Thickness:
WW = Wafer
7 = 7 mils (178um)
WS = Sawn Wafer/Frame
11 = 11 mils (280um)
WT = Sticky Tape
WP = Waffle Pack (note 1)
%%%
A6 WS 11 E
This chart shows general offering; for detailed Part Number to order, please see the table “Standard Versions” below.
Remarks:
For ordering please use table of “Standard Version” table below.
For specifications of Delivery Form, including gold bumps, tape and bulk, as well as possible other delivery form or
packages, please contact EM Microelectronic-Marin S.A. Sales office.
Note 1: This is a non-standard package. Please contact EM Microelectronic-Marin S.A Sales office for availability.
Standard Versions:
The versions below are considered standards and should be readily available. For other versions or other delivery form,
please contact EM Microelectronic-Marin S.A. Please make sure to give complete part number when ordering, without
spacing.
Part Number
Bit coding
Cycle/bit
Card / Die Form
Delivery Form
/ bumping
EM4102A6WP11E
Manchester
64
Die in waffle pack, 11 mils
with gold bumps
EM4102A6WS11E
Manchester
64
Sawn wafer/Frame, 11 mils
with gold bumps
EM4102A6WT11E
Manchester
64
Die on sticky tape, 11 mils
with gold bumps
EM4102A6WW11E
Manchester
64
Unsawn wafer, 11 mils
with gold bumps
EM4102XXYYY-%%%
custom
custom
custom
custom
Product Support
Check our Web Site under Products/RF Identification section.
Questions can be sent to info@emmicroelectronic.com
EM Microelectronic-Marin SA (EM) makes no warranty for the use of its products, other than those expressly contained in the
Company's standard warranty which is detailed in EM's General Terms of Sale located on the Company's web site. EM assumes no
responsibility for any errors which may appear in this document, reserves the right to change devices or specifications detailed herein at
any time without notice, and does not make any commitment to update the information contained herein. No licenses to patents or other
intellectual property of EM are granted in connection with the sale of EM products, expressly or by implications. EM's products are not
authorized for use as components in life support devices or systems.
© EM Microelectronic-Marin SA, 02/05, Rev. F


Similar Part No. - EM4102C4WT11E

ManufacturerPart #DatasheetDescription
logo
EM Microelectronic - MA...
EM4100 EMMICRO-EM4100 Datasheet
260Kb / 9P
   Read Only Contactless Identification Device
EM4100A5CB2RC EMMICRO-EM4100A5CB2RC Datasheet
260Kb / 9P
   Read Only Contactless Identification Device
EM4100A5CI2LB EMMICRO-EM4100A5CI2LB Datasheet
260Kb / 9P
   Read Only Contactless Identification Device
EM4100A5CI2LC EMMICRO-EM4100A5CI2LC Datasheet
260Kb / 9P
   Read Only Contactless Identification Device
EM4100A5WP11 EMMICRO-EM4100A5WP11 Datasheet
260Kb / 9P
   Read Only Contactless Identification Device
More results

Similar Description - EM4102C4WT11E

ManufacturerPart #DatasheetDescription
logo
EM Microelectronic - MA...
H4001 EMMICRO-H4001 Datasheet
127Kb / 5P
   READ-ONLY CONTACTLESS IDENTIFICATION DEVICE
EM4100 EMMICRO-EM4100 Datasheet
260Kb / 9P
   Read Only Contactless Identification Device
EM4026 EMMICRO-EM4026 Datasheet
129Kb / 1P
   Read only Contactless Identification Device
EM4025 EMMICRO-EM4025 Datasheet
49Kb / 1P
   Read Only Contactless Identification Device with Anticollision
H4006 EMMICRO-H4006 Datasheet
257Kb / 10P
   13.56MHz 64 Data bit Read Only Contactless Identification Device
EM4200 EMMICRO-EM4200 Datasheet
52Kb / 1P
   128 bit Read Only Low Frequency Contactless Identification Device
EM4006 EMMICRO-EM4006 Datasheet
88Kb / 10P
   13.56 MHz 64 Data bit Read Only Contactless Identification Device
EM4033 EMMICRO-EM4033 Datasheet
63Kb / 1P
   64 bit Read Only ISO15693 Standard Compliant Contactless Identification Device
EM4450 EMMICRO-EM4450 Datasheet
234Kb / 16P
   1 KBit Read/Write Contactless Identification Device
EM4569 EMMICRO-EM4569 Datasheet
50Kb / 1P
   512 bit Read/Write Contactless Identification Device
More results


Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com