Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

74F646A Datasheet(PDF) 10 Page - NXP Semiconductors

Part # 74F646A
Description  Octal transceiver/register, non-inverting 3-State
Download  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHILIPS [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

74F646A Datasheet(HTML) 10 Page - NXP Semiconductors

Back Button 74F646A Datasheet HTML 6Page - NXP Semiconductors 74F646A Datasheet HTML 7Page - NXP Semiconductors 74F646A Datasheet HTML 8Page - NXP Semiconductors 74F646A Datasheet HTML 9Page - NXP Semiconductors 74F646A Datasheet HTML 10Page - NXP Semiconductors 74F646A Datasheet HTML 11Page - NXP Semiconductors 74F646A Datasheet HTML 12Page - NXP Semiconductors 74F646A Datasheet HTML 13Page - NXP Semiconductors 74F646A Datasheet HTML 14Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 16 page
background image
Philips Semiconductors
Product specification
74F646/A/74F648/A
Transceivers/registers
1990 Sep 25
10
AC ELECTRICAL CHARACTERISTICS FOR 74F646A
LIMITS
Tamb = +25°C
Tamb = 0°C to +70°C
SYMBOL
PARAMETER
TEST CONDITION
VCC = +5.0V
VCC = +5.0V ± 10%
UNIT
CL = 50pF, RL = 500Ω
CL = 50pF, RL = 500Ω
MIN
TYP
MAX
MIN
MAX
fmax
Maximum clock frequency
Waveform 1
165
185
150
MHz
tPLH
tPHL
Propagation delay
CPAB or CPBA to An or Bn
Waveform 1
5.5
4.5
7.0
7.0
10.5
9.5
4.5
4.0
11.0
10.0
ns
tPLH
tPHL
Propagation delay
An to Bn or Bn to An
Waveform 2
4.0
2.0
6.0
5.0
9.0
8.0
3.5
2.0
10.0
8.0
ns
tPLH
tPHL
Propagation delay
SAB or SBA to An or Bn
Waveform 2, 3
4.5
3.5
6.5
8.0
9.5
10.0
4.0
3.0
10.0
11.5
ns
tPZH
tPZL
Output enable time
OE to An or Bn
Waveform 5
Waveform 6
3.0
3.0
5.5
5.5
9.0
10.0
2.5
2.5
10.0
10.5
ns
tPZH
tPZL
Output enable time
DIR to An or Bn
Waveform 5
Waveform 6
3.0
3.5
5.0
6.0
8.0
8.5
3.0
3.0
8.5
9.5
ns
tPHZ
tPLZ
Output disable time
OE to An or Bn
Waveform 5
Waveform 6
1.5
2.5
4.0
5.5
6.5
8.0
1.0
2.0
8.0
9.5
ns
tPHZ
tPLZ
Output disable time
DIR to An or Bn
Waveform 5
Waveform 6
2.0
3.0
4.5
5.0
7.5
8.0
1.5
2.0
8.5
8.5
ns
AC SETUP REQUIREMENTS FOR 74F646A
LIMITS
Tamb = +25°C
Tamb = 0°C to +70°C
SYMBOL
PARAMETER
TEST CONDITION
VCC = +5.0V
VCC = +5.0V ± 10%
UNIT
CL = 50pF, RL = 500Ω
CL = 50pF, RL = 500Ω
MIN
TYP
MAX
MIN
MAX
tsu (H)
tsu (L)
Setup time, high or low
An or Bn to CPAB or CPBA
Waveform 4
3.5
4.0
4.0
4.5
ns
th (H)
th (L)
Hold time, high or low
An or Bn to CPAB or CPBA
Waveform 4
0
0
0
0
ns
tw (H)
tw (L)
Pulse width, high or low
CPAB or CPBA
Waveform 1
3.5
3.5
4.5
4.0
ns


Similar Part No. - 74F646A

ManufacturerPart #DatasheetDescription
logo
Fairchild Semiconductor
74F646 FAIRCHILD-74F646 Datasheet
78Kb / 9P
   Octal Transceiver/Register with 3-STATE Outputs
logo
National Semiconductor ...
74F646 NSC-74F646 Datasheet
216Kb / 12P
   Octal Transceiver/Register with TRI-STATE Outputs
logo
Fairchild Semiconductor
74F646 FAIRCHILD-74F646 Datasheet
71Kb / 6P
   Octal Transceiver/Register with 3-STATE Outputs
logo
National Semiconductor ...
74F646B NSC-74F646B Datasheet
216Kb / 12P
   Octal Transceiver/Register with TRI-STATE Outputs
74F646BFCQB NSC-74F646BFCQB Datasheet
216Kb / 12P
   Octal Transceiver/Register with TRI-STATE Outputs
More results

Similar Description - 74F646A

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
74ABT652A NXP-74ABT652A Datasheet
113Kb / 19P
   Octal transceiver/register; non-inverting; 3-state
Rev. 02-12 March 2010
74ABT652A PHILIPS-74ABT652A Datasheet
120Kb / 8P
   Octal transceiver/register, non-inverting 3-State
1995 Apr 19
74LVT652 PHILIPS-74LVT652 Datasheet
110Kb / 14P
   3.3V Octal transceiver/register, non-inverting 3-State
1998 Feb 19
74ABT648 PHILIPS-74ABT648 Datasheet
120Kb / 14P
   Octal transceiver/register, inverting 3-State
1998 Jun 08
74ABT651 PHILIPS-74ABT651 Datasheet
88Kb / 7P
   Octal transceiver/register, inverting 3-State
1995 Sep 06
logo
Motorola, Inc
MC74AC652 MOTOROLA-MC74AC652 Datasheet
233Kb / 8P
   OCTAL TRANSCEIVER/REGISTER WITH 3-STATE OUTPUTS (NON-INVERTING)
MC74AC646 MOTOROLA-MC74AC646 Datasheet
258Kb / 9P
   OCTAL TRANSCEIVER/REGISTER WITH 3-STATE OUTPUTS (NON-INVERTING)
logo
ON Semiconductor
MC74AC646 ONSEMI-MC74AC646 Datasheet
82Kb / 12P
   OCTAL TRANSCEIVER/REGISTER WITH 3-STATE OUTPUTS (NON-INVERTING)
May, 2001 ??Rev. 5
logo
NXP Semiconductors
74HC648 PHILIPS-74HC648 Datasheet
95Kb / 12P
   Octal bus transceiver/register; 3-state; inverting
December 1990
logo
Motorola, Inc
MC74AC648 MOTOROLA-MC74AC648 Datasheet
255Kb / 9P
   OCTAL TRANSCEIVER/REGISTER WITH 3-STATE OUTPUTS (INVERTING)
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com