Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

N74620N Datasheet(PDF) 7 Page - NXP Semiconductors

Part # N74620N
Description  Octal bus transceiver, inverting 3tate
Download  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHILIPS [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

N74620N Datasheet(HTML) 7 Page - NXP Semiconductors

Back Button N74620N Datasheet HTML 3Page - NXP Semiconductors N74620N Datasheet HTML 4Page - NXP Semiconductors N74620N Datasheet HTML 5Page - NXP Semiconductors N74620N Datasheet HTML 6Page - NXP Semiconductors N74620N Datasheet HTML 7Page - NXP Semiconductors N74620N Datasheet HTML 8Page - NXP Semiconductors N74620N Datasheet HTML 9Page - NXP Semiconductors N74620N Datasheet HTML 10Page - NXP Semiconductors N74620N Datasheet HTML 11Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 12 page
background image
Philips Semiconductors
Product specification
74F620/74F623
Transceivers
1990 Apr 6
7
AC ELECTRICAL CHARACTERISTICS – 74F620
LIMITS
SYMBOL
PARAMETER
TEST
CONDITION
VCC = +5V
Tamb = +25°C
CL = 50pF, RL = 500Ω
VCC = +5V ± 10%
Tamb = 0°C to +70°C
CL = 50pF, RL = 500Ω
UNIT
MIN
TYP
MAX
MIN
MAX
tPLH
tPHL
Propagation delay
An to Bn
Waveform 2
2.5
1.0
4.5
2.5
6.5
4.5
2.0
1.0
7.5
5.0
ns
tPLH
tPHL
Propagation delay
Bn to An
Waveform 2
2.5
1.0
4.5
2.5
6.5
4.5
2.0
1.0
7.5
5.0
ns
tPZH
tPZL
Output Enable time
to High or Low level, OEBA to An
Waveform 3
Waveform 4
3.0
4.0
7.5
7.5
10.5
10.5
2.5
3.5
11.5
11.5
ns
tPHZ
tPLZ
Output Disable time
to High or Low level, OEBA to An
Waveform 3
Waveform 4
2.5
2.0
4.5
4.5
7.5
7.0
2.0
1.5
8.0
7.5
ns
tPZH
tPZL
Output Enable time
to High or Low level, OEAB to Bn
Waveform 3
Waveform 4
4.5
4.5
7.5
7.5
10.5
10.0
4.0
4.0
11.5
11.0
ns
tPHZ
tPLZ
Output Disable time
to High or Low level, OEAB to Bn
Waveform 3
Waveform 4
3.0
4.0
6.5
6.5
9.5
9.5
2.5
3.5
10.5
10.5
ns
AC ELECTRICAL CHARACTERISTICS – 74F623
LIMITS
SYMBOL
PARAMETER
TEST
CONDITION
VCC = +5V
Tamb = +25°C
CL = 50pF, RL = 500Ω
VCC = +5V ± 10%
Tamb = 0°C to +70°C
CL = 50pF, RL = 500Ω
UNIT
MIN
TYP
MAX
MIN
MAX
tPLH
tPHL
Propagation delay
An to Bn
Waveform 1
2.0
3.0
4.0
5.0
5.5
7.0
2.0
2.5
6.5
7.5
ns
tPLH
tPHL
Propagation delay
Bn to An
Waveform 1
2.0
2.5
4.0
4.5
5.5
6.5
2.0
2.5
6.5
7.5
ns
tPZH
tPZL
Output Enable time
to High or Low level, OEBA to An
Waveform 3
Waveform 4
5.0
5.0
8.5
7.5
10.5
9.5
5.0
5.0
12.0
10.0
ns
tPHZ
tPLZ
Output Disable time
to High or Low level, OEBA to An
Waveform 3
Waveform 4
2.5
2.5
4.5
4.5
6.5
6.5
2.5
2.5
7.5
7.0
ns
tPZH
tPZL
Output Enable time
to High or Low level, OEAB to Bn
Waveform 3
Waveform 4
5.0
4.5
8.0
7.0
10.0
9.0
5.0
4.5
11.5
9.5
ns
tPHZ
tPLZ
Output Disable time
to High or Low level, OEAB to Bn
Waveform 3
Waveform 4
3.0
4.0
6.0
7.0
8.5
9.0
3.0
4.0
10.0
10.0
ns


Similar Part No. - N74620N

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
N74122 ETC1-N74122 Datasheet
178Kb / 3P
   RETRIGGERABLE MONOSTABLE MULTIVIBRATOR
N74122N ETC1-N74122N Datasheet
178Kb / 3P
   RETRIGGERABLE MONOSTABLE MULTIVIBRATOR
N74181N ETC1-N74181N Datasheet
814Kb / 8P
   74181, LS181, 5181 Arithmetic Logic Units 4-Blt Arithmetlc Loglc Unit Product Speciflcation
December 4, 1985
logo
NXP Semiconductors
N74374DB PHILIPS-N74374DB Datasheet
93Kb / 12P
   Octal transparent latch 3-State
1994 Dec 05
N74456D PHILIPS-N74456D Datasheet
104Kb / 12P
   Buffers/drivers
1999 Jan 08
More results

Similar Description - N74620N

ManufacturerPart #DatasheetDescription
logo
Fairchild Semiconductor
DM74ALS640A FAIRCHILD-DM74ALS640A Datasheet
48Kb / 4P
   Inverting Octal Bus Transceiver
logo
Intersil Corporation
82C87H INTERSIL-82C87H Datasheet
94Kb / 8P
   CMOS Octal Inverting Bus Transceiver
March 1997
logo
Renesas Technology Corp
82C87H RENESAS-82C87H Datasheet
192Kb / 8P
   CMOS Octal Inverting Bus Transceiver
March 1997
logo
NXP Semiconductors
74F640 PHILIPS-74F640 Datasheet
85Kb / 11P
   Octal bus transceiver, inverting 3-State
1989 Nov 27
logo
Integral Corp.
IN74AC640 INTEGRAL-IN74AC640 Datasheet
197Kb / 5P
   Octal 3-State Inverting Bus Transceiver
IN74LV640 INTEGRAL-IN74LV640 Datasheet
44Kb / 5P
   Octal 3-State Inverting Bus Transceiver
IN74LV620 INTEGRAL-IN74LV620 Datasheet
135Kb / 5P
   OCTAL 3-STATE INVERTING BUS TRANSCEIVER
logo
IK Semicon Co., Ltd
IN74LV620 IKSEMICON-IN74LV620 Datasheet
249Kb / 6P
   OCTAL 3-STATE INVERTING BUS TRANSCEIVER
logo
NXP Semiconductors
74HC640 PHILIPS-74HC640 Datasheet
47Kb / 6P
   Octal bus transceiver; 3-state; inverting
March 1988
logo
IK Semicon Co., Ltd
IN74LV640 IKSEMICON-IN74LV640 Datasheet
257Kb / 5P
   Octal 3-State Inverting Bus Transceiver
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com