Electronic Components Datasheet Search |
|
EM4100A5WT7E Datasheet(PDF) 5 Page - EM Microelectronic - MARIN SA |
|
EM4100A5WT7E Datasheet(HTML) 5 Page - EM Microelectronic - MARIN SA |
5 / 9 page R EM4100 Memory Array for Manchester & Bi-Phase encoding ICs The EM4100 contains 64 bits divided in five groups of information. 9 bits are used for the header, 10 row parity bits (P0-P9), 4 column parity bits (PC0-PC3), 40 data bits (D00-D93), and 1 stop bit set to logic 0. 1 1 1 1 1 1 1 1 1 9 header bits 8 version bits or D00 D01 D02 D03 P0 customer ID D10 D11 D12 D13 P1 D20 D21 D22 D23 P2 32 data bits D30 D31 D32 D33 P3 D40 D41 D42 D43 P4 D50 D51 D52 D53 P5 D60 D61 D62 D63 P6 D70 D71 D72 D73 P7 D80 D81 D82 D83 P8 D90 D91 D92 D93 P9 10 line parity PC0 PC1 PC2 PC3 S0 bits 4 column parity bits The header is composed of the 9 first bits which are all mask programmed to "1". Due to the data and parity organisation, this sequence cannot be reproduced in the data string. The header is followed by 10 groups of 4 data bits allowing 100 billion combinations and 1 even row parity bit. Then, the last group consists of 4 event column parity bits without row parity bit. S0 is a stop bit which is written to "0" Bits D00 to D03 and bits D10 to D13 are customer specific identification. These 64 bits are outputted serially in order to control the modulator. When the 64 bits data string is outputted, the output sequence is repeated continuously until power goes off. Memory Array for PSK encoding ICs The PSK coded IC's are programmed with odd parity for P0 and P1 and always with a logic zero. The parity bits from P2 to P9 are even. The column parity PC0 to PC3 are calculated including the version bits and are even parity bits. Code Description Manchester There is always a transition from ON to OFF or from OFF to ON in the middle of bit period. At the transition from logic bit “1” to logic bit “0” or logic bit “0” to logic bit “1” the phase change. Value high of data stream presented below modulator switch OFF, low represents switch ON (see Fig. 6). Biphase Code At the beginning of each bit, a transition will occur. A logic bit “1” will keep its state for the whole bit duration and a logic bit “0” will show a transition in the middle of the bit duration (see Fig. 7). PSK Code Modulation switch goes ON and OFF alternately every period of carrier frequency. When a phase shift occurs, a logical "0" is read from the memory. If no shift phase occurs after a data rate cycle, a logical "1" is read (see Fig. 8). Manchester Code X 1 1 1 1 1 1 1 1 1 0 1 0 1 0 0 0 1 1 0 Modulation control "low" means high current Binary data Memory output Modulator control Fig. 6 Copyright © 2004, EM Microelectronic-Marin SA 5 www.emmicroelectronic.com Biphase Code 0 110 1 001 Binary data Memory output Modulator control Modulation control "low" means high current Fig. 7 |
Similar Part No. - EM4100A5WT7E |
|
Similar Description - EM4100A5WT7E |
|
|
Link URL |
Privacy Policy |
ALLDATASHEET.NET |
Does ALLDATASHEET help your business so far? [ DONATE ] |
About Alldatasheet | Advertisement | Contact us | Privacy Policy | Link Exchange | Manufacturer List All Rights Reserved©Alldatasheet.com |
Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
Family Site : ic2ic.com |
icmetro.com |