Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

SL1215-330K2R3 Datasheet(PDF) 2 Page - TDK Electronics

Part # SL1215-330K2R3
Description  Inductors For Power Line Radial
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TDK [TDK Electronics]
Direct Link  http://www.tdk.com
Logo TDK - TDK Electronics

SL1215-330K2R3 Datasheet(HTML) 2 Page - TDK Electronics

  SL1215-330K2R3 Datasheet HTML 1Page - TDK Electronics SL1215-330K2R3 Datasheet HTML 2Page - TDK Electronics  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
• All specifications are subject to change without notice.
(2/2)
001-01 / 20030730 / e532_sl1215.fm
Inductors
SL Series SL1215 Type
For Power Line
Radial
SHAPES AND DIMENSIONS
WIRE TYPE (10 to 100µH)
LEAD TYPE (150 to 5600µH)
ELECTRICAL CHARACTERISTICS
Rated current: Value obtained when current flows and self-temperature has risen to 25°C.
• Test equipment Inductance:LCR METER YHP4261A, or equivalent
Rdc: MILLIOHM METER VP-2941A MATSUSHITA, or equivalent
TYPICAL ELECTRICAL CHARACTERISTICS
INDUCTANCE CHANGE vs. DC SUPERPOSITION
CHARACTERISTICS
Inductance
(
µH)
Inductance
tolerance
DC resistance
(
Ω)max.
Rated current(A)max.
Part No.
Lead wire style
Based on inductance
change
Based on
temperature rise
10
±10%
0.019
9.8
3.6
SL1215-100K3R6
Wire type
15
±10%
0.022
8.9
3.3
SL1215-150K3R3
Wire type
22
±10%
0.031
7.2
2.8
SL1215-220K2R8
Wire type
33
±10%
0.044
6
2.3
SL1215-330K2R3
Wire type
47
±10%
0.059
4.9
2
SL1215-470K2R0
Wire type
68
±10%
0.073
4.2
1.8
SL1215-680K1R8
Wire type
100
±10%
0.1
3.4
1.5
SL1215-101K1R5
Wire type
150
±10%
0.15
2.8
1.3
SL1215-151K1R3
Lead type
220
±10%
0.26
1.9
1
SL1215-221K1R0
Lead type
330
±10%
0.32
1.8
0.91
SL1215-331KR91
Lead type
470
±10%
0.48
1.6
0.72
SL1215-471KR72
Lead type
680
±10%
0.73
1.3
0.58
SL1215-681KR58
Lead type
1000
±10%
0.96
1.1
0.51
SL1215-102KR51
Lead type
1500
±10%
1.4
0.9
0.42
SL1215-152KR42
Lead type
2200
±10%
2.5
0.7
0.31
SL1215-222KR31
Lead type
3300
±10%
3.3
0.6
0.27
SL1215-332KR27
Lead type
5600
±10%
6.4
0.47
0.2
SL1215-562KR20
Lead type
ø12
±0.5
Winding start
mark
11typ.
Soldering
ø0.6 to 0.8
ø0.8
±0.05
ø12
±0.5
Winding start
mark
7.5
±0.8
Weight: 7g typ.
Dimensions in mm
DC current(A)
0.1
1
3
0.3
30
10
100
10
3
1
100
1000
300
10000
30
3000
1000
µH
470
µH
220
µH
100
µH
47
µH
22
µH
10
µH
2200
µH
A
L=0.1H C=20000µF
Test circuit
DC
Specimen
YHP model-4261A
or equivalent


Similar Part No. - SL1215-330K2R3

ManufacturerPart #DatasheetDescription
logo
AMETHERM Circuit Protec...
SL1215003 AMETHERM-SL1215003 Datasheet
29Kb / 1P
   Circuit Protection Thermistors
SL1215003-A AMETHERM-SL1215003-A Datasheet
29Kb / 1P
   Circuit Protection Thermistors
SL1215003-B AMETHERM-SL1215003-B Datasheet
29Kb / 1P
   Circuit Protection Thermistors
SL1215004 AMETHERM-SL1215004 Datasheet
29Kb / 1P
   Circuit Protection Thermistors
SL1215004 AMETHERM-SL1215004 Datasheet
31Kb / 2P
   Erin Landis
More results

Similar Description - SL1215-330K2R3

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
TSL1315 ETC-TSL1315 Datasheet
62Kb / 2P
   Inductors For Power Line Radial
logo
TDK Electronics
TSL1112RA-101K1R4-PF TDK-TSL1112RA-101K1R4-PF Datasheet
41Kb / 3P
   Inductors For Power Line Radial
TSL1315RA-222JR55-PF TDK-TSL1315RA-222JR55-PF Datasheet
39Kb / 2P
   Inductors For Power Line Radial
TSL0808RA-101KR80-PF TDK-TSL0808RA-101KR80-PF Datasheet
45Kb / 2P
   For Power Line Radial
TSL1112RA-1R0M7R7-PF TDK-TSL1112RA-1R0M7R7-PF Datasheet
41Kb / 3P
   For Power Line Radial
TSL0709 TDK-TSL0709 Datasheet
38Kb / 2P
   Inductors For Power Line Radial Televisions, VCRs, personal computers
ACL3225 TDK-ACL3225 Datasheet
43Kb / 3P
   INDUCTORS FOR POWER LINE SMD
logo
List of Unclassifed Man...
RLF12560 ETC-RLF12560 Datasheet
57Kb / 2P
   Inductors For Power Line SMD
logo
TDK Electronics
SLF TDK-SLF Datasheet
82Kb / 2P
   Inductors For Power Line SMD
VLF5014ST-2R2M2R3 TDK-VLF5014ST-2R2M2R3 Datasheet
85Kb / 2P
   SMD Inductors For Power Line
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com