Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

EM4069A6WT11E Datasheet(PDF) 11 Page - EM Microelectronic - MARIN SA

Part # EM4069A6WT11E
Description  128 bit Read/Write Contactless Identification Device with OTP function
Download  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  EMMICRO [EM Microelectronic - MARIN SA]
Direct Link  http://www.emmicroelectronic.com
Logo EMMICRO - EM Microelectronic - MARIN SA

EM4069A6WT11E Datasheet(HTML) 11 Page - EM Microelectronic - MARIN SA

Back Button EM4069A6WT11E Datasheet HTML 7Page - EM Microelectronic - MARIN SA EM4069A6WT11E Datasheet HTML 8Page - EM Microelectronic - MARIN SA EM4069A6WT11E Datasheet HTML 9Page - EM Microelectronic - MARIN SA EM4069A6WT11E Datasheet HTML 10Page - EM Microelectronic - MARIN SA EM4069A6WT11E Datasheet HTML 11Page - EM Microelectronic - MARIN SA EM4069A6WT11E Datasheet HTML 12Page - EM Microelectronic - MARIN SA EM4069A6WT11E Datasheet HTML 13Page - EM Microelectronic - MARIN SA EM4069A6WT11E Datasheet HTML 14Page - EM Microelectronic - MARIN SA EM4069A6WT11E Datasheet HTML 15Page - EM Microelectronic - MARIN SA  
Zoom Inzoom in Zoom Outzoom out
 11 / 15 page
background image
EM4069
EM4169
Copyright
 2003, EM Microelectronic-Marin SA
11
www.emmicroelectronic.com
The Write Configuration word command procedure is the
same as above, the only exception is that only CRC
verification and power check are done.
Writing to EEPROM lasts 20 ms.
After successful writing of EEPROM the IC sends an
acknowledge pattern to confirm the completion of writing.
Acknowledge pattern consists of switching the modulator
load ON and OFF with a signal period of 256
µs (Option 64
clocks/bit) or 128
µs (Option 32 clocks/bit) representing
half a bit period (a quarter of bit period ON, a quarter of bit
period OFF). Acknowledge pattern is transmitted during a
time equivalent to two bit periods. Pulses of this length do
not occur during data readout so the acknowledge pattern
is easily recognizable.
tRDB
tRDB
Acknowledge pattern
Fig. 13
After sending the acknowledge pattern the EM4069
transitions to the Start Bit Detection state and waits for the
start bit of next command. In this way, several words can
be written to EEPROM without returning in read mode after
every write. The value of the timer is 2 tRDB.
Disabling of Command Detection
In certain cases the IC logic blocks the detection of the
Synchronization pattern Envelope during one complete
readout cycle of 128 bits. This is valid in the following
cases :
at power up (after POR)
after a Reset command
after a time out occurs in the Start Bit Detection state
(only in the case the transition to Start Bit Detection
state was done from Read mode)
Details about command timing
Command timing is based on NRZ (non-return to zero)
modulation on the magnetic field (as shown in figure 11).
NRZ modulation is simple and leads to good results in
proximity of the reader. To send a bit-1, the reader does
not modulate the signal for a complete bit period, and to
send a bit-0, it modulates the carrier frequency during a
whole bit period.
Long streams of zeros (in write command data sequence
or CRC) reduce writing distance due to drop of supply
voltage under POR level, due to the long time the carrier
frequency is in LOW field mode.
The writing distance can be improved by using RTO (return
to one) modulation coding. Short burst of high field
(approximately 1/4 of bit period) during transmission of a
bit-0 to EM4069, recharge the on-board power supply
buffer capacitor. To operate in this way, it is important to be
synchronized with the sampling rate of the EM4069.
Figure 14 shows the processing of hexadecimal data “96”
in the write command string. The following signals are
drawn :
EM4069 : shows the modulator state. The “low” peak to
peak value indicates that the modulator load is connected,
and a “high” peak to peak value means that the modulator
load is disconnected.
NRZ : Reader generated field. Low field is forced when
sending a bit-0 and High field for a bit-1. The field is at the
same level for the whole bit duration.
RTO : Reader generated field as NRZ, with a burst of high
field during 1/4 period for the transmission of a bit-0.
At the beginning of timing diagram, the EM4069 is in start
bit detection state, modulator load and peak detector are
ON. When the start bit is detected, the logic transitions in
command processing state. 3/8 to 1/2 of a bit period after
beginning of start bit (T1), EM4069 starts putting the
modulator load half bit period OFF and half bit period ON.
The sample of field strength which gives to the logic the
value of bit is taken at the end of ON period.
Assuming that the start bit duration is 1 bit period, the
following bit samples are taken 3/8 to 1/2 of bit period after
start of each bit period. So during the last quarter of bit
period the field can be put high to recharge the EM4069
on-board capacitor.
The sampling point can be moved by changing the start bit
duration.


Similar Part No. - EM4069A6WT11E

ManufacturerPart #DatasheetDescription
logo
MRV Communications, Inc...
EM400-PS-AC MRV-EM400-PS-AC Datasheet
352Kb / 2P
   LambdaDriver Chassis - DWDM/CWDM Platform
EM400-PS-DC MRV-EM400-PS-DC Datasheet
352Kb / 2P
   LambdaDriver Chassis - DWDM/CWDM Platform
logo
EPCOS
EM4000XS EPCOS-EM4000XS Datasheet
123Kb / 4P
   Surge arrester 2-electrode arrester
logo
EM Microelectronic - MA...
EM4006 EMMICRO-EM4006 Datasheet
88Kb / 10P
   13.56 MHz 64 Data bit Read Only Contactless Identification Device
EM4006F9WP11 EMMICRO-EM4006F9WP11 Datasheet
88Kb / 10P
   13.56 MHz 64 Data bit Read Only Contactless Identification Device
More results

Similar Description - EM4069A6WT11E

ManufacturerPart #DatasheetDescription
logo
EM Microelectronic - MA...
EM4569 EMMICRO-EM4569 Datasheet
50Kb / 1P
   512 bit Read/Write Contactless Identification Device
EM4269 EMMICRO-EM4269 Datasheet
54Kb / 1P
   512 bit Read/Write Contactless Identification Device
EM4369 EMMICRO-EM4369 Datasheet
121Kb / 1P
   512 bit Read/Write Contactless Identification Device
EM4056 EMMICRO-EM4056 Datasheet
145Kb / 14P
   2KBIT Read/Write with ANTICOLLISION Contactless Identification Device
EM4450 EMMICRO-EM4450 Datasheet
234Kb / 16P
   1 KBit Read/Write Contactless Identification Device
EM4055 EMMICRO-EM4055 Datasheet
23Kb / 1P
   1KBIT Read/Write Contactless Identification Device with anticollision
EM4150 EMMICRO-EM4150 Datasheet
561Kb / 14P
   1 KBit READ / WRITE CONTACTLESS IDENTIFICATION DEVICE
EM4170 EMMICRO-EM4170 Datasheet
143Kb / 13P
   125kHz CRYPTO READ/WRITE Contactless Identification Device
EM4200 EMMICRO-EM4200 Datasheet
52Kb / 1P
   128 bit Read Only Low Frequency Contactless Identification Device
EM4133 EMMICRO-EM4133 Datasheet
66Kb / 1P
   512 bit Read/Write, ISO15693 Standard Compliant Contactless RW Identification Device
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com