Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

EM4100A5WS11E Datasheet(PDF) 9 Page - EM Microelectronic - MARIN SA

Part # EM4100A5WS11E
Description  Read Only Contactless Identification Device
Download  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  EMMICRO [EM Microelectronic - MARIN SA]
Direct Link  http://www.emmicroelectronic.com
Logo EMMICRO - EM Microelectronic - MARIN SA

EM4100A5WS11E Datasheet(HTML) 9 Page - EM Microelectronic - MARIN SA

  EM4100A5WS11E Datasheet HTML 1Page - EM Microelectronic - MARIN SA EM4100A5WS11E Datasheet HTML 2Page - EM Microelectronic - MARIN SA EM4100A5WS11E Datasheet HTML 3Page - EM Microelectronic - MARIN SA EM4100A5WS11E Datasheet HTML 4Page - EM Microelectronic - MARIN SA EM4100A5WS11E Datasheet HTML 5Page - EM Microelectronic - MARIN SA EM4100A5WS11E Datasheet HTML 6Page - EM Microelectronic - MARIN SA EM4100A5WS11E Datasheet HTML 7Page - EM Microelectronic - MARIN SA EM4100A5WS11E Datasheet HTML 8Page - EM Microelectronic - MARIN SA EM4100A5WS11E Datasheet HTML 9Page - EM Microelectronic - MARIN SA  
Zoom Inzoom in Zoom Outzoom out
 9 / 9 page
background image
R
EM4100
Standard Versions:
The versions below are considered standards and should be readily available. For other versions or other delivery form, please
contact EM Microelectronic-Marin S.A. Sales Office. Please make sure to give complete part number when ordering, without
spaces.
Part Number
Bit coding
Cycle/
bit
Package/Card/Die Form
Delivery Form
/ Bumping
EM4100A5CB2RC
Manchester
32
PCB Package, 2 pins
bulk
EM4100A5CI2LC
Manchester
32
CID package, 2 pins (length 2.5mm)
bulk
EM4100A6CB2RC
Manchester
64
PCB Package, 2 pins
bulk
EM4100A6CI2LB
Manchester
64
CID package, 2 pins (length 2.5mm)
tape
EM4100A6CI2LC
Manchester
64
CID package, 2 pins (length 2.5mm)
bulk
EM4100A6WP7
Manchester
64
Die in waffle pack, 7 mils
no bumps
EM4100A6WS7
Manchester
64
Sawn wafer, 7 mils
no bumps
EM4100A6WT7
Manchester
64
Die on sticky tape, 7 mils
no bumps
EM4100A6WW7
Manchester
64
Unsawn wafer, 7 mils
no bumps
EM4100B5CB2RC
Bi-phase
32
PCB Package, 2 pins
bulk
EM4100B5CI2LC
Bi-phase
32
CID package, 2 pins (length 2.5mm)
bulk
EM4100B6CB2RC
Bi-phase
64
PCB Package, 2 pins
bulk
EM4100B6CI2LC
Bi-phase
64
CID package, 2 pins (length 2.5mm)
bulk
EM4100C4WS11
PSK
16
Sawn wafer, 11 mils thickness
no bumps
EM4100XXYYY-%%%
custom
custom
custom
Product Support
Check our Web Site under Products/RF Identification section.
Questions can be sent to info@emmicroelectronic.com
EM Microelectronic-Marin SA cannot assume responsibility for use of any circuitry described other than circuitry entirely embodied in an EM
Microelectronic-Marin SA product. EM Microelectronic-Marin SA reserves the right to change the circuitry and specifications without notice at any
time. You are strongly urged to ensure that the information given has not been superseded by a more up-to-date version.
© EM Microelectronic-Marin SA, 0804 Rev. G
Copyright © 2004, EM Microelectronic-Marin SA
9
www.emmicroelectronic.com


Similar Part No. - EM4100A5WS11E

ManufacturerPart #DatasheetDescription
logo
EM Microelectronic - MA...
EM4102 EMMICRO-EM4102 Datasheet
133Kb / 7P
   Read Only Contactless Identification Device
EM4102A5WP11 EMMICRO-EM4102A5WP11 Datasheet
133Kb / 7P
   Read Only Contactless Identification Device
EM4102A5WP11E EMMICRO-EM4102A5WP11E Datasheet
133Kb / 7P
   Read Only Contactless Identification Device
EM4102A5WP7 EMMICRO-EM4102A5WP7 Datasheet
133Kb / 7P
   Read Only Contactless Identification Device
EM4102A5WP7E EMMICRO-EM4102A5WP7E Datasheet
133Kb / 7P
   Read Only Contactless Identification Device
More results

Similar Description - EM4100A5WS11E

ManufacturerPart #DatasheetDescription
logo
EM Microelectronic - MA...
EM4102 EMMICRO-EM4102 Datasheet
133Kb / 7P
   Read Only Contactless Identification Device
H4001 EMMICRO-H4001 Datasheet
127Kb / 5P
   READ-ONLY CONTACTLESS IDENTIFICATION DEVICE
EM4026 EMMICRO-EM4026 Datasheet
129Kb / 1P
   Read only Contactless Identification Device
EM4025 EMMICRO-EM4025 Datasheet
49Kb / 1P
   Read Only Contactless Identification Device with Anticollision
H4006 EMMICRO-H4006 Datasheet
257Kb / 10P
   13.56MHz 64 Data bit Read Only Contactless Identification Device
EM4200 EMMICRO-EM4200 Datasheet
52Kb / 1P
   128 bit Read Only Low Frequency Contactless Identification Device
EM4006 EMMICRO-EM4006 Datasheet
88Kb / 10P
   13.56 MHz 64 Data bit Read Only Contactless Identification Device
EM4033 EMMICRO-EM4033 Datasheet
63Kb / 1P
   64 bit Read Only ISO15693 Standard Compliant Contactless Identification Device
EM4450 EMMICRO-EM4450 Datasheet
234Kb / 16P
   1 KBit Read/Write Contactless Identification Device
EM4569 EMMICRO-EM4569 Datasheet
50Kb / 1P
   512 bit Read/Write Contactless Identification Device
More results


Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com