Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

EM4150A5WP27 Datasheet(PDF) 5 Page - EM Microelectronic - MARIN SA

Part # EM4150A5WP27
Description  1 KBit READ / WRITE CONTACTLESS IDENTIFICATION DEVICE
Download  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  EMMICRO [EM Microelectronic - MARIN SA]
Direct Link  http://www.emmicroelectronic.com
Logo EMMICRO - EM Microelectronic - MARIN SA

EM4150A5WP27 Datasheet(HTML) 5 Page - EM Microelectronic - MARIN SA

  EM4150A5WP27 Datasheet HTML 1Page - EM Microelectronic - MARIN SA EM4150A5WP27 Datasheet HTML 2Page - EM Microelectronic - MARIN SA EM4150A5WP27 Datasheet HTML 3Page - EM Microelectronic - MARIN SA EM4150A5WP27 Datasheet HTML 4Page - EM Microelectronic - MARIN SA EM4150A5WP27 Datasheet HTML 5Page - EM Microelectronic - MARIN SA EM4150A5WP27 Datasheet HTML 6Page - EM Microelectronic - MARIN SA EM4150A5WP27 Datasheet HTML 7Page - EM Microelectronic - MARIN SA EM4150A5WP27 Datasheet HTML 8Page - EM Microelectronic - MARIN SA EM4150A5WP27 Datasheet HTML 9Page - EM Microelectronic - MARIN SA Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 14 page
background image
R
EM4150
EM4350
Standard Read Mode
After a Power-On Reset and upon completion of a
command, the chip will execute the Standard Read
Mode, in which it will send data continuously, word by
word from the memory section defined between the First
Word Read (FWR) and Last Word Read (LWR). When
the last word is output, the chip will continue with the first
word until the transceiver sends a request. If FWR and
LWR are the same, the same word will be sent
repetitively. The Listen Window (LIW) is generated
before each word to check if the transceiver is sending
data. The LIW has a duration of 320 (160 opt 32) periods
of the RF field. FWR and LWR have to be programmed
as valid addresses (FWR ≤ LWR and ≤ 33).
The words sent by the EM4150 comprise 32 data bits
and parity bits. The parity bits are not stored in the
EEPROM, but generated while the message is sent as
described below. The parity is even for rows and
columns, meaning that the total number of "1's" is even
(including the parity bit).
Word Organisation (Words 0 to 32)
D0
D8
D16
D24
PC0
D1
D9
D17
D25
PC1
D2
D10
D18
D26
PC2
D3
D11
D19
D27
PC3
D4
D12
D20
D28
PC4
D5
D13
D21
D29
PC5
D6
D14
D22
D30
PC6
D7
D15
D23
D31
PC7
P0
P1
P2
P3
0
First bit output
Row Even Parity
Last bit output
logic "0"
Column Even Parity
Data
Fig. 7a
When a word is read protected, the output will consist of
45 bits set to logic "0". The password has to be used to
output correctly a read protected memory area.
Word Organisation (Word 33)
C0
ID2
R0
CK0
PC0
C1
ID3
R1
CK1
PC1
C2
ID4
R2
CK2
PC2
C3
ID5
R3
CK3
PC3
C4
ID6
R4
CK4
PC4
C5
ID7
R5
CK5
PC5
ID0
ID8
R6
CK6
PC6
ID1
ID9
R7
CK7
PC7
P0
P1
P2
P3
0
: P4150 Code set to Hexadecimal 32
: Version Code
: EM reserved, and Check bits
C0
ID0
R0
- C5
- ID9
- R7 / CK0 - CK7
Fig. 7b
Read Sequence
POR
OUTPUT
LIW
D0-D7
P0 D8-D15 P1 D16-D23 P2 D24-D31 P3 PC0-PC7 "0"
T0 = Period of RF carrier frequency
INIT
LIW
FWR
LIW FWR+1
LWR LIW
FWR
LIW
LIW
LIW
Coded Data
Data
1 bit - 64 T0 periods (Opt64)
32 T0 periods (Opt32)
T0 periods :
32 32
128
64
64
(Opt64)
16 16
64
32
32
(Opt32)
Fig. 8
Receive Mode
To activate the Receive Mode, the Transceiver sends to
the chip the RM pattern (while in the modulated phase of
a Listen Window LIW). The EM4150 will stop sending
data upon reception of a valid RM. The chip then expects
a command. The RM pattern consists of 2 bits "0" sent
by the transceiver. The first bit "0" transmitted is to be
detected during the 64 (32 opt 32) periods where the
modulation is "ON" in LIW.
OUTPUT
WORD n
LIW
INPUT
RM
COMMAND
RM : Two Consecutive bits set to logic "0"
Fig. 9
Commands
The commands are composed of nine bits : eight data
bits and one even parity bit (total amount of "ones" is
even including the parity bit).
LOGIN
WRITE PASSWORD
WRITE WORD
SELECTIVE READ MODE
RESET
0 0 0 0 0 0 0 1 1
0 0 0 1 0 0 0 1 0
0 0 0 1 0 0 1 0 0
0 0 0 0 1 0 1 0 0
1 0 0 0 0 0 0 0 1
COMMAND BITS
FUNCTION
Parity bit
First bit
Received
Fig. 10
Selective Read Mode
The Selective Read Mode is used to read other data than
that defined between FWR and LWR. To enter Selective
Read Mode, the Transceiver has to send during LIW a
Receive mode pattern (RM) to turn the EM4150 in
Receive Mode. Then the Selective Read Mode
Command is sent by the transceiver followed by the First
and Last addresses to be read. The FWR and LWR are
then replaced by the new addresses and the chip is
operating in the same way as the Standard Read Mode.
The control word is not modified by this command, and
the next standard read mode operation will work with
original FWR and LWR (Selected area is read once and
then the chip returns to Standard Read Mode).
To read words which are Read Protected, a Login
command has to be sent by the transceiver prior to the
Selective Read command. The Login command is to be
used only once for all subsequent commands requiring a
password.
Copyright
© 2004, EM Microelectronic-Marin SA
5
www.emmicroelectronic.com


Similar Part No. - EM4150A5WP27

ManufacturerPart #DatasheetDescription
logo
EM Microelectronic - MA...
EM4100 EMMICRO-EM4100 Datasheet
260Kb / 9P
   Read Only Contactless Identification Device
EM4100A5CB2RC EMMICRO-EM4100A5CB2RC Datasheet
260Kb / 9P
   Read Only Contactless Identification Device
EM4100A5CI2LB EMMICRO-EM4100A5CI2LB Datasheet
260Kb / 9P
   Read Only Contactless Identification Device
EM4100A5CI2LC EMMICRO-EM4100A5CI2LC Datasheet
260Kb / 9P
   Read Only Contactless Identification Device
EM4100A5WP11 EMMICRO-EM4100A5WP11 Datasheet
260Kb / 9P
   Read Only Contactless Identification Device
More results

Similar Description - EM4150A5WP27

ManufacturerPart #DatasheetDescription
logo
EM Microelectronic - MA...
EM4450 EMMICRO-EM4450 Datasheet
234Kb / 16P
   1 KBit Read/Write Contactless Identification Device
EM4569 EMMICRO-EM4569 Datasheet
50Kb / 1P
   512 bit Read/Write Contactless Identification Device
EM4170 EMMICRO-EM4170 Datasheet
143Kb / 13P
   125kHz CRYPTO READ/WRITE Contactless Identification Device
EM4269 EMMICRO-EM4269 Datasheet
54Kb / 1P
   512 bit Read/Write Contactless Identification Device
EM4369 EMMICRO-EM4369 Datasheet
121Kb / 1P
   512 bit Read/Write Contactless Identification Device
EM4056 EMMICRO-EM4056 Datasheet
145Kb / 14P
   2KBIT Read/Write with ANTICOLLISION Contactless Identification Device
EM4055 EMMICRO-EM4055 Datasheet
23Kb / 1P
   1KBIT Read/Write Contactless Identification Device with anticollision
EM4102 EMMICRO-EM4102 Datasheet
133Kb / 7P
   Read Only Contactless Identification Device
H4001 EMMICRO-H4001 Datasheet
127Kb / 5P
   READ-ONLY CONTACTLESS IDENTIFICATION DEVICE
EM4026 EMMICRO-EM4026 Datasheet
129Kb / 1P
   Read only Contactless Identification Device
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com