Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

SLD-1000 Datasheet(PDF) 3 Page - SIRENZA MICRODEVICES

Part # SLD-1000
Description  4 Watt Discrete LDMOS FET-Bare Die
Download  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SIRENZA [SIRENZA MICRODEVICES]
Direct Link  
Logo SIRENZA - SIRENZA MICRODEVICES

SLD-1000 Datasheet(HTML) 3 Page - SIRENZA MICRODEVICES

  SLD-1000 Datasheet HTML 1Page - SIRENZA MICRODEVICES SLD-1000 Datasheet HTML 2Page - SIRENZA MICRODEVICES SLD-1000 Datasheet HTML 3Page - SIRENZA MICRODEVICES SLD-1000 Datasheet HTML 4Page - SIRENZA MICRODEVICES SLD-1000 Datasheet HTML 5Page - SIRENZA MICRODEVICES  
Zoom Inzoom in Zoom Outzoom out
 3 / 5 page
background image
SLD-1000 10-2700 MHz 4 Watt LDMOS FET - Bare Die
303 S. Technology Court
Phone: (800) SMI-MMIC
http://www.sirenza.com
Broomfield, CO 80021
3
EDS-104291 Rev C
De-embedding Information
Description
Gate
Drain
Number of Bond Wires
2
3
Length of Bond Wires
0.040
0.040
Height of Bond Wires
0.006
0.006
Pitch of Bond Wires
0.005
0.005
Bond Wire Diameter
0.002
0.002
Zsource and Zload are the optimal impedances presented to the SLD-1000 when operating at 28V, Idq=30mA, Pout=3.5 W PEP.
Impedance Data
Frequency (MHz)
Zsource
Zload
880
2.7 + j 13.1
12.5 + j 22.5
960
1.9 + j 10.6
11.8 + j 18.3
1840
1.7 + j 3.4
1.0 + j 4.7
1960
1.3 + j 2.0
1.2 + j 5.7
2140
1.2 + j 0.7
1.7 + j 6.4
Zload
source
Z
Input
Matching
Network
Output
Matching
Network
Device
under test
Impedances Referenced to Wirebond/PCB Interface.
All Dimensions in Inches.
Wirebond Heights Referenced to Top Surface of Die.


Similar Part No. - SLD-1000

ManufacturerPart #DatasheetDescription
logo
SIRENZA MICRODEVICES
SLD-1026Z SIRENZA-SLD-1026Z Datasheet
822Kb / 21P
   3 Watt Discrete LDMOS Device Plastic Surface Mount Package
logo
List of Unclassifed Man...
SLD-1083CZ ETC1-SLD-1083CZ Datasheet
218Kb / 5P
   4 Watt Discrete LDMOS FET in Ceramic Package
logo
SIRENZA MICRODEVICES
SLD-1083CZ SIRENZA-SLD-1083CZ Datasheet
220Kb / 5P
   4 Watt Discrete LDMOS FET in Ceramic Package
More results

Similar Description - SLD-1000

ManufacturerPart #DatasheetDescription
logo
SIRENZA MICRODEVICES
SLD-2000 SIRENZA-SLD-2000 Datasheet
474Kb / 5P
   12 Watt Discrete LDMOS FET-Bare Die
logo
List of Unclassifed Man...
SLD-1083CZ ETC1-SLD-1083CZ Datasheet
218Kb / 5P
   4 Watt Discrete LDMOS FET in Ceramic Package
logo
SIRENZA MICRODEVICES
SLD-1083CZ SIRENZA-SLD-1083CZ Datasheet
220Kb / 5P
   4 Watt Discrete LDMOS FET in Ceramic Package
SLD-2083CZ SIRENZA-SLD-2083CZ Datasheet
278Kb / 6P
   12 Watt Discrete LDMOS FET in Ceramic Package
SLD-3091FZ SIRENZA-SLD-3091FZ Datasheet
356Kb / 8P
   30 Watt Discrete LDMOS FET in Ceramic Flanged Package
SLD-1026Z SIRENZA-SLD-1026Z Datasheet
822Kb / 21P
   3 Watt Discrete LDMOS Device Plastic Surface Mount Package
logo
List of Unclassifed Man...
0809LD60P ETC1-0809LD60P Datasheet
15Kb / 1P
   60 WATT, 28V, 1 GHz LDMOS FET
0809LD30 ETC1-0809LD30 Datasheet
16Kb / 1P
   30 WATT, 28V, 1 GHz LDMOS FET
0809LD30P ETC1-0809LD30P Datasheet
15Kb / 1P
   30 WATT, 28V, 1 GHz LDMOS FET
0809LD60 ETC1-0809LD60 Datasheet
16Kb / 1P
   60 WATT, 28V, 1 GHz LDMOS FET
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com