Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

EDI2AG272129V12D1 Datasheet(PDF) 3 Page - White Electronic Designs Corporation

Part # EDI2AG272129V12D1
Description  2 Megabyte Sync/Sync Burst, Small Outline DIMM
Download  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  WEDC [White Electronic Designs Corporation]
Direct Link  http://www.whiteedc.com
Logo WEDC - White Electronic Designs Corporation

EDI2AG272129V12D1 Datasheet(HTML) 3 Page - White Electronic Designs Corporation

  EDI2AG272129V12D1 Datasheet HTML 1Page - White Electronic Designs Corporation EDI2AG272129V12D1 Datasheet HTML 2Page - White Electronic Designs Corporation EDI2AG272129V12D1 Datasheet HTML 3Page - White Electronic Designs Corporation EDI2AG272129V12D1 Datasheet HTML 4Page - White Electronic Designs Corporation EDI2AG272129V12D1 Datasheet HTML 5Page - White Electronic Designs Corporation EDI2AG272129V12D1 Datasheet HTML 6Page - White Electronic Designs Corporation EDI2AG272129V12D1 Datasheet HTML 7Page - White Electronic Designs Corporation EDI2AG272129V12D1 Datasheet HTML 8Page - White Electronic Designs Corporation EDI2AG272129V12D1 Datasheet HTML 9Page - White Electronic Designs Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 11 page
background image
3
White Electronic Designs Corporation • (602) 437-1520 • www.whiteedc.com
White Electronic Designs
EDI2AG272129V
July 1999
Rev 1
ADVANCED
White Electronic Designs Corp. reserves the right to change products or specifications without notice.
FUNCTIONAL BLOCK DIAGRAM
ADSC#
ADSP#
ADV#
BWE#
CK
G#
GW#
A0-16
ADSC#
ADSP#
ADV#
BWE#
CK
G#
GW#
DQ
E#
BW#
E1#
BW1-4#
ADSC#
ADSP#
ADV#
BWE#
CK
G#
GW#
DQ
E#
BW#
ADSC#
ADSP#
ADV#
BWE#
CK
G#
GW#
DQ
E#
BW#
ADSC#
ADSP#
ADV#
BWE#
CK
G#
GW#
DQ
E#
BW#
U1
U2
U3
U4
E2#
BW5-8#
DQ0-31
DQP0-3
DQ32-63
DQP4-7
DQ32-63
DQP4-7
DQ0-31
DQP0-3


Similar Part No. - EDI2AG272129V12D1

ManufacturerPart #DatasheetDescription
logo
White Electronic Design...
EDI2AG272128V-D1 WEDC-EDI2AG272128V-D1 Datasheet
161Kb / 11P
   2 Megabyte Sync/Sync Burst, Small Outline DIMM
EDI2AG272128V10D1 WEDC-EDI2AG272128V10D1 Datasheet
161Kb / 11P
   2 Megabyte Sync/Sync Burst, Small Outline DIMM
EDI2AG272128V12D1 WEDC-EDI2AG272128V12D1 Datasheet
161Kb / 11P
   2 Megabyte Sync/Sync Burst, Small Outline DIMM
EDI2AG272128V85D1 WEDC-EDI2AG272128V85D1 Datasheet
161Kb / 11P
   2 Megabyte Sync/Sync Burst, Small Outline DIMM
EDI2AG272128V9D1 WEDC-EDI2AG272128V9D1 Datasheet
161Kb / 11P
   2 Megabyte Sync/Sync Burst, Small Outline DIMM
More results

Similar Description - EDI2AG272129V12D1

ManufacturerPart #DatasheetDescription
logo
White Electronic Design...
EDI2AG272128V-D1 WEDC-EDI2AG272128V-D1 Datasheet
161Kb / 11P
   2 Megabyte Sync/Sync Burst, Small Outline DIMM
EDI2CG472256V WEDC-EDI2CG472256V Datasheet
202Kb / 11P
   8 Megabyte Sync/Sync Burst, Dual Key DIMM
EDI2CG472128V WEDC-EDI2CG472128V Datasheet
191Kb / 11P
   4 Megabyte Sync/Sync Burst, Dual Key DIMM
EDI2CG272128V WEDC-EDI2CG272128V Datasheet
164Kb / 12P
   2x128Kx72, 3.3V Sync/Sync Burst SRAM SO-DIMM
WED2CG472512V-D2 WEDC-WED2CG472512V-D2 Datasheet
188Kb / 10P
   16MB (4x512Kx72) SYNC / SYNC BURST, DUAL KEY DIMM SRAM MODULE
WED2EG472512V-D2 WEDC-WED2EG472512V-D2 Datasheet
265Kb / 10P
   16MB (4x512Kx72) SYNC BURST PIPELINE, DUAL KEY DIMM
WED2DG472512V-D2 WEDC-WED2DG472512V-D2 Datasheet
181Kb / 10P
   16MB (4x512Kx72) SYNC BURST-PIPELINE, DUAL KEY DIMM
logo
GSI Technology
GS88037BT GSI-GS88037BT Datasheet
510Kb / 19P
   256K x 36 9Mb Sync Burst SRAM
GS816272C GSI-GS816272C Datasheet
1Mb / 31P
   256K x 72 18Mb Sync Burst SRAMs
GS880V37BT GSI-GS880V37BT Datasheet
489Kb / 18P
   256K x 36 9Mb Sync Burst SRAMs
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com