Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

EDI2CG472128V10D2 Datasheet(PDF) 4 Page - White Electronic Designs Corporation

Part # EDI2CG472128V10D2
Description  4 Megabyte Sync/Sync Burst, Dual Key DIMM
Download  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  WEDC [White Electronic Designs Corporation]
Direct Link  http://www.whiteedc.com
Logo WEDC - White Electronic Designs Corporation

EDI2CG472128V10D2 Datasheet(HTML) 4 Page - White Electronic Designs Corporation

  EDI2CG472128V10D2 Datasheet HTML 1Page - White Electronic Designs Corporation EDI2CG472128V10D2 Datasheet HTML 2Page - White Electronic Designs Corporation EDI2CG472128V10D2 Datasheet HTML 3Page - White Electronic Designs Corporation EDI2CG472128V10D2 Datasheet HTML 4Page - White Electronic Designs Corporation EDI2CG472128V10D2 Datasheet HTML 5Page - White Electronic Designs Corporation EDI2CG472128V10D2 Datasheet HTML 6Page - White Electronic Designs Corporation EDI2CG472128V10D2 Datasheet HTML 7Page - White Electronic Designs Corporation EDI2CG472128V10D2 Datasheet HTML 8Page - White Electronic Designs Corporation EDI2CG472128V10D2 Datasheet HTML 9Page - White Electronic Designs Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 11 page
background image
4
White Electronic Designs Corporation • (602) 437-1520 • www.whiteedc.com
White Electronic Designs
EDI2CG472128V
July 1999
Rev 1
ADVANCED
White Electronic Designs Corp. reserves the right to change products or specifications without notice.
PIN DESCRIPTIONS
DIMM Pins
Symbol
Type
Description
2, 87, 4, 89, 7, 92,
9, 94, 12, 96, 10,
93, 8, 91, 5, 88, 3
A0-A16
Input
Synchronous
Addresses: These inputs are registered and must meet the setup and hold times
around the rising edge of CK. The burst counter generates internal addresses
associated with A0 and A1, during burst and wait cycle.
107, 106, 23, 22,
109, 108, 25, 24
BW1#, BW2#,
BW3#, BW4#,
BW5#, BW6#,
BW7#, BW8#
Input
Synchronous
Byte Write: A byte write is LOW for a WRITE cycle and HIGH for a READ cycle.
BW0/ controls DQ0-7 and DQP0, BW1# controls DQ8-15 and DQP1.
BW2# controls DQ16-23 and DQP2. BW3# controls DQ24-31 and DQP3.
BW4# controls DQ32-39 and DQP4. BW5# controls DQ40-47 and DQP5.
BW6# controls DQ48-55 and DQP6. BW7# controls DQ56-64 and DQP7.
104
BWE#
Input
Synchronous
Write Enable: This active LOW input gates byte write operations and must meet the
setup and hold times around the rising edge of CK.
19
GW#
Input
Synchronous
Global Write: This active LOW input allows a full 72-bit WRITE to occur independent
of the BWE# and BWx# lines and must meet the setup and hold times around the
rising edge of CK.
101
CK
Input
Synchronous
Clock: This signal registers the addresses, data, chip enables, write control and
burst control inputs on its rising edge. All synchronous inputs must meet setup and
hold times around the clock’s rising edge.
98, 15, 99, 14
E1#, E2#,
E3#, E4#
Input
Synchronous
Bank Enables: These active LOW inputs are used to enable each individual bank
and to gate ADSP#.
103
G#
Input
Output Enable: This active LOW asynchronous input enables the data output drivers.
111
ADV#
Input
Synchronous
Address Status Processor: This active LOW input is used to control the internal burst
counter. A HIGH on this pin generates wait cycle (no address advance).
27
ADSP#
Input
Synchronous
Address Status Processor: This active LOW input, along with EL# and EH# being
LOW, causes a new external address to be registered and a READ cycle is initiated
using the new address.
26
ADSC#
Input
Synchronous
Address Status Controller: This active LOW input causes device to be de-selected or
selected along with new external address to be registered.
A READ or WRITE cycle is initiated depending upon write control inputs.
17
MODE
Input Static
Mode: This input selects the burst sequence. A LOW on this pin selects LINEAR
BURST. A NC or HIGH on this pin selects INTERLEAVED BURST.
36, 50,
64, 78
ZZ1, ZZ2,
ZZ3, ZZ4
Input
Asynchronous
Snooze: These active HIGH inputs put the individual banks in low power
consumption standby mode. For normal operation, this input has to be either
LOW or NC (no connect).
Various
DQ0-63
Input/Output
Data Inputs/Outputs: First byte is DQ0-7, second byte is DQ8-15, third byte is
DQ16-23, fourth byte is DQ24-31, fifth byte is DQ32-39, sixth byte is
DQ40-47, seventh byte is DQ48-55 and the eight byte is DQ56-64.
113, 120, 127, 134,
141, 148, 155, 162
DQP0-7
Input/Output
Parity Inputs/Outputs: DQP0 is parity bit for DQ0-7. DQP1 is parity bit for DQ8-15.
DQP2 is parity bit for DQ16-23. DQP3 is parity bit for DQ24-31. DQP4# is parity
bit for DQ-32-39. DQP5 is parity bit for DQ40-47. DQP6# is parity bit for DQ48-55.
DQP7 is parity bit for DQ56-64 and DQP7. In order to use the device configured as a
128K x 64, the parity bits need to be tied to VSS through a 10K ohm resistor.
Various
Vcc
Supply
Core Power supply: +3.3V -5%/+10%
Various
Vss
Ground
Ground


Similar Part No. - EDI2CG472128V10D2

ManufacturerPart #DatasheetDescription
logo
White Electronic Design...
EDI2CG472256V WEDC-EDI2CG472256V Datasheet
202Kb / 11P
   8 Megabyte Sync/Sync Burst, Dual Key DIMM
EDI2CG472256V10D2 WEDC-EDI2CG472256V10D2 Datasheet
202Kb / 11P
   8 Megabyte Sync/Sync Burst, Dual Key DIMM
EDI2CG472256V12D2 WEDC-EDI2CG472256V12D2 Datasheet
202Kb / 11P
   8 Megabyte Sync/Sync Burst, Dual Key DIMM
EDI2CG472256V15D2 WEDC-EDI2CG472256V15D2 Datasheet
202Kb / 11P
   8 Megabyte Sync/Sync Burst, Dual Key DIMM
EDI2CG472256V9D2 WEDC-EDI2CG472256V9D2 Datasheet
202Kb / 11P
   8 Megabyte Sync/Sync Burst, Dual Key DIMM
More results

Similar Description - EDI2CG472128V10D2

ManufacturerPart #DatasheetDescription
logo
White Electronic Design...
EDI2CG472256V WEDC-EDI2CG472256V Datasheet
202Kb / 11P
   8 Megabyte Sync/Sync Burst, Dual Key DIMM
EDI2AG272128V-D1 WEDC-EDI2AG272128V-D1 Datasheet
161Kb / 11P
   2 Megabyte Sync/Sync Burst, Small Outline DIMM
EDI2AG272129V WEDC-EDI2AG272129V Datasheet
162Kb / 11P
   2 Megabyte Sync/Sync Burst, Small Outline DIMM
WED2CG472512V-D2 WEDC-WED2CG472512V-D2 Datasheet
188Kb / 10P
   16MB (4x512Kx72) SYNC / SYNC BURST, DUAL KEY DIMM SRAM MODULE
WED2EG472512V-D2 WEDC-WED2EG472512V-D2 Datasheet
265Kb / 10P
   16MB (4x512Kx72) SYNC BURST PIPELINE, DUAL KEY DIMM
WED2DG472512V-D2 WEDC-WED2DG472512V-D2 Datasheet
181Kb / 10P
   16MB (4x512Kx72) SYNC BURST-PIPELINE, DUAL KEY DIMM
EDI2CG272128V WEDC-EDI2CG272128V Datasheet
164Kb / 12P
   2x128Kx72, 3.3V Sync/Sync Burst SRAM SO-DIMM
logo
GSI Technology
GS88037BT GSI-GS88037BT Datasheet
510Kb / 19P
   256K x 36 9Mb Sync Burst SRAM
GS816272C GSI-GS816272C Datasheet
1Mb / 31P
   256K x 72 18Mb Sync Burst SRAMs
GS880V37BT GSI-GS880V37BT Datasheet
489Kb / 18P
   256K x 36 9Mb Sync Burst SRAMs
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com