Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

EDI2CG472256V12D2 Datasheet(PDF) 1 Page - White Electronic Designs Corporation

Part # EDI2CG472256V12D2
Description  8 Megabyte Sync/Sync Burst, Dual Key DIMM
Download  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  WEDC [White Electronic Designs Corporation]
Direct Link  http://www.whiteedc.com
Logo WEDC - White Electronic Designs Corporation

EDI2CG472256V12D2 Datasheet(HTML) 1 Page - White Electronic Designs Corporation

  EDI2CG472256V12D2 Datasheet HTML 1Page - White Electronic Designs Corporation EDI2CG472256V12D2 Datasheet HTML 2Page - White Electronic Designs Corporation EDI2CG472256V12D2 Datasheet HTML 3Page - White Electronic Designs Corporation EDI2CG472256V12D2 Datasheet HTML 4Page - White Electronic Designs Corporation EDI2CG472256V12D2 Datasheet HTML 5Page - White Electronic Designs Corporation EDI2CG472256V12D2 Datasheet HTML 6Page - White Electronic Designs Corporation EDI2CG472256V12D2 Datasheet HTML 7Page - White Electronic Designs Corporation EDI2CG472256V12D2 Datasheet HTML 8Page - White Electronic Designs Corporation EDI2CG472256V12D2 Datasheet HTML 9Page - White Electronic Designs Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 11 page
background image
1
White Electronic Designs Corporation • (602) 437-1520 • www.wedc.com
White Electronic Designs
EDI2CG472256V
July 1999
Rev 1
ADVANCED*
White Electronic Designs Corp. reserves the right to change products or specifications without notice.
8 Megabyte Sync/Sync Burst, Dual Key DIMM
FEATURES
4x256Kx72 Synchronous, Synchronous Burst
Flow-Through Architecture
Linear and Sequential Burst Support via MODE pin
Clock Controlled Registered Module Enable (EM#)
Clock Controlled Registered Bank Enables (E1#, E2#,
E3#, E4#)
Clock Controlled Byte Write Mode Enable (BWE#)
Clock Controlled Byte Write Enables (BW1# - BW8#)
Clock Controlled Registered Address
Clock Controlled Registered Global Write (GW#)
Aysnchronous Output Enable (G#)
Internally Self-timed Write
Individual Bank Sleep Mode enables (ZZ1, ZZ2, ZZ3, ZZ4)
Gold Lead Finish
3.3V +10%, - 5% Operation
Access Speed(s): TKHQV=9, 10, 12, 15ns
Common Data I/O
High Capacitance (30pf) drive, at rated Access Speed
Single Total Array Clock
Multiple Vcc and Gnd
The EDI2CG472256VxxD2 is a Synchronous/Synchronous
Burst SRAM, 84 position Dual Key; Double High DIMM (168
contacts) Module, organized as 4x256Kx72. The Module
contains sixteen (16) Synchronous Burst Ram Devices,
packaged in the industry standard JEDEC 14mmx20mm
TQFP placed on a Multilayer FR4 Substrate. The module
architecture is defined as a Sync/Sync Burst, Flow-
Through, with support for either linear or sequential burst.
This module provides High Performance, 2-1-1-1 accesses
when used in Burst Mode, and used as a Synchronous Only
Mode, provides a high performance cost advantage over
BiCMOS aysnchronous device architectures.
Synchronous Only operations are performed via strapping
ADSC# Low, and ADSP# / ADV# High, which provides for
Ultra Fast Accesses in Read Mode while providing for
internally self-timed Early Writes.
Synchronous/Synchronous Burst operations are in relation
to an externally supplied clock, Registered Address,
Registered Global Write, Registered Enables as well as
an Asynchronous Output enable. This Module has been
defined with full flexibility, which allows individual control
of each of the eight bytes, as well as Quad Words in both
Read and Write Operations.
*This product is under development, is not qualified or characterized and is subject to
change or cancellation without notice.
DESCRIPTION


Similar Part No. - EDI2CG472256V12D2

ManufacturerPart #DatasheetDescription
logo
White Electronic Design...
EDI2CG472128V WEDC-EDI2CG472128V Datasheet
191Kb / 11P
   4 Megabyte Sync/Sync Burst, Dual Key DIMM
EDI2CG472128V10D2 WEDC-EDI2CG472128V10D2 Datasheet
191Kb / 11P
   4 Megabyte Sync/Sync Burst, Dual Key DIMM
EDI2CG472128V12D2 WEDC-EDI2CG472128V12D2 Datasheet
191Kb / 11P
   4 Megabyte Sync/Sync Burst, Dual Key DIMM
EDI2CG472128V15D2 WEDC-EDI2CG472128V15D2 Datasheet
191Kb / 11P
   4 Megabyte Sync/Sync Burst, Dual Key DIMM
EDI2CG472128V85D2 WEDC-EDI2CG472128V85D2 Datasheet
191Kb / 11P
   4 Megabyte Sync/Sync Burst, Dual Key DIMM
More results

Similar Description - EDI2CG472256V12D2

ManufacturerPart #DatasheetDescription
logo
White Electronic Design...
EDI2CG472128V WEDC-EDI2CG472128V Datasheet
191Kb / 11P
   4 Megabyte Sync/Sync Burst, Dual Key DIMM
EDI2AG272128V-D1 WEDC-EDI2AG272128V-D1 Datasheet
161Kb / 11P
   2 Megabyte Sync/Sync Burst, Small Outline DIMM
EDI2AG272129V WEDC-EDI2AG272129V Datasheet
162Kb / 11P
   2 Megabyte Sync/Sync Burst, Small Outline DIMM
WED2CG472512V-D2 WEDC-WED2CG472512V-D2 Datasheet
188Kb / 10P
   16MB (4x512Kx72) SYNC / SYNC BURST, DUAL KEY DIMM SRAM MODULE
WED2EG472512V-D2 WEDC-WED2EG472512V-D2 Datasheet
265Kb / 10P
   16MB (4x512Kx72) SYNC BURST PIPELINE, DUAL KEY DIMM
WED2DG472512V-D2 WEDC-WED2DG472512V-D2 Datasheet
181Kb / 10P
   16MB (4x512Kx72) SYNC BURST-PIPELINE, DUAL KEY DIMM
EDI2CG272128V WEDC-EDI2CG272128V Datasheet
164Kb / 12P
   2x128Kx72, 3.3V Sync/Sync Burst SRAM SO-DIMM
logo
GSI Technology
GS88037BT GSI-GS88037BT Datasheet
510Kb / 19P
   256K x 36 9Mb Sync Burst SRAM
GS816272C GSI-GS816272C Datasheet
1Mb / 31P
   256K x 72 18Mb Sync Burst SRAMs
GS880V37BT GSI-GS880V37BT Datasheet
489Kb / 18P
   256K x 36 9Mb Sync Burst SRAMs
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com