Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

EDI2GG464128V12D Datasheet(PDF) 4 Page - White Electronic Designs Corporation

Part # EDI2GG464128V12D
Description  4MB SYNCHRONOUS CARD EDGE DIMM
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  WEDC [White Electronic Designs Corporation]
Direct Link  http://www.whiteedc.com
Logo WEDC - White Electronic Designs Corporation

EDI2GG464128V12D Datasheet(HTML) 4 Page - White Electronic Designs Corporation

  EDI2GG464128V12D Datasheet HTML 1Page - White Electronic Designs Corporation EDI2GG464128V12D Datasheet HTML 2Page - White Electronic Designs Corporation EDI2GG464128V12D Datasheet HTML 3Page - White Electronic Designs Corporation EDI2GG464128V12D Datasheet HTML 4Page - White Electronic Designs Corporation EDI2GG464128V12D Datasheet HTML 5Page - White Electronic Designs Corporation EDI2GG464128V12D Datasheet HTML 6Page - White Electronic Designs Corporation EDI2GG464128V12D Datasheet HTML 7Page - White Electronic Designs Corporation EDI2GG464128V12D Datasheet HTML 8Page - White Electronic Designs Corporation  
Zoom Inzoom in Zoom Outzoom out
 4 / 8 page
background image
4
White Electronic Designs Corporation • (602) 437-1520 • www.wedc.com
White Electronic Designs
EDI2GG464128V
October 2004
Rev. 1
PIN DESCRIPTIONS
DIMM Pins
Symbol
Type
Description
3, 5, 7, 9, 13,
15, 17, 19, 20,
23, 18, 16, 14,
10, 8, 6
A0-A15
Input
Synchronous
Addresses: These inputs are registered and must meet the setup and hold times around the rising edge of
CK. The burst counter generates internal addresses associated with A0 and A1, during burst and wait cycle.
38
GW#
Input
Synchronous
Global Write: This active LOW input allows a full 72-bit WRITE to occur independent of the BWE# and BWx#
lines and must meet the setup and hold times around the rising edge of CK.
27
CK
Input
Synchronous
Clock: This signal registers the addresses, data, chip enables, write control and burst control inputs on its
rising edge. All synchronous inputs must meet setup and hold times around the clock’s rising edge.
36, 32,
35, 31
E1#, E2#
E3#, E4#
Input
Synchronous
Bank Enables: These active LOW inputs are used to enable each individual Synchronous bank and to gate
ADSP#.
37
G#
Input
Output Enable: This active LOW asynchronous input enables the data output drivers.
Various
DQ0-63
Input/Output
Data Inputs/Outputs: First byte is DQ0-7, second byte is DQ8-15, third byte is DQ16-23, fourth byte is DQ24-31,
fifth byte is DQ32-39, sixth byte is DQ40-47, seventh byte is DQ48-55 and the eight byte is DQ56-64.
Various
Vcc
Supply
Core power supply: +3.3V -5%/+10%
Various
Vss
Ground
Ground


Similar Part No. - EDI2GG464128V12D

ManufacturerPart #DatasheetDescription
logo
White Electronic Design...
EDI2AG272128V-D1 WEDC-EDI2AG272128V-D1 Datasheet
161Kb / 11P
   2 Megabyte Sync/Sync Burst, Small Outline DIMM
EDI2AG272128V10D1 WEDC-EDI2AG272128V10D1 Datasheet
161Kb / 11P
   2 Megabyte Sync/Sync Burst, Small Outline DIMM
EDI2AG272128V12D1 WEDC-EDI2AG272128V12D1 Datasheet
161Kb / 11P
   2 Megabyte Sync/Sync Burst, Small Outline DIMM
EDI2AG272128V85D1 WEDC-EDI2AG272128V85D1 Datasheet
161Kb / 11P
   2 Megabyte Sync/Sync Burst, Small Outline DIMM
EDI2AG272128V9D1 WEDC-EDI2AG272128V9D1 Datasheet
161Kb / 11P
   2 Megabyte Sync/Sync Burst, Small Outline DIMM
More results

Similar Description - EDI2GG464128V12D

ManufacturerPart #DatasheetDescription
logo
GSI Technology
GS841Z18AT GSI-GS841Z18AT Datasheet
655Kb / 30P
   4Mb Pipelined and Flow Through Synchronous NBT SRAMs
logo
Sharp Corporation
ID244E01 SHARP-ID244E01 Datasheet
2Mb / 36P
   4MB Flash Memory Card
ID243E01 SHARP-ID243E01 Datasheet
2Mb / 34P
   4MB Flash Memory Card
logo
Motorola, Inc
MCM72F8 MOTOROLA-MCM72F8 Datasheet
167Kb / 12P
   2MB and 4MB Synchronous Fast Static RAM Module
logo
GSI Technology
GS840Z18AT GSI-GS840Z18AT Datasheet
566Kb / 24P
   4Mb Pipelined and Flow Through Synchronous NBT SRAMs
GS842Z18AB GSI-GS842Z18AB Datasheet
722Kb / 30P
   4Mb Pipelined and Flow Through Synchronous NBT SRAMs
logo
Sharp Corporation
ID245E01 SHARP-ID245E01 Datasheet
2Mb / 35P
   4MB Flash Memory Card
logo
Renesas Technology Corp
R10DS0216EJ0100 RENESAS-R10DS0216EJ0100 Datasheet
360Kb / 14P
   4Mb Advanced LPSRAM
RMLV0416E RENESAS-RMLV0416E Datasheet
368Kb / 15P
   4Mb Advanced LPSRAM
logo
Integrated Silicon Solu...
IS61LF12836EC-6.5TQ ISSI-IS61LF12836EC-6.5TQ Datasheet
2Mb / 36P
   128K x36/32 and 256K x18 4Mb, ECC, SYNCHRONOUS FLOW-THROUGH SRAM
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com