Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

SMC6M40-08-YY Datasheet(PDF) 3 Page - Sensitron

Part # SMC6M40-08-YY
Description  Brushless DC Motor Driver Module in a Power Flatpack 80-200V, 50 Amp
Download  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SENSITRON [Sensitron]
Direct Link  http://www.sensitron.com
Logo SENSITRON - Sensitron

SMC6M40-08-YY Datasheet(HTML) 3 Page - Sensitron

  SMC6M40-08-YY Datasheet HTML 1Page - Sensitron SMC6M40-08-YY Datasheet HTML 2Page - Sensitron SMC6M40-08-YY Datasheet HTML 3Page - Sensitron SMC6M40-08-YY Datasheet HTML 4Page - Sensitron SMC6M40-08-YY Datasheet HTML 5Page - Sensitron SMC6M40-08-YY Datasheet HTML 6Page - Sensitron SMC6M40-08-YY Datasheet HTML 7Page - Sensitron SMC6M40-08-YY Datasheet HTML 8Page - Sensitron SMC6M40-08-YY Datasheet HTML 9Page - Sensitron Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 15 page
background image
• 221 West Industry Court
Deer Park, NY 11729
(631) 586 7600, FAX 631 242 9798
• World Wide Web - www.sensitron.com • E-mail Address - sales@sensitron.com • Page 3
SENSITRON
SEMICONDUCTOR
TECHNICAL DATA
DATA SHEET 1023, REV. D
ABSOLUTE MAXIMUM RATINGS
Characteristic
Maximum
Motor Supply Voltage SMC6M40-08, SMC6M50-08
SMC6M40-10, SMC6M50-10
SMC6M40-15
SMC6M40-20
60 V
80 V
110V
160 V
Motor Peak Voltage
SMC6M40-08, SMC6M50-08
SMC6M40-10, SMC6M50-10
SMC6M40-15
SMC6M40-20
80 V
100 V
150V
200 V
Average Output Current
for SMC6M40-XX
for SMC6M50-XX
40 A
50A
Peak Output Current
for SMC6M40-XX
for SMC6M50-XX
60 A
70A
Control Supply Voltage VCC
18 V
Logic Input Voltage (Note 1)
-0.3 V to +8 V
Reference Source Current
-30 mA
Logic Input Voltage
-0.3 to +8 V
Error Amplifier Input (EA1+/EA1-)
-0.3 to +10 V
Error Amplifier Output Current
±8 mA
Spare Amplifier Input Voltage (EA2+/EA2-)
-0.3 to +10 V
Spare Amplifier Output Current
±8 mAdc
Current Sense Amplifier Input Voltage (ISH/ISL)
-0.3 V to +6 V
Current Sense Amplifier Output Current
±10 mAdc
Tachometer Output Current
+/- 10 mA
PWM Input Voltage
- 0.3 V to +6 V
Operating & Storage Junction Temperature
-55
oC to +150 oC
Power Devices Thermal Resistance RthjC
for SMC6M40-XX
for SMC6M50-XX
1.0
oC/W
0.65
oC/W
Pin-to-Case Voltage Isolation, at room conditions
600V DC
Lead Soldering Temperature, 10 seconds maximum, 0.125” from case
* Tcase = 25° C
300°C
Recommended Operating Conditions (TC=25
oC)
Characteristic
Maximum
Motor Supply Voltage SMC6MXX-08
SMC6MXX-10
SMC6MXX-15
SMC6M40-20
48 V
60 V
90
120 V
Average Output Current
for SMC6M40-XX, TC=80
oC
for SMC6M50-XX,
TC=80
oC
30 A
45A
Control Supply Voltage VCC
15 V +/-10%
Note 1: Logic Inputs: Direction, Hall Inputs (H1...H3) Over-voltage - Coast, Speed, and Quad Select.
Note 2: The internal current sense resistor is limited to 6 Watt dc power dissipation. Other values are available.
Please contact the factory for more information.
SMC6MXX-XX
SMC6MXX-XX-1


Similar Part No. - SMC6M40-08-YY

ManufacturerPart #DatasheetDescription
logo
Sensitron
SMC6M40-10 SENSITRON-SMC6M40-10 Datasheet
164Kb / 16P
   Brushless DC Motor Driver Module in a Power Flatpack 100-250V, 40 Amp
SMC6M40-10-1 SENSITRON-SMC6M40-10-1 Datasheet
164Kb / 16P
   Brushless DC Motor Driver Module in a Power Flatpack 100-250V, 40 Amp
SMC6M40-25 SENSITRON-SMC6M40-25 Datasheet
164Kb / 16P
   Brushless DC Motor Driver Module in a Power Flatpack 100-250V, 40 Amp
SMC6M40-25-1 SENSITRON-SMC6M40-25-1 Datasheet
164Kb / 16P
   Brushless DC Motor Driver Module in a Power Flatpack 100-250V, 40 Amp
More results

Similar Description - SMC6M40-08-YY

ManufacturerPart #DatasheetDescription
logo
Sensitron
SMC6M40-10 SENSITRON-SMC6M40-10 Datasheet
164Kb / 16P
   Brushless DC Motor Driver Module in a Power Flatpack 100-250V, 40 Amp
logo
International Rectifier
OM9371 IRF-OM9371 Datasheet
142Kb / 12P
   25 Amp. Push-Pull 3-Phase Brushless DC Motor Controller/Driver Module in a Power Flatpack
logo
List of Unclassifed Man...
OM9375 ETC1-OM9375 Datasheet
141Kb / 12P
   25 Amp. Push-Pull 3-Phase Brushless DC Motor Controller/Driver Module in a Power Flatpack
logo
promoco-motors.com
BLDC-5015 PROMOCO-BLDC-5015 Datasheet
346Kb / 2P
   Brushless DC Motor Driver
logo
NXP Semiconductors
MC34929 NXP-MC34929 Datasheet
963Kb / 23P
   Brushless DC 1.0 AMP 28 VOLT Motor Driver IC
Rev. 7.0, 11/2006
logo
Freescale Semiconductor...
MC34929EP FREESCALE-MC34929EP Datasheet
833Kb / 23P
   Brushless DC 1.0 AMP 28 VOLT Motor Driver IC
logo
Cherry Semiconductor Co...
CS-5143 CHERRY-CS-5143 Datasheet
578Kb / 10P
   brushless DC Motor Driver/Controller
logo
List of Unclassifed Man...
PT-308 ETC-PT-308 Datasheet
97Kb / 1P
   DC Brushless Motor Driver IC
logo
Anaren Microwave
MSK4324 ANAREN-MSK4324 Datasheet
936Kb / 8P
   10 AMP, 200V, 3 PHASE MOSFET BRUSHLESS MOTOR CONTROLLER
logo
M.S. Kennedy Corporatio...
MSK4324HU MSK-MSK4324HU Datasheet
373Kb / 7P
   10 AMP, 200V, 3 PHASE MOSFET BRUSHLESS MOTOR CONTROLLER
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com