Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

SMC6M40-15-YY Datasheet(PDF) 1 Page - Sensitron

Part # SMC6M40-15-YY
Description  Brushless DC Motor Driver Module in a Power Flatpack 80-200V, 50 Amp
Download  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SENSITRON [Sensitron]
Direct Link  http://www.sensitron.com
Logo SENSITRON - Sensitron

SMC6M40-15-YY Datasheet(HTML) 1 Page - Sensitron

  SMC6M40-15-YY Datasheet HTML 1Page - Sensitron SMC6M40-15-YY Datasheet HTML 2Page - Sensitron SMC6M40-15-YY Datasheet HTML 3Page - Sensitron SMC6M40-15-YY Datasheet HTML 4Page - Sensitron SMC6M40-15-YY Datasheet HTML 5Page - Sensitron SMC6M40-15-YY Datasheet HTML 6Page - Sensitron SMC6M40-15-YY Datasheet HTML 7Page - Sensitron SMC6M40-15-YY Datasheet HTML 8Page - Sensitron SMC6M40-15-YY Datasheet HTML 9Page - Sensitron Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 15 page
background image
• 221 West Industry Court
Deer Park, NY 11729
(631) 586 7600, FAX 631 242 9798
• World Wide Web - www.sensitron.com • E-mail Address - sales@sensitron.com • Page 1
SENSITRON
SEMICONDUCTOR
TECHNICAL DATA
DATA SHEET 1023, REV. D
Brushless DC Motor Driver Module in a Power Flatpack
80-200V, 50 Amp
FEATURES:
• Fully integrated 3-Phase Brushless DC Motor Control Subsystem includes power stage, non-isolated
driver stage, and controller stage
• MOSFET Output Stage
• 40A Average Phase Current with 10V to160V Maximum Bus Voltage
• Internal Precision Current Sense Resistor (10W max. dissipation)
• Cycle by cycle current limiting.
• Fixed frequency PWM from zero speed to full speed.
• Closed-loop Speed Control of Motor
• Direction Input for direction reversal of Motor
• Tacho output with average output proportional to speed
• Brake Input for Dynamic Braking of Motor
• Overvoltage/Coast Input for Shutdown of All Power Switches
• Enable/Disable input with Soft Start for Safe Motor Starting
• Hermetic or non-hermetic device (3.10" x 2.10" x 0.385")
• Hermetic Device Part # (SMC6MXX-XX)
• Non-Hermetic Device Part # (SMC6MXX-XX-1)
APPLICATIONS:
• Fans and Pumps
• Hoists
• Actuator Systems
DESCRIPTION:
The SMC6MXX-XX is an, integrated three-phase brushless DC motor controller/driver subsystems
housed in a 43 pin power flatpack. The SMC6MXX-XX is best used as a two quadrant speed controller for
controlling/driving fans, pumps, and motors in applications which require small size. Many integral control
features provide the user much flexibility in adapting the SMC6MXX-XX to specific system requirements.
The small size of the complete subsystem is ideal for aerospace, military, high-end industrial, and medical
applications.
SMC6MXX-XX
SMC6MXX-XX-1


Similar Part No. - SMC6M40-15-YY

ManufacturerPart #DatasheetDescription
logo
Sensitron
SMC6M40-10 SENSITRON-SMC6M40-10 Datasheet
164Kb / 16P
   Brushless DC Motor Driver Module in a Power Flatpack 100-250V, 40 Amp
SMC6M40-10-1 SENSITRON-SMC6M40-10-1 Datasheet
164Kb / 16P
   Brushless DC Motor Driver Module in a Power Flatpack 100-250V, 40 Amp
More results

Similar Description - SMC6M40-15-YY

ManufacturerPart #DatasheetDescription
logo
Sensitron
SMC6M40-10 SENSITRON-SMC6M40-10 Datasheet
164Kb / 16P
   Brushless DC Motor Driver Module in a Power Flatpack 100-250V, 40 Amp
logo
International Rectifier
OM9371 IRF-OM9371 Datasheet
142Kb / 12P
   25 Amp. Push-Pull 3-Phase Brushless DC Motor Controller/Driver Module in a Power Flatpack
logo
List of Unclassifed Man...
OM9375 ETC1-OM9375 Datasheet
141Kb / 12P
   25 Amp. Push-Pull 3-Phase Brushless DC Motor Controller/Driver Module in a Power Flatpack
logo
promoco-motors.com
BLDC-5015 PROMOCO-BLDC-5015 Datasheet
346Kb / 2P
   Brushless DC Motor Driver
logo
NXP Semiconductors
MC34929 NXP-MC34929 Datasheet
963Kb / 23P
   Brushless DC 1.0 AMP 28 VOLT Motor Driver IC
Rev. 7.0, 11/2006
logo
Freescale Semiconductor...
MC34929EP FREESCALE-MC34929EP Datasheet
833Kb / 23P
   Brushless DC 1.0 AMP 28 VOLT Motor Driver IC
logo
Cherry Semiconductor Co...
CS-5143 CHERRY-CS-5143 Datasheet
578Kb / 10P
   brushless DC Motor Driver/Controller
logo
List of Unclassifed Man...
PT-308 ETC-PT-308 Datasheet
97Kb / 1P
   DC Brushless Motor Driver IC
logo
Anaren Microwave
MSK4324 ANAREN-MSK4324 Datasheet
936Kb / 8P
   10 AMP, 200V, 3 PHASE MOSFET BRUSHLESS MOTOR CONTROLLER
logo
M.S. Kennedy Corporatio...
MSK4324HU MSK-MSK4324HU Datasheet
373Kb / 7P
   10 AMP, 200V, 3 PHASE MOSFET BRUSHLESS MOTOR CONTROLLER
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com