Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

EM4450A5WS11 Datasheet(PDF) 10 Page - EM Microelectronic - MARIN SA

Part # EM4450A5WS11
Description  1 KBit Read/Write Contactless Identification Device
Download  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  EMMICRO [EM Microelectronic - MARIN SA]
Direct Link  http://www.emmicroelectronic.com
Logo EMMICRO - EM Microelectronic - MARIN SA

EM4450A5WS11 Datasheet(HTML) 10 Page - EM Microelectronic - MARIN SA

Back Button EM4450A5WS11 Datasheet HTML 6Page - EM Microelectronic - MARIN SA EM4450A5WS11 Datasheet HTML 7Page - EM Microelectronic - MARIN SA EM4450A5WS11 Datasheet HTML 8Page - EM Microelectronic - MARIN SA EM4450A5WS11 Datasheet HTML 9Page - EM Microelectronic - MARIN SA EM4450A5WS11 Datasheet HTML 10Page - EM Microelectronic - MARIN SA EM4450A5WS11 Datasheet HTML 11Page - EM Microelectronic - MARIN SA EM4450A5WS11 Datasheet HTML 12Page - EM Microelectronic - MARIN SA EM4450A5WS11 Datasheet HTML 13Page - EM Microelectronic - MARIN SA EM4450A5WS11 Datasheet HTML 14Page - EM Microelectronic - MARIN SA Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 16 page
background image
EM4450
EM4550
Copyright
 2003, EM Microelectronic-Marin SA
10
www.emmicroelectronic.com
Power-On-Reset (POR)
When the EM4450/4550 with its attached coil enters an electromagnetic field, the built in AC/DC converter will supply the
chip. The DC voltage is monitored and a Reset signal is generated to initialise the logic. The contents of the Control word
and Protection word will be downloaded to enable the functions (INIT). The Power-On-Reset is also provided in order to
make sure that the chip will start issuing correct data. Hysteresis is provided to avoid improper operation at the limit level.
Fig. 17
Lock All / Lock Memory Area
The EM4450/4550 can be converted to a Read Only chip or be configured to Read/Write and Read Only Areas by
programming the protection word. This configuration can be locked by write inhibiting the Write Protection Word. Great care
should be taken in doing this operation as there is no further possibility to change the Write Protection Word. The Control
Word can also be protected in the same way thus freezing the operation mode.
Clock Extractor
The Clock extractor will generate a system clock with a frequency corresponding to the frequency of the RF field. The
system clock is used by a sequencer to generate all internal timings.
Data Extractor
The transceiver generated field will be amplitude modulated to transmit data to the EM4450/4550. The Data extractor
demodulates the incoming signal to generate logic levels, and decodes the incoming data.
Modulator
The Data Modulator is driven by the serial data output from the memory which is Manchester encoded. The modulator will
draw a large current from both coil terminals, thus amplitude modulating the RF field according to the memory data.
AC/DC Converter and Voltage Limiter
The AC/DC converter is fully integrated on chip and will extract the power from the incident RF field. The internal DC
voltage will be clamped to avoid high internal DC voltage in strong RF fields.
Special Timings
The Processing Pause Time (tpp), Write Access Time (twa) and EEPROM Write Time (twee) are timings where the
EM4450/4550 is executing internal operations. During these pauses, the RF field will be influenced.
Fig. 18
t
V
DD
t
Reset
V
prh
V
prhys
t
init
EM4450 Active
During Twa and Twee, the signal on the coil is
damped due to a higher current consumption.
32 32
RF periods :
t
pp
Same modulation
as for a normal bit
16 16
(Opt64)
(Opt32)
64
32
(Opt64)
(Opt32)
t
wa
3200
2624
(Opt64)
(Opt32)
t
wee


Similar Part No. - EM4450A5WS11

ManufacturerPart #DatasheetDescription
logo
EM Microelectronic - MA...
EM4444 EMMICRO-EM4444 Datasheet
109Kb / 1P
   512 bit, Read/Write UHF Identification Device
EM4469 EMMICRO-EM4469 Datasheet
50Kb / 1P
   512 bit Read/Write Contactless Identification Device
logo
Eorex Corporation
EM448M1684LBA-37FE EOREX-EM448M1684LBA-37FE Datasheet
1,014Kb / 29P
   256Mb (4M횞4Bank횞16) Double DATA RATE 2 SDRAM
EM448M1684LBA-3FE EOREX-EM448M1684LBA-3FE Datasheet
1,014Kb / 29P
   256Mb (4M횞4Bank횞16) Double DATA RATE 2 SDRAM
EM448M1684LBA-5FE EOREX-EM448M1684LBA-5FE Datasheet
1,014Kb / 29P
   256Mb (4M횞4Bank횞16) Double DATA RATE 2 SDRAM
More results

Similar Description - EM4450A5WS11

ManufacturerPart #DatasheetDescription
logo
EM Microelectronic - MA...
EM4150 EMMICRO-EM4150 Datasheet
561Kb / 14P
   1 KBit READ / WRITE CONTACTLESS IDENTIFICATION DEVICE
EM4569 EMMICRO-EM4569 Datasheet
50Kb / 1P
   512 bit Read/Write Contactless Identification Device
EM4170 EMMICRO-EM4170 Datasheet
143Kb / 13P
   125kHz CRYPTO READ/WRITE Contactless Identification Device
EM4269 EMMICRO-EM4269 Datasheet
54Kb / 1P
   512 bit Read/Write Contactless Identification Device
EM4369 EMMICRO-EM4369 Datasheet
121Kb / 1P
   512 bit Read/Write Contactless Identification Device
EM4056 EMMICRO-EM4056 Datasheet
145Kb / 14P
   2KBIT Read/Write with ANTICOLLISION Contactless Identification Device
EM4055 EMMICRO-EM4055 Datasheet
23Kb / 1P
   1KBIT Read/Write Contactless Identification Device with anticollision
EM4102 EMMICRO-EM4102 Datasheet
133Kb / 7P
   Read Only Contactless Identification Device
H4001 EMMICRO-H4001 Datasheet
127Kb / 5P
   READ-ONLY CONTACTLESS IDENTIFICATION DEVICE
EM4026 EMMICRO-EM4026 Datasheet
129Kb / 1P
   Read only Contactless Identification Device
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com