Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

EDI7F332MV90BNC Datasheet(PDF) 2 Page - White Electronic Designs Corporation

Part # EDI7F332MV90BNC
Description  2Mx32 FLASH MODULE
Download  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  WEDC [White Electronic Designs Corporation]
Direct Link  http://www.whiteedc.com
Logo WEDC - White Electronic Designs Corporation

EDI7F332MV90BNC Datasheet(HTML) 2 Page - White Electronic Designs Corporation

  EDI7F332MV90BNC Datasheet HTML 1Page - White Electronic Designs Corporation EDI7F332MV90BNC Datasheet HTML 2Page - White Electronic Designs Corporation EDI7F332MV90BNC Datasheet HTML 3Page - White Electronic Designs Corporation  
Zoom Inzoom in Zoom Outzoom out
 2 / 3 page
background image
2
White Electronic Designs Corporation • (602) 437-1520 • www.wedc.com
EDI7F332MV
Sept, 2002
Rev. 0
White Electronic Designs Corp. reserves the right to change products or specifications without notice.
White Electronic Designs
PIN CONFIGURATIONS
A0-A20
Address input
E0#,E1#
Chip Enable
W0#-W3#
Write Enable
G#
Output Enable
DQ0-DQ31
Data Input/Output
PD
Presence Detect
VCC
Power 3V±10%
VSS
Ground
NC
No Connect
CAPACITANCE
(F=1.0MHZ, VIN = VCC or VSS)
PRESENCE DETECT PIN OUT
Pin
2Meg
2x2Meg
PD1
VSS
NC
PD2
NC
VSS
PD3
VSS
VSS
PD4
VSS
VSS
SIMM DENSITY
Pin
2Meg
2x2Meg
21
NC
NC
22
NC
NC
23
NC
E1#
24
E0#
E0#
*TBD
Parameter
Sym
2Meg
2x2Meg
Unit
Max
Max
Address Lines
CA
35
70
pF
Data lines
CDQ
15
30
pF
Chip Enable Lines
CE
40
40
pF
Write Enable Lines
CW
20
20
pF
Output Enable lines
CG
40
80
pF
Pin #
Pin Name
Pin #
Pin Name
Pin #
Pin Name
Pin #
Pin Name
1VSS
21
*
41
A11
61
DQ9
2VCC
22
*
42
A10
62
DQ8
3
NC
23
*
43
A9
63
DQ7
4
G#
24
*
44
A8
64
DQ6
5
W0#
25
VSS
45
A7
65
DQ5
6
W1#
26
DQ29
461
A6
66
DQ4
7
NC
27
DQ30
47
A5
67
DQ3
8
DQ16
28
DQ31
48
A4
68
DQ2
9
DQ17
29
W2#
49
A3
69
DQ1
10
DQ18
30
NC
50
A2
70
DQ0
11
DQ19
31
NC
51
A1
71
NC
12
DQ20
32
A20
52
AO
72
VCC
13
DQ21
33
A19
53
W3#
73
PD1
14
DQ22
34
A18
54
VSS
74
PD2
15
DQ23
35
A17
55
DQ15
75
PD3
16
DQ24
36
A16
56
DQ14
76
PD4
17
DQ25
37
A15
57
DQ13
77
PD5
18
DQ26
38
A14
58
DQ12
78
PD6
19
DQ27
39
A13
59
DQ11
79
PD7
20
DQ28
40
A12
60
DQ10
80
VSS


Similar Part No. - EDI7F332MV90BNC

ManufacturerPart #DatasheetDescription
logo
White Electronic Design...
EDI7F332MC WEDC-EDI7F332MC Datasheet
263Kb / 3P
   2Mx32 FLASH MODULE
EDI7F332MC100BNC WEDC-EDI7F332MC100BNC Datasheet
263Kb / 3P
   2Mx32 FLASH MODULE
EDI7F332MC120BNC WEDC-EDI7F332MC120BNC Datasheet
263Kb / 3P
   2Mx32 FLASH MODULE
EDI7F332MC150BNC WEDC-EDI7F332MC150BNC Datasheet
263Kb / 3P
   2Mx32 FLASH MODULE
EDI7F332MC90BNC WEDC-EDI7F332MC90BNC Datasheet
263Kb / 3P
   2Mx32 FLASH MODULE
More results

Similar Description - EDI7F332MV90BNC

ManufacturerPart #DatasheetDescription
logo
White Electronic Design...
EDI7F342MC WEDC-EDI7F342MC Datasheet
306Kb / 3P
   2Mx32 FLASH MODULE
EDI7F342MV WEDC-EDI7F342MV Datasheet
305Kb / 3P
   2Mx32 FLASH MODULE
EDI7F332MC WEDC-EDI7F332MC Datasheet
263Kb / 3P
   2Mx32 FLASH MODULE
WF2M32-XXX5 WEDC-WF2M32-XXX5 Datasheet
749Kb / 15P
   2Mx32 5V Flash Module
logo
Samsung semiconductor
K4S64323LF-SN SAMSUNG-K4S64323LF-SN Datasheet
64Kb / 8P
   2Mx32 Mobile SDRAM 90FBGA
K4S64323LF-S SAMSUNG-K4S64323LF-S Datasheet
64Kb / 8P
   2Mx32 Mobile SDRAM 90FBGA
logo
Zilog, Inc.
EZ80F920020MOD ZILOG-EZ80F920020MOD Datasheet
252Kb / 4P
   Flash Module
logo
List of Unclassifed Man...
EDI7F33IMC ETC1-EDI7F33IMC Datasheet
40Kb / 3P
   1Megx32 Flash Module
WF128K16 ETC1-WF128K16 Datasheet
189Kb / 11P
   5V FLASH MODULE
logo
White Electronic Design...
EDI7F4342MC WEDC-EDI7F4342MC Datasheet
226Kb / 4P
   4x2Mx32 FLASH MODULE
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com