Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

EDI7F341MC90BNC Datasheet(PDF) 3 Page - White Electronic Designs Corporation

Part # EDI7F341MC90BNC
Description  1Mx32 FLASH MODULE
Download  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  WEDC [White Electronic Designs Corporation]
Direct Link  http://www.whiteedc.com
Logo WEDC - White Electronic Designs Corporation

EDI7F341MC90BNC Datasheet(HTML) 3 Page - White Electronic Designs Corporation

  EDI7F341MC90BNC Datasheet HTML 1Page - White Electronic Designs Corporation EDI7F341MC90BNC Datasheet HTML 2Page - White Electronic Designs Corporation EDI7F341MC90BNC Datasheet HTML 3Page - White Electronic Designs Corporation  
Zoom Inzoom in Zoom Outzoom out
 3 / 3 page
background image
3
White Electronic Designs Corporation • (602) 437-1520 • www.wedc.com
White Electronic Designs
EDI7F341MC
Sept. 2002
Rev. 2A
White Electronic Designs Corp. reserves the right to change products or specifications without notice.
ORDERING INFORMATION
Part Number
Speed
(ns)
Package
EDI7F341MC90BNC
90
362
EDI7F341MC100BNC
100
362
EDI7F341MC120BNC
120
362
EDI7F341MC150BNC
150
362
Part Number
Speed
(ns)
Package
EDI7F2341MC90BNC
90
363
EDI7F2341MC100BNC
100
363
EDI7F2341MC120BNC
120
363
EDI7F2341MC150BNC
150
363
Note: For gold contact option, change EDI7F to EDI7G.
PACKAGE NO. 362: 80 PIN SIMM (JEDEC)
��
����������
�����
����������
�����
�����
������������
�����
����
�����
����
�����
�����
�����
�����
������
����
��������������
PACKAGE NO. 363: 80 PIN SIMM (JEDEC)
��
����������
�����
����������
�����
�����
������������
�����
����
�����
����
�����
����
�����
�����
�����
�����
��������������
������
����
ALL DIMENSIONS ARE IN INCHES
ORDERING INFORMATION
Note: For gold contact option, change EDI7F to EDI7G.


Similar Part No. - EDI7F341MC90BNC

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
EDI7F341MC90BNC ETC1-EDI7F341MC90BNC Datasheet
40Kb / 3P
   1Megx32 Flash Module
More results

Similar Description - EDI7F341MC90BNC

ManufacturerPart #DatasheetDescription
logo
White Electronic Design...
EDI7F331MC WEDC-EDI7F331MC Datasheet
263Kb / 3P
   1Mx32 FLASH MODULE
EDI7F331MV WEDC-EDI7F331MV Datasheet
254Kb / 3P
   1Mx32 FLASH MODULE
EDI7F341MV WEDC-EDI7F341MV Datasheet
268Kb / 3P
   1Mx32 FLASH MODULE
EDI7F2331MC WEDC-EDI7F2331MC Datasheet
345Kb / 3P
   1Mx32 FLASH MODULE
Rev. 3A
WF1M32B-XXX3 WEDC-WF1M32B-XXX3 Datasheet
481Kb / 13P
   1Mx32 3.3V Flash Module
WEDF1M32B-XXX5 WEDC-WEDF1M32B-XXX5 Datasheet
341Kb / 8P
   1Mx32 5V Flash Module
WS1M32V-XG3X WEDC-WS1M32V-XG3X Datasheet
306Kb / 6P
   1Mx32 SRAM 3.3V MODULE
logo
List of Unclassifed Man...
WS1M32-XG3X ETC1-WS1M32-XG3X Datasheet
145Kb / 8P
   1Mx32 SRAM MODULE
logo
White Electronic Design...
W7G1M32SVX-BN WEDC-W7G1M32SVX-BN Datasheet
169Kb / 10P
   8MB/4MB (2x1Mx32 / 1Mx32) CMOS, Boot Sector Flash Memory Module
W7MG1M32SVX-BN WEDC-W7MG1M32SVX-BN Datasheet
169Kb / 10P
   8MB/4MB (2x1Mx32 / 1Mx32) MirrorBitTM 3.0V, Boot Sector Flash Memory Module
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com