Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

N74F657D Datasheet(PDF) 5 Page - NXP Semiconductors

Part # N74F657D
Description  Octal transceiver with 8-bit parit generator/checker
Download  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHILIPS [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

N74F657D Datasheet(HTML) 5 Page - NXP Semiconductors

  N74F657D Datasheet HTML 1Page - NXP Semiconductors N74F657D Datasheet HTML 2Page - NXP Semiconductors N74F657D Datasheet HTML 3Page - NXP Semiconductors N74F657D Datasheet HTML 4Page - NXP Semiconductors N74F657D Datasheet HTML 5Page - NXP Semiconductors N74F657D Datasheet HTML 6Page - NXP Semiconductors N74F657D Datasheet HTML 7Page - NXP Semiconductors N74F657D Datasheet HTML 8Page - NXP Semiconductors N74F657D Datasheet HTML 9Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 12 page
background image
Philips Semiconductors
Product specification
74F657
Octal transceiver with 8-bit parity generator/checker
90 July 30
5
FUNCTION TABLE
NUMBER OF INPUTS THAT ARE HIGH
INPUTS
INPUT/OUTPUT
OUTPUTS
OE
T/R
ODD/EVEN
PARITY
ERROR
OUTPUTS MODE
0, 2, 4, 6, 8
L
L
L
L
L
L
H
H
L
L
L
L
H
L
H
H
L
L
H
L
H
L
H
L
Z
Z
H
L
L
H
Transmit
Transmit
Receive
Receive
Receive
Receive
1, 3, 5, 7
L
L
L
L
L
L
H
H
L
L
L
L
H
L
H
H
L
L
L
H
H
L
H
L
Z
Z
L
H
H
L
Transmit
Transmit
Receive
Receive
Receive
Receive
Don’t care
H
X
X
Z
Z
Z
Notes to function table
1. H = High voltage level
2. L
= Low voltage level
3. X = Don’t care
4. Z = High impedance ”’off” state
ABSOLUTE MAXIMUM RATINGS
(Operation beyond the limit set forth in this table may impair the useful life of the device. Unless otherwise noted these limits are over the
operating free air temperature range.)
SYMBOL
PARAMETER
RATING
UNIT
VCC
Supply voltage
–0.5 to +7.0
V
VIN
Input voltage
–0.5 to +7.0
V
IIN
Input current
–30 to +5
mA
VOUT
Voltage applied to output in high output state
–0.5 to VCC
V
IOUT
Current applied to output in low output state
A0 – A7
48
mA
B0 – B7, PARITY, ERROR
128
mA
Tamb
Operating free air temperature range
Commercial range
0 to +70
°C
Industrial range
–40 to +85
°C
Tstg
Storage temperature range
–65 to +150
°C
RECOMMENDED OPERATING CONDITIONS
SYMBOL
PARAMETER
LIMITS
UNIT
MIN
NOM
MAX
VCC
Supply voltage
4.5
5.0
5.5
V
VIH
High–level input voltage
2.0
V
VIL
Low–level input voltage
0.8
V
IIk
Input clamp current
–18
mA
IOH
High–level output current
A0 – A7
–3
mA
B0 – B7, PARITY, ERROR
–15
mA
IOL
Low–level output current
A0 – A7
24
mA
B0 – B7, PARITY, ERROR
64
mA
Tamb
Operating free air temperature range
Commercial range
0
+70
°C
Industrial range
–40
+85
°C


Similar Part No. - N74F657D

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
N74F651AD PHILIPS-N74F651AD Datasheet
168Kb / 14P
   Transceivers/registers
1999 Jun 23
N74F651AN PHILIPS-N74F651AN Datasheet
168Kb / 14P
   Transceivers/registers
1999 Jun 23
N74F652AD PHILIPS-N74F652AD Datasheet
168Kb / 14P
   Transceivers/registers
1999 Jun 23
N74F652AN PHILIPS-N74F652AN Datasheet
168Kb / 14P
   Transceivers/registers
1999 Jun 23
N74F656AD PHILIPS-N74F656AD Datasheet
107Kb / 12P
   Octal buffer/driver with parity, non-inverting 3-State
1991 Jul 17
More results

Similar Description - N74F657D

ManufacturerPart #DatasheetDescription
logo
Motorola, Inc
MC74F657A MOTOROLA-MC74F657A Datasheet
124Kb / 5P
   OCTAL BIDIRECTIONAL TRANSCEIVER WITH 8-BIT PARITY GENERATOR CHECKER (3-STATE OUTPUTS)
logo
Fairchild Semiconductor
74F657 FAIRCHILD-74F657 Datasheet
61Kb / 7P
   Octal Bidirectional Transceiver with 8-Bit Parity Generator/Checker and 3-STATE Outputs
logo
NXP Semiconductors
74ABT833 PHILIPS-74ABT833 Datasheet
57Kb / 11P
   Octal transceiver with parity generator/checker 3-State
1993 Jun 21
74ABT657 PHILIPS-74ABT657 Datasheet
62Kb / 11P
   Octal transceiver with parity generator/checker 3-State
1995 Dec 11
74ABT657 NXP-74ABT657 Datasheet
112Kb / 17P
   Octal transceiver with parity generator/checker; 3-state
Rev. 03-15 March 2010
74ABT834 PHILIPS-74ABT834 Datasheet
58Kb / 7P
   Octal inverting transceiver with parity generator/checker 3-State
June 9, 1992
logo
List of Unclassifed Man...
74180 ETC1-74180 Datasheet
59Kb / 2P
   8-BIT PARITY GENERATOR/CHECKER
logo
Fairchild Semiconductor
74ACQ657 FAIRCHILD-74ACQ657 Datasheet
96Kb / 10P
   Quiet Series??Octal Bidirectional Transceiver with 8-Bit Parity Generator/Checker and 3-STATE Outputs
logo
National Semiconductor ...
54ACTQ657 NSC-54ACTQ657 Datasheet
229Kb / 10P
   Quiet Series Octal Bidirectional Transceiver with 8-Bit Parity Generator/Checker and TRI-STATE Outputs
logo
Fairchild Semiconductor
74ABT899 FAIRCHILD-74ABT899 Datasheet
128Kb / 16P
   9-Bit Latchable Transceiver with Parity Generator/Checker
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com