Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

EM4550A5WT11 Datasheet(PDF) 3 Page - EM Microelectronic - MARIN SA

Part # EM4550A5WT11
Description  1 KBit Read/Write Contactless Identification Device
Download  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  EMMICRO [EM Microelectronic - MARIN SA]
Direct Link  http://www.emmicroelectronic.com
Logo EMMICRO - EM Microelectronic - MARIN SA

EM4550A5WT11 Datasheet(HTML) 3 Page - EM Microelectronic - MARIN SA

  EM4550A5WT11 Datasheet HTML 1Page - EM Microelectronic - MARIN SA EM4550A5WT11 Datasheet HTML 2Page - EM Microelectronic - MARIN SA EM4550A5WT11 Datasheet HTML 3Page - EM Microelectronic - MARIN SA EM4550A5WT11 Datasheet HTML 4Page - EM Microelectronic - MARIN SA EM4550A5WT11 Datasheet HTML 5Page - EM Microelectronic - MARIN SA EM4550A5WT11 Datasheet HTML 6Page - EM Microelectronic - MARIN SA EM4550A5WT11 Datasheet HTML 7Page - EM Microelectronic - MARIN SA EM4550A5WT11 Datasheet HTML 8Page - EM Microelectronic - MARIN SA EM4550A5WT11 Datasheet HTML 9Page - EM Microelectronic - MARIN SA Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 16 page
background image
EM4450
EM4550
Copyright
 2003, EM Microelectronic-Marin SA
3
www.emmicroelectronic.com
Absolute Maximum Ratings
Parameter
Symbol
Conditions
Maximum AC peak Current
induced on COIL1 and COIL2
ICOIL
± 30 mA
Power Supply
Maximum Voltage other pads
Minimum Voltage other pads
VDD
Vmax
Vmin
-0.3 to 3.5 V
VDD+0.3V
VSS-0.3V
Storage temperature
Tstore
-55 to +125°C
Electrostatic discharge
maximum
to MIL-STD-883C method
3015
VESD
2000V
Stresses above these listed maximum ratings may cause permanent damages to the device. Exposure beyond specified
operating conditions may affect device reliability or cause malfunction.
Handling Procedures
This device has built-in protection against high static voltages or electric fields; however, anti-static precautions must be
taken as for any other CMOS component. Unless otherwise specified, proper operation can only occur when all terminal
voltages are kept within the voltage range. Unused inputs must always be tied to a defined logic voltage level.
Operating Conditions
Parameter
Symbol Min
Max
Unit
Operating Temperature
Top
-40
+85
°C
Maximum coil current
ICOIL
10
mA
AC Voltage on Coil
Vcoil
note 1
Vpp
Supply Frequency
fcoil
100
150
kHz
note 1: Maximum voltage is defined by forcing 10mA on Coil1 - Coil2.
Electrical Characteristics
VDD =2.5V, VSS =0V , fcoil = 125 kHz Sine wave , Vcoil = 1Vpp ,
Top = 25°C ,
unless otherwise specified
Parameter
Symbol
Conditions
Min
Typ
Max
Unit
Supply Voltage
VDD
2.3
3.2
V
Minimum EEPROM write
voltage
VDDee
2V
Power Check EEPROM write
IPWcheck
VDD = 2.8V
32
µA
Supply current / read
Ird
Read Mode
3
µA
Suppy current / write
Iwr
Write mode (VDD = 2.8V)
22
µA
Modulator ON voltage drop
VON
V(COIL1 - VSS) & V(COIL2 - VSS) Icoil = 100µA
V(COIL1 - VSS) & V(COIL2 - VSS) Icoil = 5 mA
0.50
2.50
V
V
Monoflop
Tmono
35
85
µs
Resonance Capacitor
Cr
166.6
170
173.4
pF
Powercheck level
VPWcheck
22.7
V
Power On Reset level high
Vprh
Rising Supply
1
1.5
V
Clock extractor input min.
Clock extractor input max.
Vclkmin
Vclkmax
Minimum Voltage for Clock Extraction
Max. Voltage to detect modulation stop
0.25
25
Vpp
mVpp
EEPROM data endurance
Ncy
Erase all / Write all at VDD = 3.5 V
100'000
cycles
EEPROM retention
Tret
Top = 55°C after 100'000 cycles (note 2)
10
years
note 2: Based on 1000 hours at 150°C


Similar Part No. - EM4550A5WT11

ManufacturerPart #DatasheetDescription
logo
EPCOS
EM4500XS EPCOS-EM4500XS Datasheet
66Kb / 4P
   Surge arrester 2-electrode arrester
logo
Soberton Inc.
EM4513-BC SOBERTON-EM4513-BC Datasheet
558Kb / 1P
   Omnidirectional Back Electret Condenser Microphone
EM4518 SOBERTON-EM4518 Datasheet
566Kb / 1P
   Omnidirectional Electret Condenser Microphone
EM4530 SOBERTON-EM4530 Datasheet
790Kb / 1P
   Omnidirectional Electret Condenser Microphone
EM4530P-C SOBERTON-EM4530P-C Datasheet
790Kb / 1P
   Omnidirectional Electret Condenser Microphone
More results

Similar Description - EM4550A5WT11

ManufacturerPart #DatasheetDescription
logo
EM Microelectronic - MA...
EM4150 EMMICRO-EM4150 Datasheet
561Kb / 14P
   1 KBit READ / WRITE CONTACTLESS IDENTIFICATION DEVICE
EM4569 EMMICRO-EM4569 Datasheet
50Kb / 1P
   512 bit Read/Write Contactless Identification Device
EM4170 EMMICRO-EM4170 Datasheet
143Kb / 13P
   125kHz CRYPTO READ/WRITE Contactless Identification Device
EM4269 EMMICRO-EM4269 Datasheet
54Kb / 1P
   512 bit Read/Write Contactless Identification Device
EM4369 EMMICRO-EM4369 Datasheet
121Kb / 1P
   512 bit Read/Write Contactless Identification Device
EM4056 EMMICRO-EM4056 Datasheet
145Kb / 14P
   2KBIT Read/Write with ANTICOLLISION Contactless Identification Device
EM4055 EMMICRO-EM4055 Datasheet
23Kb / 1P
   1KBIT Read/Write Contactless Identification Device with anticollision
EM4102 EMMICRO-EM4102 Datasheet
133Kb / 7P
   Read Only Contactless Identification Device
H4001 EMMICRO-H4001 Datasheet
127Kb / 5P
   READ-ONLY CONTACTLESS IDENTIFICATION DEVICE
EM4026 EMMICRO-EM4026 Datasheet
129Kb / 1P
   Read only Contactless Identification Device
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com