Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

SMD2920P260TS Datasheet(PDF) 5 Page - List of Unclassifed Manufacturers

Part # SMD2920P260TS
Description  Surface Mount PTC Devices
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC1 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC1 - List of Unclassifed Manufacturers

SMD2920P260TS Datasheet(HTML) 5 Page - List of Unclassifed Manufacturers

  SMD2920P260TS Datasheet HTML 1Page - List of Unclassifed Manufacturers SMD2920P260TS Datasheet HTML 2Page - List of Unclassifed Manufacturers SMD2920P260TS Datasheet HTML 3Page - List of Unclassifed Manufacturers SMD2920P260TS Datasheet HTML 4Page - List of Unclassifed Manufacturers SMD2920P260TS Datasheet HTML 5Page - List of Unclassifed Manufacturers SMD2920P260TS Datasheet HTML 6Page - List of Unclassifed Manufacturers SMD2920P260TS Datasheet HTML 7Page - List of Unclassifed Manufacturers SMD2920P260TS Datasheet HTML 8Page - List of Unclassifed Manufacturers  
Zoom Inzoom in Zoom Outzoom out
 5 / 8 page
background image
111
SMD2920 Surface Mount PTC Devices
R.O.C. Patent#415624
PHYSICAL DIMENSIONS (mm)
A
B
C
D
E
Part Number
Min.
Max.
Min.
Max.
Min.
Max.
Min.
Min.
Max.
SMD2920P030TS
6.73
7.98
4.80
5.44
0.75
1.25
0.30
0.25
2.00
SMD2920P050TS
6.73
7.98
4.80
5.44
0.75
1.25
0.30
0.25
2.00
SMD2920P075TS
6.73
7.98
4.80
5.44
0.75
1.25
0.30
0.25
2.00
SMD2920P100TS
6.73
7.98
4.80
5.44
0.55
1.00
0.30
0.25
2.00
SMD2920P125TS
6.73
7.98
4.80
5.44
0.55
1.00
0.30
0.25
2.00
SMD2920P150TS
6.73
7.98
4.80
5.44
0.75
1.25
0.30
0.25
2.00
SMD2920P185TS
6.73
7.98
4.80
5.44
0.75
1.25
0.30
0.25
2.00
SMD2920P200TS
6.73
7.98
4.80
5.44
0.75
1.25
0.30
0.25
2.00
SMD2920P250TS
6.73
7.98
4.80
5.44
0.75
1.25
0.30
0.25
2.00
SMD2920P260TS
6.73
7.98
4.80
5.44
0.55
1.00
0.30
0.25
2.00
SMD2920P300TS
6.73
7.98
4.80
5.44
0.75
1.25
0.30
0.25
2.00
SMD2920P300TS/15
6.73
7.98
4.80
5.44
0.75
1.25
0.30
0.25
2.00
ENVIRONMENTAL SPECIFICATIONS
Operating/Storage
Temperature
-40℃ to +85℃
Maximum Device Surface
Temperature in Tripped State
125℃
Passive Aging
+85℃, 1000 hours
±5% typical resistance change
Humidity Aging
+85℃, 85%R.H. 1000 hours
±5% typical resistance change
Thermal Shock
MIL-STD-202 Method 107G
+85℃/-40℃ 20 times
-30% typical resistance change
Solvent Resistance
MIL-STD-202, Method 215
No change
Vibration
MIL-STD-883C, Method 2007.1, Condition A
No change
PHYSICAL SPECIFICATIONS
Terminal Material
Solder-Plated Copper (Solder Material: 63/37 SnPb)
Lead Solderability
Meets EIA Specification RS186-9E, ANSI/J-STD-002 Category 3.
Packaging
16 mm tape on 7 inch reel per EIA-481-1 (equivalent to IEC286, part 3)
2000 devices per reel for P100TS, P125TS &P260
others : 1500 devices per reel
Specifications are subject to change without notice.
FIGURE
SOLDER PAD LAYOUTS
TM


Similar Part No. - SMD2920P260TS

ManufacturerPart #DatasheetDescription
logo
Littelfuse
SMD2920P260TS/TF LITTELFUSE-SMD2920P260TS/TF Datasheet
93Kb / 2P
   POLYFUSE RESETTABLE FUSES SMD Type, 6 V - 60 V
More results

Similar Description - SMD2920P260TS

ManufacturerPart #DatasheetDescription
logo
Cooper Bussmann, Inc.
PTS120660V005 COOPER-PTS120660V005_15 Datasheet
657Kb / 5P
   6-60 Volt DC surface mount resettable PTC devices
PTS181233V110 COOPER-PTS181233V110 Datasheet
401Kb / 4P
   6-60 Volt DC Surface Mount, PolyTron PTC Devices
logo
Eaton All Rights Reserv...
PTS0805 EATON-PTS0805 Datasheet
824Kb / 5P
   6-24 Volt DC surface mount resettable PTC devices
logo
Cooper Bussmann, Inc.
PTS181230V010 COOPER-PTS181230V010_15 Datasheet
680Kb / 5P
   6-60 Volt DC surface mount resettable PTC devices
PTS080524V010 COOPER-PTS080524V010 Datasheet
1Mb / 6P
   6-24 Volt DC surface mount PolyTron??PTC devices
logo
Eaton All Rights Reserv...
PTS1812 EATON-PTS1812 Datasheet
326Kb / 5P
   6-60 Volt DC surface mount resettable PTC devices
logo
Bel Fuse Inc.
0ZCJ BEL-0ZCJ Datasheet
1Mb / 4P
   Surface Mount PTC
0ZCM BEL-0ZCM Datasheet
1Mb / 4P
   Surface Mount PTC
0ZCK BEL-0ZCK_16 Datasheet
1Mb / 4P
   Surface Mount PTC
0ZCH BEL-0ZCH_16 Datasheet
1Mb / 4P
   Surface Mount PTC
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com