Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

EM4450A5WW6E Datasheet(PDF) 9 Page - EM Microelectronic - MARIN SA

Part # EM4450A5WW6E
Description  1 KBit Read/Write Contactless Identification Device
Download  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  EMMICRO [EM Microelectronic - MARIN SA]
Direct Link  http://www.emmicroelectronic.com
Logo EMMICRO - EM Microelectronic - MARIN SA

EM4450A5WW6E Datasheet(HTML) 9 Page - EM Microelectronic - MARIN SA

Back Button EM4450A5WW6E Datasheet HTML 5Page - EM Microelectronic - MARIN SA EM4450A5WW6E Datasheet HTML 6Page - EM Microelectronic - MARIN SA EM4450A5WW6E Datasheet HTML 7Page - EM Microelectronic - MARIN SA EM4450A5WW6E Datasheet HTML 8Page - EM Microelectronic - MARIN SA EM4450A5WW6E Datasheet HTML 9Page - EM Microelectronic - MARIN SA EM4450A5WW6E Datasheet HTML 10Page - EM Microelectronic - MARIN SA EM4450A5WW6E Datasheet HTML 11Page - EM Microelectronic - MARIN SA EM4450A5WW6E Datasheet HTML 12Page - EM Microelectronic - MARIN SA EM4450A5WW6E Datasheet HTML 13Page - EM Microelectronic - MARIN SA Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 16 page
background image
EM4450
EM4550
Copyright
 2003, EM Microelectronic-Marin SA
9
www.emmicroelectronic.com
After reception of the command, the address, and the data, the EM4450/4550 will check the parity, the write protection
status, the Login status, and also if the available power from the RF field is sufficient. If all the conditions are satisfied, an
acknowledge pattern (ACK) will be issued afterward and the EEPROM writing process will start. At the end of programming,
the chip will send an Acknowledge pattern (ACK). If at least one of the checks fails, the chip will issue a no acknowledge
pattern (NAK) instead of ACK and return to the Standard Read Mode. The Transceiver will keep the RF field permanently
"ON" during the whole writing process time.
The Read After Write function (bit 17 of Control word) controls the mode of operation following a write operation. When
"ON" the latest written word will be read out and output next to the ACK pattern and two Listen Windows (LIW-LIW) even if
the word is read protected. When "OFF", the ACK is followed immediately by a LIW-LIW and FWR. The last written word is
not output.
If a request from the transceiver to return in receive mode (RM) is generated during the LIW, another word can be written in.
Otherwise, the EM4450/4550 will return in the Standard Read Mode.
Fig. 16
WORD n
LIW
ACK
LIW
LIW
FWR
output
input
ACK
t
wa
t
wee
TRANSCEIVER RF FIELD "ON"
WORD n
LIW
output
input
RM WRITE WORD ADDRESS
DATA
ACK LIW
ACK
t
wa
t
wee
TRANSCEIVER RF FIELD "ON"
Write 1 word
Write severalwords
RM WRITE WORD ADDRESS
DATA
RM WRITE WORD ADDRESS
DATA
WORD n
LIW
ACK LIW LIW Last Written LIW LIW
FWR
output
input
ACK
t
wa
t
wee
TRANSCEIVER RF FIELD "ON"
Read After Write function
RM WRITE WORD ADDRESS
DATA
WORD n
LIW
NACK
LIW
LIW
FWR
output
input
t
wa
TRANSCEIVER RF FIELD "ON"
Write not allowed or wrong transmission
RM WRITE WORD ADDRESS
DATA


Similar Part No. - EM4450A5WW6E

ManufacturerPart #DatasheetDescription
logo
EM Microelectronic - MA...
EM4444 EMMICRO-EM4444 Datasheet
109Kb / 1P
   512 bit, Read/Write UHF Identification Device
EM4469 EMMICRO-EM4469 Datasheet
50Kb / 1P
   512 bit Read/Write Contactless Identification Device
logo
Eorex Corporation
EM448M1684LBA-37FE EOREX-EM448M1684LBA-37FE Datasheet
1,014Kb / 29P
   256Mb (4M횞4Bank횞16) Double DATA RATE 2 SDRAM
EM448M1684LBA-3FE EOREX-EM448M1684LBA-3FE Datasheet
1,014Kb / 29P
   256Mb (4M횞4Bank횞16) Double DATA RATE 2 SDRAM
EM448M1684LBA-5FE EOREX-EM448M1684LBA-5FE Datasheet
1,014Kb / 29P
   256Mb (4M횞4Bank횞16) Double DATA RATE 2 SDRAM
More results

Similar Description - EM4450A5WW6E

ManufacturerPart #DatasheetDescription
logo
EM Microelectronic - MA...
EM4150 EMMICRO-EM4150 Datasheet
561Kb / 14P
   1 KBit READ / WRITE CONTACTLESS IDENTIFICATION DEVICE
EM4569 EMMICRO-EM4569 Datasheet
50Kb / 1P
   512 bit Read/Write Contactless Identification Device
EM4170 EMMICRO-EM4170 Datasheet
143Kb / 13P
   125kHz CRYPTO READ/WRITE Contactless Identification Device
EM4269 EMMICRO-EM4269 Datasheet
54Kb / 1P
   512 bit Read/Write Contactless Identification Device
EM4369 EMMICRO-EM4369 Datasheet
121Kb / 1P
   512 bit Read/Write Contactless Identification Device
EM4056 EMMICRO-EM4056 Datasheet
145Kb / 14P
   2KBIT Read/Write with ANTICOLLISION Contactless Identification Device
EM4055 EMMICRO-EM4055 Datasheet
23Kb / 1P
   1KBIT Read/Write Contactless Identification Device with anticollision
EM4102 EMMICRO-EM4102 Datasheet
133Kb / 7P
   Read Only Contactless Identification Device
H4001 EMMICRO-H4001 Datasheet
127Kb / 5P
   READ-ONLY CONTACTLESS IDENTIFICATION DEVICE
EM4026 EMMICRO-EM4026 Datasheet
129Kb / 1P
   Read only Contactless Identification Device
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com