Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

EDI7F233512V120BNC Datasheet(PDF) 2 Page - White Electronic Designs Corporation

Part # EDI7F233512V120BNC
Description  512Kx32 FLASH
Download  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  WEDC [White Electronic Designs Corporation]
Direct Link  http://www.whiteedc.com
Logo WEDC - White Electronic Designs Corporation

EDI7F233512V120BNC Datasheet(HTML) 2 Page - White Electronic Designs Corporation

  EDI7F233512V120BNC Datasheet HTML 1Page - White Electronic Designs Corporation EDI7F233512V120BNC Datasheet HTML 2Page - White Electronic Designs Corporation EDI7F233512V120BNC Datasheet HTML 3Page - White Electronic Designs Corporation EDI7F233512V120BNC Datasheet HTML 4Page - White Electronic Designs Corporation EDI7F233512V120BNC Datasheet HTML 5Page - White Electronic Designs Corporation  
Zoom Inzoom in Zoom Outzoom out
 2 / 5 page
background image
2
Sept. 2002
Rev. 1
EDI7F33512V
White Electronic Designs Corporation • (602) 437-1520 • www.wedc.com
White Electronic Designs
White Electronic Designs Corp. reserves the right to change products or specifications without notice.
EDI7F33512V-BNC: 512Kx32 80 PIN SIMM
EDI7F433512V-BNC: 4x512Kx32 80 PIN SIMM
512K
X 8
512K
X 8
512K
X 8
512K
X 8
DQ0-DQ7
DQ8-DQ15
DQ16-DQ23
DQ24-DQ31
G#
W1#
W2#
W3#
A0-A18
E1#
E0#
W0#
512K
X 8
512K
X 8
512K
X 8
512K
X 8
EDI7F233512V-BNC: 2x512Kx32 80 PIN SIMM
FIG. 1 BLOCK DIAGRAMS
512K
X 8
512K
X 8
512K
X 8
512K
X 8
DQ0-DQ7
DQ8-DQ15
DQ16-DQ23
DQ24-DQ31
E0#
G#
W0#
W1#
W2#
W3#
A0-A18
G#
W0#
W1#
W2#
W3#
DQ0-DQ7
E0#
E1#
DQ8-DQ15
DQ16-DQ23
DQ24-DQ31
E2#
E3#
512K
x8
512K
x8
512K
x8
512K
x8
512K
x8
512K
x8
512K
x8
512K
x8
512K
x8
512K
x8
512K
x8
512K
x8
512K
x8
512K
x8
512K
x8
512K
x8
A0-A18


Similar Part No. - EDI7F233512V120BNC

ManufacturerPart #DatasheetDescription
logo
White Electronic Design...
EDI7F2331MC WEDC-EDI7F2331MC Datasheet
345Kb / 3P
   1Mx32 FLASH MODULE
Rev. 3A
EDI7F2331MC100BNC WEDC-EDI7F2331MC100BNC Datasheet
263Kb / 3P
   1Mx32 FLASH MODULE
EDI7F2331MC100BNC WEDC-EDI7F2331MC100BNC Datasheet
345Kb / 3P
   1Mx32 FLASH MODULE
Rev. 3A
EDI7F2331MC120BNC WEDC-EDI7F2331MC120BNC Datasheet
263Kb / 3P
   1Mx32 FLASH MODULE
EDI7F2331MC120BNC WEDC-EDI7F2331MC120BNC Datasheet
345Kb / 3P
   1Mx32 FLASH MODULE
Rev. 3A
More results

Similar Description - EDI7F233512V120BNC

ManufacturerPart #DatasheetDescription
logo
White Electronic Design...
EDI7F33512C WEDC-EDI7F33512C Datasheet
558Kb / 4P
   512Kx32 Flash
WSF512K32-XXX WEDC-WSF512K32-XXX Datasheet
445Kb / 14P
   512KX32 SRAM / FLASH MODULE
logo
Aeroflex Circuit Techno...
ACT-SF512K32 AEROFLEX-ACT-SF512K32 Datasheet
182Kb / 11P
   ACT-SF512K32 High Speed 512Kx32 SRAM / 512Kx32 Flash Multichip Module
logo
White Electronic Design...
WF512K32-XXX5 WEDC-WF512K32-XXX5 Datasheet
502Kb / 16P
   512Kx32 5V FLASH MODULE, SMD 5962-94612
WSF41632-22XX WEDC-WSF41632-22XX Datasheet
526Kb / 14P
   128KX32 SRAM & 512Kx32 FLASH MIXED MODULE
logo
List of Unclassifed Man...
WF512K32 ETC1-WF512K32 Datasheet
159Kb / 15P
   512Kx32 5V FLASH MODULE, SMD 5962-94612
logo
Aeroflex Circuit Techno...
ACT-SF41632 AEROFLEX-ACT-SF41632 Datasheet
182Kb / 11P
   ACT-SF41632 High Speed 128Kx32 SRAM / 512Kx32 Flash Multichip Module
logo
List of Unclassifed Man...
WS512K32V ETC1-WS512K32V Datasheet
128Kb / 8P
   512Kx32 SRAM 3.3V MODULE
logo
White Electronic Design...
WS512K32BV-XXXE WEDC-WS512K32BV-XXXE Datasheet
332Kb / 8P
   512Kx32 3.3V SRAM MODULE
EDI8L32512V WEDC-EDI8L32512V Datasheet
230Kb / 8P
   512Kx32 SRAM Module.3.3V
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com