Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

EDI8F32128C15MZC Datasheet(PDF) 4 Page - White Electronic Designs Corporation

Part # EDI8F32128C15MZC
Description  128KX32 STATIC RAM CMOS, HIGH SPEED MODULE
Download  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  WEDC [White Electronic Designs Corporation]
Direct Link  http://www.whiteedc.com
Logo WEDC - White Electronic Designs Corporation

EDI8F32128C15MZC Datasheet(HTML) 4 Page - White Electronic Designs Corporation

  EDI8F32128C15MZC Datasheet HTML 1Page - White Electronic Designs Corporation EDI8F32128C15MZC Datasheet HTML 2Page - White Electronic Designs Corporation EDI8F32128C15MZC Datasheet HTML 3Page - White Electronic Designs Corporation EDI8F32128C15MZC Datasheet HTML 4Page - White Electronic Designs Corporation EDI8F32128C15MZC Datasheet HTML 5Page - White Electronic Designs Corporation EDI8F32128C15MZC Datasheet HTML 6Page - White Electronic Designs Corporation EDI8F32128C15MZC Datasheet HTML 7Page - White Electronic Designs Corporation EDI8F32128C15MZC Datasheet HTML 8Page - White Electronic Designs Corporation EDI8F32128C15MZC Datasheet HTML 9Page - White Electronic Designs Corporation  
Zoom Inzoom in Zoom Outzoom out
 4 / 9 page
background image
4
White Electronic Designs Corporation • (602) 437-1520 • www.wedc.com
White Electronic Designs
EDI8F32128C
May 2006
Rev. 1
White Electronic Designs Corp. reserves the right to change products or specifications without notice.
Note 1: Parameter guaranteed, but not tested.
AC CHARACTERISTICS WRITE CYCLE
Parameter
Symbol
15ns
20ns
25ns
Units
JEDEC
Alt.
Min
Max
Min
Max
Min
Max
Write Cycle Time
TAVAV
TWC
15
20
25
ns
Chip Enable to End of Write
TELWH
TCW
12
15
15
ns
TWLEH
TCW
12
15
15
ns
Address Setup Time
TAVWL
TAS
0
0
0
ns
TAVEL
TAS
0
0
0
ns
Address Valid to End of Write
TAVWH
TAW
12
15
15
ns
TAVEH
TAW
12
15
15
ns
Write Pulse Width
TWLWH
TWP
12
15
15
ns
TELEH
TWP
12
15
15
ns
Write Recovery Time
TWHAX
TWR
0
0
0
ns
TEHAX
TWR
0
0
0
ns
Data Hold Time
TWHDX
TDH
3
3
3
ns
TEHDX
TDH
3
3
3
ns
Write to Output in High Z (1)
TWLQZ
TWHZ
0
9
0
9
0
9
ns
Data to Write Time
TDVWH
TDW
7
8
8
ns
TDVEH
TDW
7
8
8
ns
Output Active from End of Write (1)
TWHQX
TWLZ
3
3
3
ns


Similar Part No. - EDI8F32128C15MZC

ManufacturerPart #DatasheetDescription
logo
White Electronic Design...
EDI8F321024C WEDC-EDI8F321024C Datasheet
305Kb / 6P
   1024Kx32 Static RAM CMOS, High Speed Module
EDI8F321024C15MMC WEDC-EDI8F321024C15MMC Datasheet
305Kb / 6P
   1024Kx32 Static RAM CMOS, High Speed Module
EDI8F321024C15MNC WEDC-EDI8F321024C15MNC Datasheet
305Kb / 6P
   1024Kx32 Static RAM CMOS, High Speed Module
EDI8F321024C15MZC WEDC-EDI8F321024C15MZC Datasheet
305Kb / 6P
   1024Kx32 Static RAM CMOS, High Speed Module
EDI8F321024C20MMC WEDC-EDI8F321024C20MMC Datasheet
305Kb / 6P
   1024Kx32 Static RAM CMOS, High Speed Module
More results

Similar Description - EDI8F32128C15MZC

ManufacturerPart #DatasheetDescription
logo
White Electronic Design...
EDI8L32128C WEDC-EDI8L32128C Datasheet
346Kb / 5P
   128Kx32 CMOS High Speed Static RAM
EDI8L32128V WEDC-EDI8L32128V Datasheet
190Kb / 7P
   128Kx32 CMOS High Speed Static RAM
EDI8F321024C WEDC-EDI8F321024C Datasheet
305Kb / 6P
   1024Kx32 Static RAM CMOS, High Speed Module
EDI8F32259V WEDC-EDI8F32259V Datasheet
384Kb / 7P
   256Kx32 Static RAM CMOS, High Speed Module
EDI8F32259C WEDC-EDI8F32259C Datasheet
260Kb / 8P
   256Kx32 STATIC RAM CMOS, HIGH SPEED MODULE
EDI8F32512V WEDC-EDI8F32512V Datasheet
372Kb / 6P
   512Kx32 Static RAM CMOS, High Speed Module
EDI8F32512C WEDC-EDI8F32512C Datasheet
103Kb / 8P
   512Kx32 Static RAM CMOS, High Speed Module
EDI9F37512C55MMC WEDC-EDI9F37512C55MMC Datasheet
539Kb / 5P
   512K x 37 Static RAM CMOS , High Speed Module
EDI8L32512C WEDC-EDI8L32512C Datasheet
109Kb / 8P
   512Kx32 CMOS High Speed Static RAM
logo
Sony Corporation
CXK77B3611AGB- SONY-CXK77B3611AGB- Datasheet
81Kb / 4P
   High Speed Bi-CMOS Synchronous Static RAM
More results


Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com