Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

EDI8F8512LP100BSC Datasheet(PDF) 3 Page - White Electronic Designs Corporation

Part # EDI8F8512LP100BSC
Description  512Kx8 STATIC RAM CMOS, MODULE
Download  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  WEDC [White Electronic Designs Corporation]
Direct Link  http://www.whiteedc.com
Logo WEDC - White Electronic Designs Corporation

EDI8F8512LP100BSC Datasheet(HTML) 3 Page - White Electronic Designs Corporation

  EDI8F8512LP100BSC Datasheet HTML 1Page - White Electronic Designs Corporation EDI8F8512LP100BSC Datasheet HTML 2Page - White Electronic Designs Corporation EDI8F8512LP100BSC Datasheet HTML 3Page - White Electronic Designs Corporation EDI8F8512LP100BSC Datasheet HTML 4Page - White Electronic Designs Corporation EDI8F8512LP100BSC Datasheet HTML 5Page - White Electronic Designs Corporation EDI8F8512LP100BSC Datasheet HTML 6Page - White Electronic Designs Corporation EDI8F8512LP100BSC Datasheet HTML 7Page - White Electronic Designs Corporation EDI8F8512LP100BSC Datasheet HTML 8Page - White Electronic Designs Corporation EDI8F8512LP100BSC Datasheet HTML 9Page - White Electronic Designs Corporation  
Zoom Inzoom in Zoom Outzoom out
 3 / 9 page
background image
EDI8F8512C
3
White Electronic Designs Corporation • (602) 437-1520 • www.wedc.com
White Electronic Designs
July 2002
Rev. 13A
White Electronic Designs Corp. reserves the right to change products or specifications without notice.
ABSOLUTE MAXIMUM RATINGS*
RECOMMENDED DC OPERATING CONDITIONS
AC TEST CONDITIONS
*Stress greater than those listed under “Absolute Maximum Ratings” may
cause permanent damage to the device. This is a stress rating only and
functional operation of the device at these or any other conditions greater
than those indicated in the operational sections of this specification is not
implied. Exposure to absolute maximum rating conditions for extended
periods may affect reliability.
(Note: For tEHQZ, tGHQZ and tWLQZ, CL = 5pF)
Voltage on any pin relative to VSS
-0.5V to 7.0V
Operating Temperature TA (Ambient)
Commercial
Industrial
0°C to +70°C
-40°C to +85°C
Storage Temperature
-55°C to +125°C
Power Dissipation
4 Watt
Output Current
20 mA
Input Pulse Levels
VSS to 3.0V
Input Rise and Fall Times
5ns
Input and Output Timing Levels
1.5V
Output Load
20-35ns
1TTL = 30pF
70-100ns
1TTL, CL = 100pF
Parameter
Sym
Min
Typ
Max
Units
Supply Voltage
VCC
4.5
5.0
5.5
V
Supply Voltage
VSS
0
0
0
V
Input High Voltage
VIH
2.2
6.0
V
Input Low Voltage
VIL
-0.3
0.8
V
DC ELECTRICAL CHARACTERISTICS
*Typical: TA = 25°C, VCC = 5.0V
Parameter
Sym
Conditions
Min
Typ*
Max
Units
35
55 20-25
35
55-100
Operating Power Supply Current
ICC1
W#, E# = VIL, II/O = 0mA, Min Cycle
340
70
570
390
130
mA
Standby (TTL) Power
Supply Current
ICC2
E# ≥ VIH, VIN ≤ VIL
VIN ≥ VIH
DIP
SIP
50
10
85
85
55
65
mA
Full Standby Power
Supply Current (CMOS)
ICC3
E# ≥ VCC-0.2V
VIN ≥ VCC-0.2V or
VIN ≤ 0.2V
C
LP
5
2
40
40
40
5
400
mA
µA
Input Leakage Current
ILI
VIN = 0V to VCC
±10
±10
±10
µA
Output Leakage Current
ILO
V I/O = 0V to VCC
±10
±10
±10
µA
Output High Voltage
VOH
IOH = -1.0mA (≥70), or -4.0 (≤35)
2.4
V
Output Low Voltage
VOL
IOL = 2.1mA (≥70), or 8.0mA (≤35)
0.4
0.4
0.4
V
TRUTH TABLE
CAPACITANCE
(f=1.0MHz, VIN=VCC or VSS)
These parameters are sampled, not 100% tested.
G#
E#
W#
Mode
Output
Power
X
H
X
Standby
HIGH Z
ICC2/ICC3
H
L
H
Output
Deselect
HIGH Z
ICC1
L
L
H
Read
DOUT
ICC1
X
L
L
Write
DIN
ICC1
Parameter
Sym
Max
Unit
Address Lines
CI
30
pF
Data Lines
CD/Q
43
pF
Chip Enable Line
CC
10
pF
Write and Output Enable Lines
CW
32
pF


Similar Part No. - EDI8F8512LP100BSC

ManufacturerPart #DatasheetDescription
logo
White Electronic Design...
EDI8F81024C WEDC-EDI8F81024C Datasheet
87Kb / 6P
   1Mx8 Static RAM CMOS, Module
EDI8F81024C100BSC WEDC-EDI8F81024C100BSC Datasheet
87Kb / 6P
   1Mx8 Static RAM CMOS, Module
EDI8F81024C70BSC WEDC-EDI8F81024C70BSC Datasheet
87Kb / 6P
   1Mx8 Static RAM CMOS, Module
EDI8F81024C85BSC WEDC-EDI8F81024C85BSC Datasheet
87Kb / 6P
   1Mx8 Static RAM CMOS, Module
logo
List of Unclassifed Man...
EDI8F81026C ETC1-EDI8F81026C Datasheet
154Kb / 6P
   1Mx8 STATIC RAM CMOS, MODULE
More results

Similar Description - EDI8F8512LP100BSC

ManufacturerPart #DatasheetDescription
logo
Cypress Semiconductor
CYM1464 CYPRESS-CYM1464 Datasheet
200Kb / 8P
   512Kx8 Static RAM Module
logo
Samsung semiconductor
KM684000B SAMSUNG-KM684000B Datasheet
171Kb / 9P
   512Kx8 bit Low Power CMOS Static RAM
K6T4008C1B SAMSUNG-K6T4008C1B Datasheet
171Kb / 9P
   512Kx8 bit Low Power CMOS Static RAM
K6T4008C1C SAMSUNG-K6T4008C1C Datasheet
169Kb / 9P
   512Kx8 bit Low Power CMOS Static RAM
KM684000C SAMSUNG-KM684000C Datasheet
169Kb / 9P
   512Kx8 bit Low Power CMOS Static RAM
KM684000L SAMSUNG-KM684000L Datasheet
330Kb / 7P
   512Kx8 BIT HIGH HIGH SPEED CMOS STATIC RAM
K6X4008C1F SAMSUNG-K6X4008C1F Datasheet
177Kb / 9P
   512Kx8 bit Low Power full CMOS Static RAM
K6X4008T1F SAMSUNG-K6X4008T1F Datasheet
174Kb / 9P
   512Kx8 bit Low Power and Low Voltage CMOS Static RAM
K6T4008V1C SAMSUNG-K6T4008V1C Datasheet
186Kb / 10P
   512Kx8 bit Low Power and Low Voltage CMOS Static RAM
logo
List of Unclassifed Man...
EDI8F81026C ETC1-EDI8F81026C Datasheet
154Kb / 6P
   1Mx8 STATIC RAM CMOS, MODULE
More results


Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com