Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

EDI8F32512C20MZC-G Datasheet(PDF) 7 Page - White Electronic Designs Corporation

Part # EDI8F32512C20MZC-G
Description  512Kx32 Static RAM CMOS, High Speed Module
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  WEDC [White Electronic Designs Corporation]
Direct Link  http://www.whiteedc.com
Logo WEDC - White Electronic Designs Corporation

EDI8F32512C20MZC-G Datasheet(HTML) 7 Page - White Electronic Designs Corporation

  EDI8F32512C20MZC-G Datasheet HTML 1Page - White Electronic Designs Corporation EDI8F32512C20MZC-G Datasheet HTML 2Page - White Electronic Designs Corporation EDI8F32512C20MZC-G Datasheet HTML 3Page - White Electronic Designs Corporation EDI8F32512C20MZC-G Datasheet HTML 4Page - White Electronic Designs Corporation EDI8F32512C20MZC-G Datasheet HTML 5Page - White Electronic Designs Corporation EDI8F32512C20MZC-G Datasheet HTML 6Page - White Electronic Designs Corporation EDI8F32512C20MZC-G Datasheet HTML 7Page - White Electronic Designs Corporation EDI8F32512C20MZC-G Datasheet HTML 8Page - White Electronic Designs Corporation  
Zoom Inzoom in Zoom Outzoom out
 7 / 8 page
background image
7
White Electronic Designs Corporation • (602) 437-1520 • www.wedc.com
EDI8F32512C
White Electronic Designs Corp. reserves the right to change products or specifications without notice.
March 2006
Rev. 9
PART NUMBERING GUIDE
EDI 8 F 32 512 C 20 MM C -G
PREFIX
PRODUCT GROUP
8 = SRAM
SUBSTRATE
F = FR4 with Tin Lead Contacts
G = FR4 with Gold Contacts
DATA BUS WIDTH
32 = 32 Bit
DENSITY
512 = 512K
TECHNOLOGY
C = CMOS (5.0V)
SPEED
15 = 15ns
20 = 20ns
25 = 25ns
PACKAGE
MM = Straight SIMM
MZ = ZIP
TEMPERATURE RANGE
C = Commercial
0°C to +70°C
I = Industrial
-40°C to +85°C
G = RoHS COMPLIANT


Similar Part No. - EDI8F32512C20MZC-G

ManufacturerPart #DatasheetDescription
logo
White Electronic Design...
EDI8F32512V WEDC-EDI8F32512V Datasheet
372Kb / 6P
   512Kx32 Static RAM CMOS, High Speed Module
EDI8F32512V15MMC WEDC-EDI8F32512V15MMC Datasheet
372Kb / 6P
   512Kx32 Static RAM CMOS, High Speed Module
EDI8F32512V15MZC WEDC-EDI8F32512V15MZC Datasheet
372Kb / 6P
   512Kx32 Static RAM CMOS, High Speed Module
EDI8F32512V20MMC WEDC-EDI8F32512V20MMC Datasheet
372Kb / 6P
   512Kx32 Static RAM CMOS, High Speed Module
EDI8F32512V20MZC WEDC-EDI8F32512V20MZC Datasheet
372Kb / 6P
   512Kx32 Static RAM CMOS, High Speed Module
More results

Similar Description - EDI8F32512C20MZC-G

ManufacturerPart #DatasheetDescription
logo
White Electronic Design...
EDI8F32512V WEDC-EDI8F32512V Datasheet
372Kb / 6P
   512Kx32 Static RAM CMOS, High Speed Module
EDI8L32512C WEDC-EDI8L32512C Datasheet
109Kb / 8P
   512Kx32 CMOS High Speed Static RAM
EDI8F321024C WEDC-EDI8F321024C Datasheet
305Kb / 6P
   1024Kx32 Static RAM CMOS, High Speed Module
EDI8F32259V WEDC-EDI8F32259V Datasheet
384Kb / 7P
   256Kx32 Static RAM CMOS, High Speed Module
EDI8F32259C WEDC-EDI8F32259C Datasheet
260Kb / 8P
   256Kx32 STATIC RAM CMOS, HIGH SPEED MODULE
EDI8F32128C WEDC-EDI8F32128C Datasheet
237Kb / 9P
   128KX32 STATIC RAM CMOS, HIGH SPEED MODULE
logo
Austin Semiconductor
AS8S512K32PEC AUSTIN-AS8S512K32PEC Datasheet
197Kb / 7P
   16Mb, 512Kx32 CMOS 5.0V, High Speed Static RAM Integrated Plastic Encapsulated Microcircuit
AS8SLC512K32PEC AUSTIN-AS8SLC512K32PEC Datasheet
186Kb / 7P
   16Mb, 512Kx32 CMOS 3.3V, High Speed Static RAM Integrated Plastic Encapsulated Microcircuit
logo
White Electronic Design...
EDI9F37512C55MMC WEDC-EDI9F37512C55MMC Datasheet
539Kb / 5P
   512K x 37 Static RAM CMOS , High Speed Module
EDI8L32128C WEDC-EDI8L32128C Datasheet
346Kb / 5P
   128Kx32 CMOS High Speed Static RAM
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com