Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

EM6152V50SO8A Datasheet(PDF) 4 Page - EM Microelectronic - MARIN SA

Part # EM6152V50SO8A
Description  5V Automotive Regulator with Windowed Watchdog
Download  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  EMMICRO [EM Microelectronic - MARIN SA]
Direct Link  http://www.emmicroelectronic.com
Logo EMMICRO - EM Microelectronic - MARIN SA

EM6152V50SO8A Datasheet(HTML) 4 Page - EM Microelectronic - MARIN SA

  EM6152V50SO8A Datasheet HTML 1Page - EM Microelectronic - MARIN SA EM6152V50SO8A Datasheet HTML 2Page - EM Microelectronic - MARIN SA EM6152V50SO8A Datasheet HTML 3Page - EM Microelectronic - MARIN SA EM6152V50SO8A Datasheet HTML 4Page - EM Microelectronic - MARIN SA EM6152V50SO8A Datasheet HTML 5Page - EM Microelectronic - MARIN SA EM6152V50SO8A Datasheet HTML 6Page - EM Microelectronic - MARIN SA EM6152V50SO8A Datasheet HTML 7Page - EM Microelectronic - MARIN SA EM6152V50SO8A Datasheet HTML 8Page - EM Microelectronic - MARIN SA EM6152V50SO8A Datasheet HTML 9Page - EM Microelectronic - MARIN SA Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 12 page
background image
R
EM6152
Copyright © 2006, EM Microelectronic-Marin SA
4
www.emmicroelectronic.com
rev. B / 06.06
Electrical Characteristics
VINPUT = 13.5 V, CL = 22 μF + 100 nF, CINPUT = 22 μF, Tj = -40 to +125°C, unless otherwise specified
Parameter
Symbol Test Conditions
Min.
Typ.
Max.
Unit
Supply current in standby mode and sleep
mode for V55
ISS
ROSC = don’t care, TCL = VOUTPUT,
VIN = 0 V, IL = 1 mA
135
270
μA
Supply current (note1)
ISS
ROSC = 100 kΩ, I/PS at VOUTPUT,
O/PS 1 MΩ to VOUTPUT, IL = 1 mA
145
280
μA
Supply current (note 1)
ISS
ROSC = 100 kΩ, I/PS at VOUTPUT,
O/PS 1 MΩ to VOUTPUT, IL = 250 mA
7
14
mA
Output voltage
VOUTPUT 5 mA ≤ IL ≤ 250 mA
4.8
5
5.2
V
Line regulation (note 2)
VLINE
12 V
≤ VINPUT ≤ 32 V, IL = 5 mA
10
25
mV
Load regulation (note 2)
VL
5 mA
≤ IL ≤ 250 mA, VINPUT=6V
35
80
mV
Dropout voltage (note 3)
VDROPOUT IL = 250 mA
250
500
mV
Output voltage temperature coefficient (note 4)
Vth(coeff)
0.5
mV/°C
Current limit
ILmax
OUTPUT tied to VSS, VINPUT=6V
400
600
mA
RES
& EN
VOUTPUT = 4.5 V, IOL = 8 mA
0.25
0.45
V
Output Low Voltage
VOUTPUT = 2.0 V, IOL = 4 mA
0.2
0.4
V
VOL
VOUTPUT = 1.2 V, IOL = 0.5 mA
0.04
0.2
V
EN
VOUTPUT = 4.5 V, IOH= -1 mA
3.5
4.1
V
Output High Voltage
VOUTPUT = 2.0 V, IOH= -100 μA
1.8
1.9
V
VOH
VOUTPUT = 1.2 V, IOH= -20 μA
0.9
1.05
V
TCL
Input Low Level
VIL
VSS
0.5
V
TCL
Input High Level
VIH
2.5
VOUTPUT
V
Leakage current
ILI
VSS ≤ VTCL ≤ VOUTPUT
0.05
μA
Version V30 (replaces A6130)
1.135
1.170
1.205
V
Comparator reference (note 5, 6)
VREF
Version V50 (replaces A6150 and A6250) 1.475
1.520
1.565
V
Version V53
1.475
1.520
1.565
V
Version V55 (replaces A6155)
1.235
1.275
1.315
V
Comparator hysteresis (note 6)
VHY
2
mV
VIN input resistance
RVIN
100
M
Ω
Table 3
Note 1: if INPUT is connected to VSS, no reverse current will flow from the OUTPUT to the INPUT, however the supply current specified will be
sank by the OUTPUT to supply the EM6152.
Note 2: regulation is measured at constant junction temperature using pulse testing with a low duty cycle. Changes in OUTPUT voltage due to
heating effects are covered in the specification for thermal regulation.
Note 3: the dropout voltage is defined as the INPUT to OUTPUT differential, measured with the input voltage equal to 5.0 V.
Note 4: output voltage temperature coefficient is defined as the change in OUTPUT voltage after a change in power dissipation is applied,
excluding load or line regulation effects.
Note 5: the comparator and the voltage regulator have separate voltage references (see “Block Diagram” Fig. 3).
Note 6: the comparator reference is the power-down reset threshold. The power-on reset threshold equals the comparator reference voltage
plus the comparator hysteresis (see Fig. 5).


Similar Part No. - EM6152V50SO8A

ManufacturerPart #DatasheetDescription
logo
EM Microelectronic - MA...
EM6152A EMMICRO-EM6152A Datasheet
722Kb / 12P
   5V Automotive Regulator with Windowed Watchdog
EM6152A050 EMMICRO-EM6152A050 Datasheet
722Kb / 12P
   5V Automotive Regulator with Windowed Watchdog
EM6152A053 EMMICRO-EM6152A053 Datasheet
722Kb / 12P
   5V Automotive Regulator with Windowed Watchdog
EM6152A30 EMMICRO-EM6152A30 Datasheet
722Kb / 12P
   5V Automotive Regulator with Windowed Watchdog
EM6152A30SO8A EMMICRO-EM6152A30SO8A Datasheet
722Kb / 12P
   5V Automotive Regulator with Windowed Watchdog
More results

Similar Description - EM6152V50SO8A

ManufacturerPart #DatasheetDescription
logo
EM Microelectronic - MA...
EM6152A EMMICRO-EM6152A Datasheet
722Kb / 12P
   5V Automotive Regulator with Windowed Watchdog
EM6153 EMMICRO-EM6153 Datasheet
480Kb / 11P
   5V Automotive Regulator with Inhibit Input and Windowed Watchdog
EM6156 EMMICRO-EM6156 Datasheet
492Kb / 11P
   5V 120mA Automotive LDO Regulator with Watchdog
logo
Monolithic Power System...
MP6411 MPS-MP6411 Datasheet
307Kb / 14P
   Windowed Watchdog Timer
logo
Toshiba Semiconductor
TA8000S TOSHIBA-TA8000S Datasheet
382Kb / 11P
   5V VOLTAGE REGULATOR WITH WATCHDOG TIMER
TA8007F TOSHIBA-TA8007F Datasheet
219Kb / 7P
   5V VOLTAGE REGULATOR WITH WATCHDOG TIMER
TA8045BF TOSHIBA-TA8045BF Datasheet
262Kb / 7P
   5V VOLTAGE REGULATOR WITH WATCHDOG TIMER
TA7900F TOSHIBA-TA7900F Datasheet
265Kb / 7P
   5V VOLTAGE REGULATOR WITH WATCHDOG TIMER
TA8000F TOSHIBA-TA8000F Datasheet
268Kb / 7P
   5V VOLTAGE REGULATOR WITH WATCHDOG TIMER
TA8006ASN TOSHIBA-TA8006ASN Datasheet
307Kb / 7P
   5V VOLTAGE REGULATOR WITH WATCHDOG TIMER
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com