Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

EM6324LYSP5B1.3 Datasheet(PDF) 2 Page - EM Microelectronic - MARIN SA

Part # EM6324LYSP5B1.3
Description  Reset Circuit with Manual Reset and Watchdog
Download  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  EMMICRO [EM Microelectronic - MARIN SA]
Direct Link  http://www.emmicroelectronic.com
Logo EMMICRO - EM Microelectronic - MARIN SA

EM6324LYSP5B1.3 Datasheet(HTML) 2 Page - EM Microelectronic - MARIN SA

  EM6324LYSP5B1.3 Datasheet HTML 1Page - EM Microelectronic - MARIN SA EM6324LYSP5B1.3 Datasheet HTML 2Page - EM Microelectronic - MARIN SA EM6324LYSP5B1.3 Datasheet HTML 3Page - EM Microelectronic - MARIN SA EM6324LYSP5B1.3 Datasheet HTML 4Page - EM Microelectronic - MARIN SA EM6324LYSP5B1.3 Datasheet HTML 5Page - EM Microelectronic - MARIN SA EM6324LYSP5B1.3 Datasheet HTML 6Page - EM Microelectronic - MARIN SA EM6324LYSP5B1.3 Datasheet HTML 7Page - EM Microelectronic - MARIN SA EM6324LYSP5B1.3 Datasheet HTML 8Page - EM Microelectronic - MARIN SA EM6324LYSP5B1.3 Datasheet HTML 9Page - EM Microelectronic - MARIN SA Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 10 page
background image
EM6323/24
Copyright
© 2006, EM Microelectronic-Marin SA
03/06 - rev.H
2
www.emmicroelectronic.com
Ordering Information
EM6323
-
Part Number:
RoHS Compliance:
EM6323 = manual reset & watchdog
+ = lead-free/green mold compliant
EM6324 = watchdog
[blank] = leaded
Delays tPOR & tWD :
Reset Threshold Voltage:
EM6323/24:
tPOR [ms]
1.3 = 1.31V
1.8 = 1.80V
3.1 = 3.08V
1.6 25
200 1600
1.4 = 1.38V
2.2 = 2.20V
4.4 = 4.40V
6.2 A
BC
D
1.6 = 1.57V
2.6 = 2.63V
4.6 = 4.63V
102 EF
G
H
1.7 = 1.66V
2.9 = 2.93V
1600 JK
L
M
25600 N
P
Q
R
Package:
("L" is the standard version")
SP5B = 5-pin SOT23-5, tape&reel, 3000 pcs
Reset Output Type:
X = Active-low /RESET push-pull (Active-high RESET push-pull also for EM6324)
Y = Active-low /RESET open-drain (Active-high RESET push-pull also for EM6324)
Z = Active-high RESET push-pull (EM6323 only)
+
L X SP5B 2.9
Note:
subject to availability (see standard versions list below). Please give complete Part Number when ordering
Standard Versions (Top Marking)
Threshold
Voltage
Delay (tPOR)/
Watchdog timer (tWD)
Output Type
Package
Part Number
Top
Marking
1)
Top Marking
with 4
characters
2)
2.6V
200ms/1600ms
Active-high push-pull RESET
SOT23-5L
EM6323LZSP5B-2.6
APL5
2.63V
200ms/1600ms
Active-low push-pull RESET
SOT23-5L
EM6323LXSP5B-2.6
APLG
2.63V
200ms/1600ms
Active-low push-pull RESET
SOT23-5L
EM6323LXSP5B-2.6+
KF##
BPLG
2.93V
200ms/1600ms
Active-low push-pull RESET
SOT23-5L
EM6323LXSP5B-2.9
APLH
2.93V
200ms/1600ms
Active-low push-pull RESET
SOT23-5L
EM6323LXSP5B-2.9+
K0##
BPLH
3.08V
200ms/1600ms
Active-low push-pull RESET
SOT23-5L
EM6323LXSP5B-3.1
APLJ
2.93V
200ms/1600ms
Active-low open-drain RESET
SOT23-5L
EM6323LYSP5B-2.9
APLU
2.93V
200ms/1600ms
Active-low open-drain RESET
SOT23-5L
EM6323LYSP5B-2.9+
K6##
BPLU
3.1V
200ms/1600ms
Active-low open-drain RESET
SOT23-5L
EM6323LYSP5B-3.1
APLV
3.1V
200ms/1600ms
Active-low push-pull RESET
SOT23-5L
EM6323LXSP5B-3.1
APLJ
4.40V
200ms/1600ms
Active-low push-pull RESET
SOT23-5L
EM6324LXSP5B-4.4
AQMK
4.40V
200ms/1600ms
Active-low push-pull RESET
SOT23-5L
EM6324LXSP5B-4.4+
K9##
BQMK
2.9V
200ms/1600ms
Active-low open-drain RESET
SOT23-5L
EM6324LYSP5B-2.9
AQLU
1.38V
200ms/25600ms
Active-low push-pull RESET
SOT23-5L
EM6324QXSP5B-1.4
AQQB
1)
Top marking is standard from 2006. No bottom marking exists. Where ## refers to the lot number (EM internal reference
only)
2)
Top marking with 4 characters is standard from 2003. For lead-free/green mold (RoHS) parts, the first letter of top
marking with 4 characters begins with letter “B” instead of letter “A”. Bottom marking indicates the lot number.
Standard Versions (samples)
Part Number
EM6323LXSP5B-2.6+
EM6323LXSP5B-2.9+
Part Number
EM6323LYSP5B-2.9+
EM6324LXSP5B-4.4+
Sample stock is generally held on
standard versions only. Non standard versions have a 30,000 pieces minimum order
quantity. Please contact factory for other versions not shown here and for availability of non standard versions.


Similar Part No. - EM6324LYSP5B1.3

ManufacturerPart #DatasheetDescription
logo
Emerging Memory & Logic...
EM6320FP16AS-10L EMLSI-EM6320FP16AS-10L Datasheet
188Kb / 11P
   128K x8 bit Super Low Power and Low Voltage Full CMOS Static RAM
EM6320FP16AS-10LF EMLSI-EM6320FP16AS-10LF Datasheet
188Kb / 11P
   128K x8 bit Super Low Power and Low Voltage Full CMOS Static RAM
EM6320FP16AS-70L EMLSI-EM6320FP16AS-70L Datasheet
188Kb / 11P
   128K x8 bit Super Low Power and Low Voltage Full CMOS Static RAM
EM6320FP16AS-70LF EMLSI-EM6320FP16AS-70LF Datasheet
188Kb / 11P
   128K x8 bit Super Low Power and Low Voltage Full CMOS Static RAM
EM6320FP16AW-55LF EMLSI-EM6320FP16AW-55LF Datasheet
112Kb / 11P
   256K x16 bit Low Power and Low Voltage Full CMOS Static RAM
More results

Similar Description - EM6324LYSP5B1.3

ManufacturerPart #DatasheetDescription
logo
Catalyst Semiconductor
CAT823 CATALYST-CAT823 Datasheet
208Kb / 14P
   System Supervisory Voltage Reset with Watchdog and Manual Reset
CAT823 CATALYST-CAT823_08 Datasheet
216Kb / 14P
   System Supervisory Voltage Reset with Watchdog and Manual Reset
logo
ON Semiconductor
CAT823 ONSEMI-CAT823 Datasheet
143Kb / 15P
   System Supervisory Voltage Reset with Watchdog and Manual Reset
Doc. No. MD-3027, Rev. D
logo
EM Microelectronic - MA...
EM6325 EMMICRO-EM6325 Datasheet
230Kb / 8P
   Reset Circuit with Manual Reset
logo
Taiwan Semiconductor Co...
TS823 TSC-TS823_09 Datasheet
182Kb / 8P
   Microprocessor Supervisory Circuit with Watchdog Timer & Manual Reset
TS823 TSC-TS823 Datasheet
115Kb / 6P
   Microprocessor Supervisory Circuit with Watchdog Timer & Manual Reset
TS823 TSC-TS823_07 Datasheet
316Kb / 8P
   Microprocessor Supervisory Circuit with Watchdog Timer & Manual Reset
logo
Vishay Siliconix
SIP823 VISHAY-SIP823 Datasheet
55Kb / 6P
   5-Pin UP Reset Circuits with Watchdog Timer and Manual Reset
Rev. B, 14-Jun-04
logo
Sipex Corporation
SP6339 SIPEX-SP6339 Datasheet
227Kb / 13P
   Triple 關Power Supervisory Circuit with Manual Reset and Watchdog
logo
Micrel Semiconductor
MAX823 MICREL-MAX823 Datasheet
957Kb / 14P
   Voltage Supervisor with Watchdog Timer and Manual Reset
More results


Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com