Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

EM6153053 Datasheet(PDF) 1 Page - EM Microelectronic - MARIN SA

Part # EM6153053
Description  5V Automotive Regulator with Inhibit Input and Windowed Watchdog
Download  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  EMMICRO [EM Microelectronic - MARIN SA]
Direct Link  http://www.emmicroelectronic.com
Logo EMMICRO - EM Microelectronic - MARIN SA

EM6153053 Datasheet(HTML) 1 Page - EM Microelectronic - MARIN SA

  EM6153053 Datasheet HTML 1Page - EM Microelectronic - MARIN SA EM6153053 Datasheet HTML 2Page - EM Microelectronic - MARIN SA EM6153053 Datasheet HTML 3Page - EM Microelectronic - MARIN SA EM6153053 Datasheet HTML 4Page - EM Microelectronic - MARIN SA EM6153053 Datasheet HTML 5Page - EM Microelectronic - MARIN SA EM6153053 Datasheet HTML 6Page - EM Microelectronic - MARIN SA EM6153053 Datasheet HTML 7Page - EM Microelectronic - MARIN SA EM6153053 Datasheet HTML 8Page - EM Microelectronic - MARIN SA EM6153053 Datasheet HTML 9Page - EM Microelectronic - MARIN SA Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 11 page
background image
R
EM6153
Copyright © 2006, EM Microelectronic-Marin SA
1
www.emmicroelectronic.com
06/06, rev. B, prelim.
5V Automotive Regulator with Inhibit Input and
Windowed Watchdog
Description
The EM6153 offers a high level of integration by combining
voltage
regulation,
voltage
monitoring
and
software
monitoring using a windowed watchdog.
A comparator monitors the voltage applied at the VIN input
comparing it with an internal voltage reference VREF. The
power-on reset function is initialized after VIN reaches VREF
and takes the reset output inactive after a delay TPOR
depending on external resistance ROSC. The reset output goes
active low when the VIN voltage is less than VREF. The RES
and EN outputs are guaranteed to be in a correct state for a
regulated output voltage as low as 1.2 V. The watchdog
function monitors software cycle time and execution.
If software clears the watchdog too quickly (incorrect cycle
time) or too slowly (incorrect execution) it will cause the
system to be reset. For enhanced security, the watchdog
must be serviced within an “open” time window. During the
remaining time, the watchdog time window is “closed” and a
reset will occur should a TCL pulse be received by the
watchdog during this “closed” time window. The ratio of the
open/closed window is either 33%/67% or 67%/33%.
The system ENABLE output prevents critical control functions
being activated until software has successfully cleared the
watchdog three times. Such a security could be used to
prevent motor controls being energized on repeated resets of
a faulty system.
When the microcontroller goes in stand-by mode or stops
working, no signal is received on the TCL input and the
EM6153 (version 55) goes into a stand-by mode in order to
save power (CAN-bus sleep detector).
In EM6153, the voltage regulator has a low dropout voltage
and a low quiescent current of 75
μA. The quiescent current
increases only slightly in dropout prolonging battery life. Built-
in protection includes a positive transient absorber for up to
45 V (load dump) and the ability to survive an unregulated
input voltage of -42 V (reverse battery). The input may be
connected to ground or to a reverse voltage without reverse
current flowing from the output to the input.
Features
Low quiescent current 90
μA
Very low OFF current consumption < 1uA
-40°C to +125°C temperature range
Highly accurate 5 V, 150 mA guaranteed output (actual
maximum current depends on power dissipation)
Low dropout voltage, typically 250 mV at 100 mA
Unregulated DC input can withstand -42 V reverse battery
and +45 V power transients
Fully operational for unregulated DC input voltage up to
40 V and regulated output voltage down to 3.5 V
No reverse output current
Very low temperature coefficient for the regulated output
Current limiting
Windowed watchdog with an adjustable time windows,
guaranteeing a minimum time and a maximum time
between software clearing of the watchdog
Time base accuracy
±8% (at 100ms)
Sleep mode function (V55)
Adjustable threshold voltage using external resistors
Adjustable power on reset (POR) delay using one
external resistor
Open-drain active-low RESET output
Reset output guaranteed for regulated output voltage
down to 1.2 V
System ENABLE output offers added security
Qualified according to AEC-Q100
Green SO-16 Exposed pad package (RoHS compliant)
Applications
Automotive systems
Industrial
Home security systems
Telecom / Networking
Computers
Set top boxes
Typical Operating Configuration
Fig. 1
Selection Table
Part Number
VREF
Closed
Window
Open
Window
CAN-bus sleep
detector
EM6153V50
1.52 V
67%
33%
NO
EM6153V53
1.52 V
33%
67%
NO
EM6153V55
1.275 V
67%
33%
YES
Please refer to Fig. 4 for more information about the
open/closed window of the watchdog.
EM MICROELECTRONIC - MARIN SA
5V
+
V
SS
GND
Unregulated
Voltage
INPUT
OUTPUT
EM6153
RES
EN
TCL
V
IN
V
DD
I/O
RES
I/O
R
OSC
10uF
100nF
22uF
R
OSC
R
1
R
2
+
INH
Inhibit
V
DD


Similar Part No. - EM6153053

ManufacturerPart #DatasheetDescription
logo
EM Microelectronic - MA...
EM6151 EMMICRO-EM6151 Datasheet
423Kb / 10P
   Low Power Windowed Watchdog with Reset, Sleep Mode Functions
EM6151V30 EMMICRO-EM6151V30 Datasheet
423Kb / 10P
   Low Power Windowed Watchdog with Reset, Sleep Mode Functions
EM6151V30SO8A EMMICRO-EM6151V30SO8A Datasheet
423Kb / 10P
   Low Power Windowed Watchdog with Reset, Sleep Mode Functions
EM6151V30SO8B EMMICRO-EM6151V30SO8B Datasheet
423Kb / 10P
   Low Power Windowed Watchdog with Reset, Sleep Mode Functions
EM6151V50 EMMICRO-EM6151V50 Datasheet
423Kb / 10P
   Low Power Windowed Watchdog with Reset, Sleep Mode Functions
More results

Similar Description - EM6153053

ManufacturerPart #DatasheetDescription
logo
EM Microelectronic - MA...
EM6152 EMMICRO-EM6152 Datasheet
531Kb / 12P
   5V Automotive Regulator with Windowed Watchdog
EM6152A EMMICRO-EM6152A Datasheet
722Kb / 12P
   5V Automotive Regulator with Windowed Watchdog
EM6156 EMMICRO-EM6156 Datasheet
492Kb / 11P
   5V 120mA Automotive LDO Regulator with Watchdog
logo
ATMEL Corporation
ATA6621 ATMEL-ATA6621_06 Datasheet
415Kb / 27P
   LIN Transceiver with 5V Regulator and Watchdog
ATA6621 ATMEL-ATA6621 Datasheet
386Kb / 26P
   LIN Transceiver with 5V Regulator and Watchdog
ATA6621N ATMEL-ATA6621N Datasheet
496Kb / 28P
   LIN Transceiver with 5V Regulator and Watchdog
ATA6621N ATMEL-ATA6621N_09 Datasheet
480Kb / 28P
   LIN Transceiver with 5V Regulator and Watchdog
logo
Monolithic Power System...
MP6411 MPS-MP6411 Datasheet
307Kb / 14P
   Windowed Watchdog Timer
logo
ATMEL Corporation
ATA6612 ATMEL-ATA6612 Datasheet
5Mb / 364P
   Microcontroller with LIN Transceiver, 5V Regulator and Watchdog
ATA6602 ATMEL-ATA6602 Datasheet
4Mb / 362P
   Microcontroller with LIN Transceiver, 5V Regulator and Watchdog
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com