Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

EM6153055 Datasheet(PDF) 4 Page - EM Microelectronic - MARIN SA

Part # EM6153055
Description  5V Automotive Regulator with Inhibit Input and Windowed Watchdog
Download  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  EMMICRO [EM Microelectronic - MARIN SA]
Direct Link  http://www.emmicroelectronic.com
Logo EMMICRO - EM Microelectronic - MARIN SA

EM6153055 Datasheet(HTML) 4 Page - EM Microelectronic - MARIN SA

  EM6153055 Datasheet HTML 1Page - EM Microelectronic - MARIN SA EM6153055 Datasheet HTML 2Page - EM Microelectronic - MARIN SA EM6153055 Datasheet HTML 3Page - EM Microelectronic - MARIN SA EM6153055 Datasheet HTML 4Page - EM Microelectronic - MARIN SA EM6153055 Datasheet HTML 5Page - EM Microelectronic - MARIN SA EM6153055 Datasheet HTML 6Page - EM Microelectronic - MARIN SA EM6153055 Datasheet HTML 7Page - EM Microelectronic - MARIN SA EM6153055 Datasheet HTML 8Page - EM Microelectronic - MARIN SA EM6153055 Datasheet HTML 9Page - EM Microelectronic - MARIN SA Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 11 page
background image
R
EM6153
Copyright © 2006, EM Microelectronic-Marin SA
4
www.emmicroelectronic.com
06/06, rev. B, prelim.
Electrical Characteristics
VINPUT = 13.5 V, CL = 10 μF + 100 nF, CINPUT = 22 μF, VINH = 5 V, VDD connected to VOUTPUT, Tj = -40 to +125°C, unless
otherwise specified
Parameter
Symbol Test Conditions
Min.
Typ.
Max.
Unit
Supply current OFF mode
ISS
ROSC = don’t care, TCL = VOUTPUT,
VIN = 0 V, VINH = 0 V, Tj < 100°C
0
1
μA
Supply current in standby mode and sleep
mode for V55 (note 1)
ISS
ROSC = don’t care, TCL = VOUTPUT,
VIN = 0 V, IL = 100 μA
80
135
μA
Supply current (note1)
ISS
ROSC = 100 kΩ, I/PS at VOUTPUT,
O/PS 1 MΩ to VOUTPUT, IL = 100 μA
90
140
μA
Supply current
ISS
ROSC = 100 kΩ, I/PS at VOUTPUT,
O/PS 1 MΩ to VOUTPUT, IL = 50 mA
1.7
4
mA
Voltage regulator
Output voltage
VOUTPUT 5 mA ≤ IL ≤ 100 mA
4.85
5
5.15
V
Line regulation (note 2)
VLINE
6 V
≤ VINPUT ≤ 28 V, IL = 1 mA
5
30
mV
Load regulation (note 2)
VL
1 mA
≤ IL ≤ 100 mA, VINPUT = 6 V
50
95
mV
Dropout voltage (note 3)
VDROPOUT IL = 100 mA
250
500
mV
Current limit
ILmax
OUTPUT tied to VSS, VINPUT = 6 V
150
200
500
mA
Supervisory and watchdog
RES
& EN
VOUTPUT = 4.5 V, IOL = 8 mA
0.25
0.45
V
Output Low Voltage
VOL
VOUTPUT = 1.2 V, IOL = 0.5 mA
0.04
0.2
V
EN
VOUTPUT = 4.5 V, IOH= -1 mA
3.5
4.1
V
Output High Voltage
VOH
VOUTPUT = 1.2 V, IOH= -20 μA
0.9
1.05
V
TCL
Input Low Level
VIL
VSS
0.5
V
TCL
Input High Level
VIH
2.5
VOUTPUT
V
INH
Input On Voltage
VINH, on
3.5
V
INH
Input Off Voltage
VINH, off
0.8
V
INH
current
IINH
VINH = 5 V
4
8
μA
TCL
Leakage current
ILI
VSS ≤ VTCL ≤ VOUTPUT
0.05
μA
Comparator reference (note 4, 5)
Version V50
1.475
1.520
1.565
V
VREF
Version V53
1.475
1.520
1.565
V
Version V55
1.235
1.275
1.315
V
Comparator hysteresis (note 5)
VHY
2
mV
VIN input resistance
RVIN
100
M
Ω
Table 3
Note 1: if INPUT is connected to VSS, no reverse current will flow from the OUTPUT to the INPUT.
Note 2:
regulation is measured at constant junction temperature using pulse testing with a low duty cycle.
Note 3:
the dropout voltage is defined as the INPUT to OUTPUT differential, measured with the input voltage equal to 5.0 V.
Note 4:
the comparator and the voltage regulator have separate voltage references (see “Block Diagram” Fig. 3).
Note 5:
the comparator reference is the power-down reset threshold. The power-on reset threshold equals the comparator reference voltage
plus the comparator hysteresis (see Fig. 5).


Similar Part No. - EM6153055

ManufacturerPart #DatasheetDescription
logo
EM Microelectronic - MA...
EM6151 EMMICRO-EM6151 Datasheet
423Kb / 10P
   Low Power Windowed Watchdog with Reset, Sleep Mode Functions
EM6151V30 EMMICRO-EM6151V30 Datasheet
423Kb / 10P
   Low Power Windowed Watchdog with Reset, Sleep Mode Functions
EM6151V30SO8A EMMICRO-EM6151V30SO8A Datasheet
423Kb / 10P
   Low Power Windowed Watchdog with Reset, Sleep Mode Functions
EM6151V30SO8B EMMICRO-EM6151V30SO8B Datasheet
423Kb / 10P
   Low Power Windowed Watchdog with Reset, Sleep Mode Functions
EM6151V50 EMMICRO-EM6151V50 Datasheet
423Kb / 10P
   Low Power Windowed Watchdog with Reset, Sleep Mode Functions
More results

Similar Description - EM6153055

ManufacturerPart #DatasheetDescription
logo
EM Microelectronic - MA...
EM6152 EMMICRO-EM6152 Datasheet
531Kb / 12P
   5V Automotive Regulator with Windowed Watchdog
EM6152A EMMICRO-EM6152A Datasheet
722Kb / 12P
   5V Automotive Regulator with Windowed Watchdog
EM6156 EMMICRO-EM6156 Datasheet
492Kb / 11P
   5V 120mA Automotive LDO Regulator with Watchdog
logo
ATMEL Corporation
ATA6621 ATMEL-ATA6621_06 Datasheet
415Kb / 27P
   LIN Transceiver with 5V Regulator and Watchdog
ATA6621 ATMEL-ATA6621 Datasheet
386Kb / 26P
   LIN Transceiver with 5V Regulator and Watchdog
ATA6621N ATMEL-ATA6621N Datasheet
496Kb / 28P
   LIN Transceiver with 5V Regulator and Watchdog
ATA6621N ATMEL-ATA6621N_09 Datasheet
480Kb / 28P
   LIN Transceiver with 5V Regulator and Watchdog
logo
Monolithic Power System...
MP6411 MPS-MP6411 Datasheet
307Kb / 14P
   Windowed Watchdog Timer
logo
ATMEL Corporation
ATA6612 ATMEL-ATA6612 Datasheet
5Mb / 364P
   Microcontroller with LIN Transceiver, 5V Regulator and Watchdog
ATA6602 ATMEL-ATA6602 Datasheet
4Mb / 362P
   Microcontroller with LIN Transceiver, 5V Regulator and Watchdog
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com