Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

EM6354XSP5B-2.9 Datasheet(PDF) 4 Page - EM Microelectronic - MARIN SA

Part # EM6354XSP5B-2.9
Description  Reset Circuit with Adjustable Delay
Download  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  EMMICRO [EM Microelectronic - MARIN SA]
Direct Link  http://www.emmicroelectronic.com
Logo EMMICRO - EM Microelectronic - MARIN SA

EM6354XSP5B-2.9 Datasheet(HTML) 4 Page - EM Microelectronic - MARIN SA

  EM6354XSP5B-2.9 Datasheet HTML 1Page - EM Microelectronic - MARIN SA EM6354XSP5B-2.9 Datasheet HTML 2Page - EM Microelectronic - MARIN SA EM6354XSP5B-2.9 Datasheet HTML 3Page - EM Microelectronic - MARIN SA EM6354XSP5B-2.9 Datasheet HTML 4Page - EM Microelectronic - MARIN SA EM6354XSP5B-2.9 Datasheet HTML 5Page - EM Microelectronic - MARIN SA EM6354XSP5B-2.9 Datasheet HTML 6Page - EM Microelectronic - MARIN SA EM6354XSP5B-2.9 Datasheet HTML 7Page - EM Microelectronic - MARIN SA  
Zoom Inzoom in Zoom Outzoom out
 4 / 7 page
background image
EM6354
Copyright
© 2006, EM Microelectronic-Marin SA
03/06 – rev.I
4
www.emmicroelectronic.com
Electrical Characteristics (continued)
Unless otherwise specified: VDD= 0.8V to 5.5V, TA=+25° C (note 1).
Parameter
Symbol
Conditions
Min
Typ
Max
Unit
Reset timeout period
tPOR
CD=100nF (measured value, note 5)
VDD from 0V to VTH (typ)+15% (note 2)
EM6354-4.6 version
72
100
122
ms
Propagation delay time
VDD to RESET (RESET) delay
tP
VDD drops from VTH (typ)+0.2V to VTH (typ)-0.2V
(note 2)
2
130
255
µs
VDD>1V
IOL=100µA
-
-
0.3
-40°C to +125°C
VDD>2.5V
IOL=1.5mA
-
-
0.3
Open-drain RESET output
Voltage
VOL
VDD>5V
IOL=3mA
-
-
0.3
V
VDD>1V
IOL=100µA
-
-
0.3
-40°C to +125°C
VDD>2.5V
IOL=1.5mA
-
-
0.3
VOL
VDD>5V
IOL=3mA
-
-
0.3
VDD>1V
IOH=-30µA
0.8
-
-
-40°C to +125°C
VDD>2.5V
IOH=-1.5mA
2
-
-
Push-pull RESET / RESET
Output voltage
VOH
VDD>5V
IOH=-3mA
4
-
-
V
Output leakage current
ILEAK
-40°C to +125°C, only for EM6354Y (open-drain)
-
-
0.5
µA
Note 1: Production tested at +25°C only. Over temperature limits are guaranteed by design, not production tested.
VDD min=0.9V for active-high version (EM6354Z).
Note 2: RESET (RESET) open.
Note 5: tPOR is programmable by varying the value of the external capacitor connected to pin CD. The relation is tPOR (ms) =
CD (nF). The tolerance of the capacitor should be taken into account.
Timing Waveforms
RESET
V
DD
0.8V
V
TH
t
t
logic "1"
logic "0"
t
SEN
t
logic "1"
logic "0"
RESET
t
POR
t
P
V
HYS
RESET
Overdrive
Note 6: tSEN = Maximum Transient Duration. Please refer to figure on the next page.
Note 7: Overdrive = VTH -VDD. Please refer to figure on the next page.


Similar Part No. - EM6354XSP5B-2.9

ManufacturerPart #DatasheetDescription
logo
EM Microelectronic - MA...
EM6352 EMMICRO-EM6352 Datasheet
409Kb / 7P
   Voltage Detector, High-Precision
EM6352XSC3B1.3 EMMICRO-EM6352XSC3B1.3 Datasheet
409Kb / 7P
   Voltage Detector, High-Precision
EM6352XSC3B1.4 EMMICRO-EM6352XSC3B1.4 Datasheet
409Kb / 7P
   Voltage Detector, High-Precision
EM6352XSC3B1.6 EMMICRO-EM6352XSC3B1.6 Datasheet
409Kb / 7P
   Voltage Detector, High-Precision
EM6352XSC3B1.7 EMMICRO-EM6352XSC3B1.7 Datasheet
409Kb / 7P
   Voltage Detector, High-Precision
More results

Similar Description - EM6354XSP5B-2.9

ManufacturerPart #DatasheetDescription
logo
EM Microelectronic - MA...
EM6353 EMMICRO-EM6353 Datasheet
423Kb / 7P
   Reset Circuit with Fixed Delay
logo
SG Micro Corp
SGM800 SGMICRO-SGM800_17 Datasheet
922Kb / 11P
   Low-Power, SOT 關P Reset Circuit with Capacitor-Adjustable Reset Timeout Delay
SGM804 SGMICRO-SGM804_17 Datasheet
856Kb / 11P
   Low-Power, SOT 關P Reset Circuit with Capacitor-Adjustable Reset Timeout Delay
logo
Fitipower Integrated Te...
FP6801 FITIPOWER-FP6801 Datasheet
499Kb / 9P
   Microprocessor Reset Circuits With Adjustable Delay Time
logo
Diodes Incorporated
PT7M3808 DIODES-PT7M3808 Datasheet
461Kb / 10P
   Power-On Reset Generator with Adjustable Delay
Sept 2017
logo
SG Micro Corp
SGM800 SGMICRO-SGM800 Datasheet
280Kb / 11P
   Capacitor-Adjustable Reset Timeout Delay
SGM802 SGMICRO-SGM802 Datasheet
291Kb / 12P
   Capacitor-Adjustable Reset Timeout Delay
SGM804 SGMICRO-SGM804 Datasheet
264Kb / 11P
   Capacitor-Adjustable Reset Timeout Delay
logo
Maxim Integrated Produc...
MAX6747KA46-T MAXIM-MAX6747KA46-T Datasheet
176Kb / 14P
   μP Reset Circuits with Capacitor-Adjustable Reset/Watchdog Timeout Delay
Rev 6; 4/11
MAX6746 MAXIM-MAX6746_10 Datasheet
159Kb / 14P
   uP Reset Circuits with Capacitor-Adjustable Reset/Watchdog Timeout Delay
Rev 4; 9/10
More results


Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com