Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

6152A50 Datasheet(PDF) 3 Page - EM Microelectronic - MARIN SA

Part # 6152A50
Description  5V Automotive Regulator with Windowed Watchdog
Download  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  EMMICRO [EM Microelectronic - MARIN SA]
Direct Link  http://www.emmicroelectronic.com
Logo EMMICRO - EM Microelectronic - MARIN SA

6152A50 Datasheet(HTML) 3 Page - EM Microelectronic - MARIN SA

  6152A50 Datasheet HTML 1Page - EM Microelectronic - MARIN SA 6152A50 Datasheet HTML 2Page - EM Microelectronic - MARIN SA 6152A50 Datasheet HTML 3Page - EM Microelectronic - MARIN SA 6152A50 Datasheet HTML 4Page - EM Microelectronic - MARIN SA 6152A50 Datasheet HTML 5Page - EM Microelectronic - MARIN SA 6152A50 Datasheet HTML 6Page - EM Microelectronic - MARIN SA 6152A50 Datasheet HTML 7Page - EM Microelectronic - MARIN SA 6152A50 Datasheet HTML 8Page - EM Microelectronic - MARIN SA 6152A50 Datasheet HTML 9Page - EM Microelectronic - MARIN SA Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 12 page
background image
R
EM6152A
Copyright © 2006, EM Microelectronic-Marin SA
3
www.emmicroelectronic.com
06/06, rev. B, Prelim.
Absolute Maximum Ratings
Parameter
Symbol
Conditions
Continuous voltage at INPUT
to VSS
VINPUT
-0.3 to +40V
Transients on INPUT for
t < 100 ms and duty cycle 1%
VTRANS
Up to +45V
Max. voltage at any signal pin
VMAX
VOUTPUT + 0.3V
Min. voltage at any signal pin
VMIN
VSS – 0.3V
Reverse supply voltage on
INPUT
VREV
-42V
Storage temperature
TSTO
-65 to +150 °C
ESD
According to MIL-STD-883
method 3015.7
VSmax
2000V
Table 1
Stresses above these listed maximum ratings may cause
permanent damages to the device. Exposure beyond
specified operating conditions may affect device reliability or
cause malfunction.
Decoupling Methods
The input capacitor is necessary to compensate the line
influences. A resistor of approx. 1
Ω connected in series
with the input capacitor may be used to damp the oscillation
of the input capacitor and input inductance. The ESR value
of the capacitor plays a major role regarding the efficiency of
the decoupling. It is recommended also to connect a
ceramic capacitor (100 nF) directly at the IC's pins. In
general the user must assure that pulses on the input line
have slew rates lower than 1 V/µs. On the output side, the
capacitor is necessary for the stability of the regulation
circuit. The stability is guaranteed for values of 10 µF or
greater. It is especially important to choose a capacitor with
a low ESR value. Tantalum capacitors are recommended.
See the notes related to Table 2. Special care must be
taken in disturbed environments (automotive, proximity of
motors and relays, etc.).
Handling Procedures
This device has built-in protection against high static
voltages or electric fields; however, it is advised that normal
precautions be taken as for any other CMOS component.
Unless otherwise specified, proper operation can only occur
when all terminal voltages are kept within the voltage range.
At any time, all inputs must be tied to a defined logic voltage
level.
Operating Conditions
Parameter
Symbol
Min.
Max. Units
Operating junction
temperature
Tj
-40
+125
°C
INPUT voltage (note 1, 2)
VINPUT
5.5
40
V
RES
and EN guaranteed
(note 3)
VOUTPUT
1.2
V
OUTPUT current (note 4)
IOUTPUT
150
mA
Comparator input voltage
VIN
0
VOUTPUT
V
RC-oscillator programming
ROSC
10
1000
k
Ω
Package thermal resistance
from junction to ambient :
SO-8
Exp. Pad SO-16 150 MILS
(note 5)
Rth(j-a)
30
160
90
°C/W
Table 2
Note 1: full operation guaranteed. To achieve the load regulation specified in Table 3 a 22
μF capacitor or greater is required on the INPUT,
see Fig. 1b. The 22
μF must have an effective resistance 4 Ω and a resonant frequency above 500 kHz.
Note 2: a 10
μF load capacitor and a 100 nF decoupling capacitor are required on the regulator OUTPUT for stability. The 10 μF must have
an effective series resistance of
4 Ω and a resonant frequency above 500 kHz.
Note 3:
RES must be pulled up externally to VOUTPUT even if it is unused. ( RES and EN are used as inputs by EM test)
Note 4: the OUTPUT current will not apply to the full range of input voltage. Power dissipation that would require the EM6152A to work above
the maximum junction temperature (+125°C) must be avoided.
Note 5: the thermal resistance specified assumes the package is soldered to a PCB. A typical value of 51°C/W has been obtained with a dual
layer board, with the slug soldered to the heat-sink area of the PCB (See Figure 16)


Similar Part No. - 6152A50

ManufacturerPart #DatasheetDescription
logo
Honeywell Solid State E...
6152 HONEYWELL-6152 Datasheet
177Kb / 2P
   ALPHA AND FIXED-LANGUAGE SECURITY KEYPADS
logo
Anaren Microwave
61525 ANAREN-61525 Datasheet
876Kb / 4P
   Attenuators PIN Diode
61526 ANAREN-61526 Datasheet
1Mb / 4P
   Attenuators PIN Diode
61527 ANAREN-61527 Datasheet
1Mb / 4P
   Attenuators PIN Diode
61528 ANAREN-61528 Datasheet
868Kb / 4P
   Attenuators PIN Diode
More results

Similar Description - 6152A50

ManufacturerPart #DatasheetDescription
logo
EM Microelectronic - MA...
EM6152 EMMICRO-EM6152 Datasheet
531Kb / 12P
   5V Automotive Regulator with Windowed Watchdog
EM6153 EMMICRO-EM6153 Datasheet
480Kb / 11P
   5V Automotive Regulator with Inhibit Input and Windowed Watchdog
EM6156 EMMICRO-EM6156 Datasheet
492Kb / 11P
   5V 120mA Automotive LDO Regulator with Watchdog
logo
Monolithic Power System...
MP6411 MPS-MP6411 Datasheet
307Kb / 14P
   Windowed Watchdog Timer
logo
Toshiba Semiconductor
TA8000S TOSHIBA-TA8000S Datasheet
382Kb / 11P
   5V VOLTAGE REGULATOR WITH WATCHDOG TIMER
TA8007F TOSHIBA-TA8007F Datasheet
219Kb / 7P
   5V VOLTAGE REGULATOR WITH WATCHDOG TIMER
TA8045BF TOSHIBA-TA8045BF Datasheet
262Kb / 7P
   5V VOLTAGE REGULATOR WITH WATCHDOG TIMER
TA7900F TOSHIBA-TA7900F Datasheet
265Kb / 7P
   5V VOLTAGE REGULATOR WITH WATCHDOG TIMER
TA8000F TOSHIBA-TA8000F Datasheet
268Kb / 7P
   5V VOLTAGE REGULATOR WITH WATCHDOG TIMER
TA8006ASN TOSHIBA-TA8006ASN Datasheet
307Kb / 7P
   5V VOLTAGE REGULATOR WITH WATCHDOG TIMER
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com