Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

EM6353BX2SP3B-1.8 Datasheet(PDF) 6 Page - EM Microelectronic - MARIN SA

Part # EM6353BX2SP3B-1.8
Description  Reset Circuit with Fixed Delay
Download  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  EMMICRO [EM Microelectronic - MARIN SA]
Direct Link  http://www.emmicroelectronic.com
Logo EMMICRO - EM Microelectronic - MARIN SA

EM6353BX2SP3B-1.8 Datasheet(HTML) 6 Page - EM Microelectronic - MARIN SA

  EM6353BX2SP3B-1.8 Datasheet HTML 1Page - EM Microelectronic - MARIN SA EM6353BX2SP3B-1.8 Datasheet HTML 2Page - EM Microelectronic - MARIN SA EM6353BX2SP3B-1.8 Datasheet HTML 3Page - EM Microelectronic - MARIN SA EM6353BX2SP3B-1.8 Datasheet HTML 4Page - EM Microelectronic - MARIN SA EM6353BX2SP3B-1.8 Datasheet HTML 5Page - EM Microelectronic - MARIN SA EM6353BX2SP3B-1.8 Datasheet HTML 6Page - EM Microelectronic - MARIN SA EM6353BX2SP3B-1.8 Datasheet HTML 7Page - EM Microelectronic - MARIN SA  
Zoom Inzoom in Zoom Outzoom out
 6 / 7 page
background image
EM6353
Copyright
© 2006, EM Microelectronic-Marin SA
03/06 – rev.K
6
www.emmicroelectronic.com
Typical Operating Characteristics
(Typical values are at TA=+25°C unless otherwise noted, RESET or RESET open.)
IDD vs. Temperature
Propagation Time tP vs. Temperature
Reset Timeout Period tPOR vs. Temperature
Maximum Transient Duration tSEN
(normalized with respect to tPOR 25°C)
vs. Overdrive VTH-VDD
Threshold Voltage Variation vs. Temperature (normalized)
[°C]
-8%
-6%
-4%
-2%
0%
2%
4%
6%
8%
-50
-25
0
25
50
75
100
125
0
50
100
150
200
250
300
350
400
1
10
100
1000
[ mV ]
[ us ]
Reset occurs
above this line
[ °C ]
0%
25%
50%
75%
100%
125%
150%
175%
200%
-50 -25
0
25
50
75 100 125
t
POR (°C)
t
POR (25°C)
0
1
2
3
4
5
6
7
-50
-25
0
25
50
75
100 125
[ °C ]
[ uA ]
VDD 3 . 3 V
VDD 5 . 0 V
VDD 1. 5 V
0
50
100
150
200
250
300
-50 -25
0
25
50
75
100 125
[ °C ]
[ us ]


Similar Part No. - EM6353BX2SP3B-1.8

ManufacturerPart #DatasheetDescription
logo
EM Microelectronic - MA...
EM6352 EMMICRO-EM6352 Datasheet
409Kb / 7P
   Voltage Detector, High-Precision
EM6352XSC3B1.3 EMMICRO-EM6352XSC3B1.3 Datasheet
409Kb / 7P
   Voltage Detector, High-Precision
EM6352XSC3B1.4 EMMICRO-EM6352XSC3B1.4 Datasheet
409Kb / 7P
   Voltage Detector, High-Precision
EM6352XSC3B1.6 EMMICRO-EM6352XSC3B1.6 Datasheet
409Kb / 7P
   Voltage Detector, High-Precision
EM6352XSC3B1.7 EMMICRO-EM6352XSC3B1.7 Datasheet
409Kb / 7P
   Voltage Detector, High-Precision
More results

Similar Description - EM6353BX2SP3B-1.8

ManufacturerPart #DatasheetDescription
logo
Fairchild Semiconductor
FT10001 FAIRCHILD-FT10001 Datasheet
1Mb / 11P
   Reset Timer with Fixed Delay and Reset Pulse
logo
ON Semiconductor
FT7511 ONSEMI-FT7511 Datasheet
692Kb / 10P
   Reset Timer with Fixed Delay and Reset Pulse
July 2012 Rev. 1.0.0
logo
Fairchild Semiconductor
FT7511 FAIRCHILD-FT7511 Datasheet
1Mb / 8P
   Reset Timer with Fixed Delay and Reset Pulse
FT7522 FAIRCHILD-FT7522 Datasheet
1Mb / 8P
   Reset Timer with Fixed Delay and Reset Pulse
logo
ON Semiconductor
FT7521 ONSEMI-FT7521 Datasheet
674Kb / 11P
   Reset Timer with Fixed Delay and Reset Pulse
February 2013 Rev. 1.0.8
FT7522 ONSEMI-FT7522 Datasheet
677Kb / 10P
   Reset Timer with Fixed Delay and Reset Pulse
January 2012 Rev. 1.0.0
logo
Fairchild Semiconductor
FT7521 FAIRCHILD-FT7521 Datasheet
1Mb / 9P
   Reset Timer with Fixed Delay and Reset Pulse
logo
ON Semiconductor
FT10001 ONSEMI-FT10001 Datasheet
667Kb / 13P
   Reset Timer with Fixed Delay and Reset Pulse
January 2012 Rev. 1.0.1
logo
EM Microelectronic - MA...
EM6354 EMMICRO-EM6354 Datasheet
400Kb / 7P
   Reset Circuit with Adjustable Delay
logo
New Japan Radio
NJU7295 NJRC-NJU7295 Datasheet
357Kb / 10P
   SYSTEM RESET IC WITH DELAY CIRCUIT
More results


Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com