Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

EM6152A053 Datasheet(PDF) 2 Page - EM Microelectronic - MARIN SA

Part # EM6152A053
Description  5V Automotive Regulator with Windowed Watchdog
Download  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  EMMICRO [EM Microelectronic - MARIN SA]
Direct Link  http://www.emmicroelectronic.com
Logo EMMICRO - EM Microelectronic - MARIN SA

EM6152A053 Datasheet(HTML) 2 Page - EM Microelectronic - MARIN SA

  EM6152A053 Datasheet HTML 1Page - EM Microelectronic - MARIN SA EM6152A053 Datasheet HTML 2Page - EM Microelectronic - MARIN SA EM6152A053 Datasheet HTML 3Page - EM Microelectronic - MARIN SA EM6152A053 Datasheet HTML 4Page - EM Microelectronic - MARIN SA EM6152A053 Datasheet HTML 5Page - EM Microelectronic - MARIN SA EM6152A053 Datasheet HTML 6Page - EM Microelectronic - MARIN SA EM6152A053 Datasheet HTML 7Page - EM Microelectronic - MARIN SA EM6152A053 Datasheet HTML 8Page - EM Microelectronic - MARIN SA EM6152A053 Datasheet HTML 9Page - EM Microelectronic - MARIN SA Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 12 page
background image
R
EM6152A
Copyright © 2006, EM Microelectronic-Marin SA
2
www.emmicroelectronic.com
06/06, rev. B, Prelim.
Ordering Information
Note: the “+” symbol at the end of the part number means that this product is RoHS compliant (green). For version V30, please
contact EM Microelectronic.
Pin Assignment and Description
SO8
Ex. Pad SO-16
Name
Function
1
2
EN
Push-pull active low enable output
2
3
RES
Open drain active low reset output. RES
must be pulled up to VOUTPUT even if
unused
3
4
TCL
Watchdog timer clear input signal
4
5
VSS
GND terminal
5
12
INPUT
Voltage regulator input
6
13
OUTPUT Voltage regulator output
7
14
ROSC
ROSC input for RC oscillator tuning
8
15
VIN
Voltage comparator input
-
1, 6 to 11, 16
NC
No connect
-
Exposed pad
Can be connected to VSS or left floating
Block Diagram EM6152A
RES
EN
TCL
Voltage
Regulator
Voltage
Reference
Voltage
Reference
Current
Controlled
Oscillator
-
+
VREF
Comparator
Reset
Control
Timer
Enable
Logic
INPUT
VIN
ROSC
OUTPUT
Open drain
output RES
Fig. 3
Part Number
Version
VREF
Package
Delivery Form
Package
Marking
EM6152A30SO8A+
Stick, 97 pcs
EM6152A30SO8B+
V30
1.170 V
SO-8
Tape & Reel, 2500 pcs
6152A30
EM6152A50SO8A+
Stick, 97 pcs
EM6152A50SO8B+
SO-8
Tape & Reel, 2500 pcs
6152A50
EM6152A50ES16B+
V50
1.52 V
Ex. Pad SO-16
Tape & Reel, 2500 pcs
EM6152A050
EM6152A53SO8A+
Stick, 97 pcs
EM6152A53SO8B+
SO-8
Tape & Reel, 2500 pcs
6152A53
EM6152A53ES16B+
V53
1.52V
Ex. Pad SO-16
Tape & Reel, 2500 pcs
EM6152A053
EM6152A55SO8A+
Stick, 97 pcs
EM6152A55SO8B+
V55
1.275 V
SO-8
Tape & Reel, 2500 pcs
6152A55
V
SS
R
OSC
4
OUTPUT
INPUT
RES
EN
TCL
V
IN
SO8
1
3
2
8
6
7
5
EM6152A
V
SS
R
OSC
OUTPUT
INPUT
RES
EN
TCL
V
IN
Ex. Pad SO-16
EM6152A
NC
NC
NC
NC
16
15
14
13
12
11
10
9
1
2
3
4
5
6
7
8
NC
NC
NC
NC


Similar Part No. - EM6152A053

ManufacturerPart #DatasheetDescription
logo
EM Microelectronic - MA...
EM6152 EMMICRO-EM6152 Datasheet
531Kb / 12P
   5V Automotive Regulator with Windowed Watchdog
EM6152V30 EMMICRO-EM6152V30 Datasheet
531Kb / 12P
   5V Automotive Regulator with Windowed Watchdog
EM6152V30PS16B EMMICRO-EM6152V30PS16B Datasheet
531Kb / 12P
   5V Automotive Regulator with Windowed Watchdog
EM6152V30SO8A EMMICRO-EM6152V30SO8A Datasheet
531Kb / 12P
   5V Automotive Regulator with Windowed Watchdog
EM6152V30SO8B EMMICRO-EM6152V30SO8B Datasheet
531Kb / 12P
   5V Automotive Regulator with Windowed Watchdog
More results

Similar Description - EM6152A053

ManufacturerPart #DatasheetDescription
logo
EM Microelectronic - MA...
EM6152 EMMICRO-EM6152 Datasheet
531Kb / 12P
   5V Automotive Regulator with Windowed Watchdog
EM6153 EMMICRO-EM6153 Datasheet
480Kb / 11P
   5V Automotive Regulator with Inhibit Input and Windowed Watchdog
EM6156 EMMICRO-EM6156 Datasheet
492Kb / 11P
   5V 120mA Automotive LDO Regulator with Watchdog
logo
Monolithic Power System...
MP6411 MPS-MP6411 Datasheet
307Kb / 14P
   Windowed Watchdog Timer
logo
Toshiba Semiconductor
TA8000S TOSHIBA-TA8000S Datasheet
382Kb / 11P
   5V VOLTAGE REGULATOR WITH WATCHDOG TIMER
TA8007F TOSHIBA-TA8007F Datasheet
219Kb / 7P
   5V VOLTAGE REGULATOR WITH WATCHDOG TIMER
TA8045BF TOSHIBA-TA8045BF Datasheet
262Kb / 7P
   5V VOLTAGE REGULATOR WITH WATCHDOG TIMER
TA7900F TOSHIBA-TA7900F Datasheet
265Kb / 7P
   5V VOLTAGE REGULATOR WITH WATCHDOG TIMER
TA8000F TOSHIBA-TA8000F Datasheet
268Kb / 7P
   5V VOLTAGE REGULATOR WITH WATCHDOG TIMER
TA8006ASN TOSHIBA-TA8006ASN Datasheet
307Kb / 7P
   5V VOLTAGE REGULATOR WITH WATCHDOG TIMER
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com