Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

SPD5D28-3 Datasheet(PDF) 6 Page - Sensitron

Part # SPD5D28-3
Description  DC Solid State Power Controller Module
Download  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SENSITRON [Sensitron]
Direct Link  http://www.sensitron.com
Logo SENSITRON - Sensitron

SPD5D28-3 Datasheet(HTML) 6 Page - Sensitron

Back Button SPD5D28-3 Datasheet HTML 2Page - Sensitron SPD5D28-3 Datasheet HTML 3Page - Sensitron SPD5D28-3 Datasheet HTML 4Page - Sensitron SPD5D28-3 Datasheet HTML 5Page - Sensitron SPD5D28-3 Datasheet HTML 6Page - Sensitron SPD5D28-3 Datasheet HTML 7Page - Sensitron SPD5D28-3 Datasheet HTML 8Page - Sensitron SPD5D28-3 Datasheet HTML 9Page - Sensitron SPD5D28-3 Datasheet HTML 10Page - Sensitron Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 11 page
background image
SENSITRON
SEMICONDUCTOR
TECHNICAL DATA
DATASHEET 4310, Rev B
• 221 West Industry Court
Deer Park, NY 11729-4681
Phone (631) 586 7600 Fax (631) 242 9798
• World Wide Web - http://www.sensitron.com • E-Mail Address - sales@sensitron.com •
SPDXXD28 SERIES
Figure 4 - Electrical Block Diagram
Description
Figure 4 shows the block diagram of the SPDXXD28 SSPC Series. It uses a SN74LVC3G14 device for digital
I/O. This TTL compatible device has a Schmitt-Trigger input to minimize the effects of noise on the input. Its
outputs can each drive more than 10 standard TTL loads. It’s also compatible with CMOS inputs and outputs.
The SN74LVC3G14 is isolated from the remainder of the module circuitry by three optocouplers.
The block labeled “Control & Protection Circuitry” gets power from the DC-DC converter and is referenced to the
output of the SSPC. This block contains an amplifier to gain up the voltage developed across the sense
resistor. It also contains a microcontroller with on-board timers, A/D converter, clock generator and independent
watchdog timer. The microcontroller implements a precision I
2t protection curve as well as an Instant Trip
function to protect the wiring and to protect itself. It performs all of the functions of multiple analog comparators
and discrete logic in one high-reliability component.
The code programmed in the microcontroller acquires the output of the internal A/D converter, squares the
result and applies it to a simulated RC circuit. It checks the output of the simulated circuit to determine whether
or not to trip (turn off the power Mosfets). Because the microcontroller simulates an analog RC circuit, the
SSPC has ‘thermal memory’. That is, it trips faster if there had been current flowing prior to the overload than if
there hadn’t been current flowing. This behavior imitates thermal circuit breakers and better protects the
application’s wiring since the wiring cannot take as much an overload if current had been flowing prior to the
overload.


Similar Part No. - SPD5D28-3

ManufacturerPart #DatasheetDescription
logo
Solid States Devices, I...
SPD50 SSDI-SPD50 Datasheet
99Kb / 2P
   HYPER FAST RECTIFIER
SPD502 SSDI-SPD502 Datasheet
303Kb / 2P
   5 AMPS 200 - 600 VOLTS 40 nsec HYPER FAST RECTIFIER
SPD502 SSDI-SPD502 Datasheet
45Kb / 2P
   HYPER FAST RECTIFIER
SPD502SMS SSDI-SPD502SMS Datasheet
208Kb / 2P
   5AMP 200-600VOLTS 40 nsec HYPER FAST RECTIFIER
SPD502 SSDI-SPD502_1 Datasheet
45Kb / 2P
   HYPER FAST RECTIFIER
More results

Similar Description - SPD5D28-3

ManufacturerPart #DatasheetDescription
logo
Sensitron
SPDP50D375-503 SENSITRON-SPDP50D375-503 Datasheet
263Kb / 10P
   DC Solid State Power Controller Module
SPDPXXD270 SENSITRON-SPDPXXD270 Datasheet
1Mb / 11P
   DC Solid State Power Controller Module
SPDPXXD375 SENSITRON-SPDPXXD375 Datasheet
1Mb / 11P
   DC Solid State Power Controller Module
SPDP50D375 SENSITRON-SPDP50D375 Datasheet
253Kb / 10P
   DC Solid State Power Controller Module
SPDPXXD375 SENSITRON-SPDPXXD375_10 Datasheet
1Mb / 11P
   DC Solid State Power Controller Module
SPDPXXD28 SENSITRON-SPDPXXD28 Datasheet
505Kb / 15P
   DC Solid State Power Controller Module
SPD40D28 SENSITRON-SPD40D28 Datasheet
491Kb / 11P
   DC Solid State Power Controller Module
SPD-8A115 SENSITRON-SPD-8A115 Datasheet
71Kb / 4P
   AC/DC Solid State Power Controller Module
SPDPXXD28ER SENSITRON-SPDPXXD28ER Datasheet
482Kb / 13P
   Programmable DC Solid State Power Controller Module
SPDPXXD28 SENSITRON-SPDPXXD28_09 Datasheet
206Kb / 14P
   Programmable DC Solid State Power Controller Module
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com