Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

EM6353BXSC5B-2.9 Datasheet(PDF) 1 Page - EM Microelectronic - MARIN SA

Part # EM6353BXSC5B-2.9
Description  Reset Circuit with Fixed Delay
Download  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  EMMICRO [EM Microelectronic - MARIN SA]
Direct Link  http://www.emmicroelectronic.com
Logo EMMICRO - EM Microelectronic - MARIN SA

EM6353BXSC5B-2.9 Datasheet(HTML) 1 Page - EM Microelectronic - MARIN SA

  EM6353BXSC5B-2.9 Datasheet HTML 1Page - EM Microelectronic - MARIN SA EM6353BXSC5B-2.9 Datasheet HTML 2Page - EM Microelectronic - MARIN SA EM6353BXSC5B-2.9 Datasheet HTML 3Page - EM Microelectronic - MARIN SA EM6353BXSC5B-2.9 Datasheet HTML 4Page - EM Microelectronic - MARIN SA EM6353BXSC5B-2.9 Datasheet HTML 5Page - EM Microelectronic - MARIN SA EM6353BXSC5B-2.9 Datasheet HTML 6Page - EM Microelectronic - MARIN SA EM6353BXSC5B-2.9 Datasheet HTML 7Page - EM Microelectronic - MARIN SA  
Zoom Inzoom in Zoom Outzoom out
 1 / 7 page
background image
EM6353
Copyright
© 2006, EM Microelectronic-Marin SA
03/06 – rev.K
1
www.emmicroelectronic.com
Reset Circuit with Fixed Delay
Description
The EM6353 is an ultra-low current reset circuit available in a
large variety of configurations and very small packages for
maximum flexibility in all end-applications up to 125°C and
using power supplies between 1.5V and 5.5V.
This circuit monitors the supply voltage of any electronic
system, and generates the appropriate reset signal after a
fixed reset timeout period. The threshold defines the
minimum allowed voltage which guarantees the good
functionality of the system. When VDD rises above VTH, the
output remains active for an additional delay time. This
allows the system to stabilize before getting fully active.
The EM6353 features three output types: active-low push-
pull, active-low open-drain and active-high push-pull.
Small SC70-5L and SOT23-3L packages as well as ultra-low
supply current of 2.9µA make the EM6353 an ideal choice
for portable and battery-operated devices.
Typical Application
V
DD
GND
RESET
EM6353
V
DD
GND
RESET
MPU, DSP
V
DD
GND
* R
EXT for open-drain version only
*
Pin Configuration (top view)
SOT23-3L
"alpha" bonding
1
3
1
2
3
GND
V
DD
SOT23-3L
"beta" bonding
RESET
(RESET)
SC70-5L
(compatible with SC70-3 by rotating 180°)
1
5
V
DD
RESET
(RESET)
3
NC
1
2
3 GND
V
DD
RESET
(RESET)
4
2V
DD
RESET
(RESET)
5
GND
NC
NC
NC
4
2
GND
Features
!
200ms reset timeout period (25ms on request)
!
Ultra-low supply current of 2.9µA (VDD=3.3V)
!
Operating temperature range: -40°C to +125°C
!
±1.5% reset threshold accuracy
!
11 reset threshold voltages VTH: 4.63V, 4.4V, 3.08V,
2.93V, 2.63V, 2.2V, 1.8V, 1.66V, 1.57V, 1.38V, 1.31V
!
3 reset output options:
"
Active-low RESET push-pull
"
Active-low RESET open-drain
"
Active-high RESET push-pull
!
No external components
!
Immune to short negative VDD transients
!
Guaranteed Reset valid down to 0.8V
!
Threshold hysteresis: 2.1% of VTH
!
Very small SOT23-3L and SC70-5L packages
Applications
!
Mobile phones
!
Set-top boxes
!
Video, digital cameras, DVD players and recorders
!
Modems
!
Personal computers
!
Switching hubs
!
Copiers and fax
!
Utility meters
!
Automotive systems
Block Diagram
RESET
V
DD
GND
+
-
Voltage
Reference
Reset
Logic
RESET
Oscillator
Pin Description
Pin
SOT23-3L
“beta”
SOT23-3L
“alpha”
SC70-5L
Name
Function
1
3
4
GND
Ground
RESET
Active-low RESET output. RESET remains low for the reset timeout period
after all reset conditions are deasserted and then goes high.
2
1
5
RESET
Active-high RESET output. RESET remains high for the reset timeout period
after all reset conditions are deasserted and then goes low.
3
2
2
VDD
Supply Voltage (5.5V max.)
-
-
1,3
N.C.
Not connected. Not internally connected.
EM MICROELECTRONIC - MARIN SA


Similar Part No. - EM6353BXSC5B-2.9

ManufacturerPart #DatasheetDescription
logo
EM Microelectronic - MA...
EM6352 EMMICRO-EM6352 Datasheet
409Kb / 7P
   Voltage Detector, High-Precision
EM6352XSC3B1.3 EMMICRO-EM6352XSC3B1.3 Datasheet
409Kb / 7P
   Voltage Detector, High-Precision
EM6352XSC3B1.4 EMMICRO-EM6352XSC3B1.4 Datasheet
409Kb / 7P
   Voltage Detector, High-Precision
EM6352XSC3B1.6 EMMICRO-EM6352XSC3B1.6 Datasheet
409Kb / 7P
   Voltage Detector, High-Precision
EM6352XSC3B1.7 EMMICRO-EM6352XSC3B1.7 Datasheet
409Kb / 7P
   Voltage Detector, High-Precision
More results

Similar Description - EM6353BXSC5B-2.9

ManufacturerPart #DatasheetDescription
logo
Fairchild Semiconductor
FT10001 FAIRCHILD-FT10001 Datasheet
1Mb / 11P
   Reset Timer with Fixed Delay and Reset Pulse
logo
ON Semiconductor
FT7511 ONSEMI-FT7511 Datasheet
692Kb / 10P
   Reset Timer with Fixed Delay and Reset Pulse
July 2012 Rev. 1.0.0
logo
Fairchild Semiconductor
FT7511 FAIRCHILD-FT7511 Datasheet
1Mb / 8P
   Reset Timer with Fixed Delay and Reset Pulse
FT7522 FAIRCHILD-FT7522 Datasheet
1Mb / 8P
   Reset Timer with Fixed Delay and Reset Pulse
logo
ON Semiconductor
FT7521 ONSEMI-FT7521 Datasheet
674Kb / 11P
   Reset Timer with Fixed Delay and Reset Pulse
February 2013 Rev. 1.0.8
FT7522 ONSEMI-FT7522 Datasheet
677Kb / 10P
   Reset Timer with Fixed Delay and Reset Pulse
January 2012 Rev. 1.0.0
logo
Fairchild Semiconductor
FT7521 FAIRCHILD-FT7521 Datasheet
1Mb / 9P
   Reset Timer with Fixed Delay and Reset Pulse
logo
ON Semiconductor
FT10001 ONSEMI-FT10001 Datasheet
667Kb / 13P
   Reset Timer with Fixed Delay and Reset Pulse
January 2012 Rev. 1.0.1
logo
EM Microelectronic - MA...
EM6354 EMMICRO-EM6354 Datasheet
400Kb / 7P
   Reset Circuit with Adjustable Delay
logo
New Japan Radio
NJU7295 NJRC-NJU7295 Datasheet
357Kb / 10P
   SYSTEM RESET IC WITH DELAY CIRCUIT
More results


Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com