Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

74F776 Datasheet(PDF) 8 Page - NXP Semiconductors

Part # 74F776
Description  Pi-bus transceiver
Download  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHILIPS [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

74F776 Datasheet(HTML) 8 Page - NXP Semiconductors

Back Button 74F776 Datasheet HTML 4Page - NXP Semiconductors 74F776 Datasheet HTML 5Page - NXP Semiconductors 74F776 Datasheet HTML 6Page - NXP Semiconductors 74F776 Datasheet HTML 7Page - NXP Semiconductors 74F776 Datasheet HTML 8Page - NXP Semiconductors 74F776 Datasheet HTML 9Page - NXP Semiconductors 74F776 Datasheet HTML 10Page - NXP Semiconductors 74F776 Datasheet HTML 11Page - NXP Semiconductors 74F776 Datasheet HTML 12Page - NXP Semiconductors  
Zoom Inzoom in Zoom Outzoom out
 8 / 12 page
background image
Philips Semiconductors
Product specification
74F776
Pi–bus transceiver
December 19, 1990
8
AC ELECTRICAL CHARACTERISTICS
A PORT LIMITS
Tamb = +25°C
Tamb = 0°C to
+70
°C
Tamb = –40°C to +85°C
SYMBOL
PARAMETER
TEST
VCC = +5.0V
VCC = +5.0V ± 10%
VCC = +5.0V ± 10%
UNIT
CONDITION
CL = 50pF,
RL = 500Ω
CL = 50pF,
RL = 500Ω
CL = 50pF,
RL = 500Ω
MIN
TYP
MAX
MIN
MAX
MIN
MAX
tPLH
tPHL
Propagation delay
Bn to An
Waveform 1
5.5
4.5
8.0
6.0
12.0
9.0
5.5
4.5
12.0
9.0
5.5
4.5
12.0
9.0
ns
tPZH
tPZL
Output enable time to high
or low, OEA to An
Waveform 3, 4
8.0
8.5
10.5
11.0
13.5
13.5
7.5
8.0
15.0
15.5
7.5
8.0
15.5
15.5
ns
tPHZ
tPLZ
Output disable time from
high or low, OEA to An
Waveform 3, 4
2.0
2.0
3.5
4.5
6.0
7.0
1.5
2.0
6.5
7.5
1.5
2.0
6.5
7.5
ns
B PORT LIMITS
TEST
Tamb = +25°C
Tamb = 0°C to
+70
°C
Tamb = –40°C to +85°C
SYMBOL
PARAMETER
CONDITION
VCC = +5.0V
VCC = +5.0V ± 10%
VCC = +5.0V ± 10%
UNIT
CD = 30pF, RU = 9Ω
CD = 30pF, RU = 9Ω
CD = 30pF, RU = 9Ω
MIN
TYP
MAX
MIN
MAX
MIN
MAX
tPLH
tPHL
Propagation delay
An to Bn
Waveform 1
3.0
3.0
5.0
4.5
7.0
7.5
2.5
2.5
8.0
8.5
2.0
2.5
9.0
8.5
ns
tPLH
tPHL
Propagation delay
LE to Bn
Waveform 1
3.5
3.5
5.0
5.0
8.0
8.0
3.0
2.5
9.0
9.0
2.5
2.5
9.5
9.5
ns
tPLH
tPHL
Enable/disable time
OEBn to An
Waveform 1
3.0
3.5
4.5
5.5
7.0
9.0
2.5
3.5
8.0
10.0
2.5
3.5
8.5
10.5
ns
tTLH
tTHL
Transition time, B port
1.3V to 1.7V, 1.7V to 1.3V
Test Circuit and
Waveforms
0.5
0.5
2.0
2.0
4.5
4.5
0.5
0.5
5.0
4.5
0.5
0.5
5.0
4.5
ns
AC SETUP REQUIREMENTS
LIMITS
TEST
Tamb = +25°C
Tamb = 0°C to +70°C
Tamb = –40°C to +85°C
SYMBOL
PARAMETER
CONDITION
VCC = +5.0V
VCC = +5.0V ± 10%
VCC = +5.0V ± 10%
UNIT
CL = 50pF,
RL = 500Ω
CL = 50pF,
RL = 500Ω
CL = 50pF,
RL = 500Ω
MIN
TYP
MAX
MIN
MAX
MIN
MAX
tsu (H)
tsu (L)
Setup time, high or low
An to LE
Waveform 2
3.5
4.5
4.5
5.0
4.5
5.0
ns
th(H)
th (L)
Hold time, high or low
An to LE
Waveform 2
0.0
0.0
0.0
0.0
0.0
0.0
ns
tw (L)
LE pulse width, low
Waveform 2
4.0
5.0
5.0
ns
AC WAVEFORMS
VM
VM
VM
VM
An, Bn
An, Bn, OEBn
tPLH
tPHL
SF00427
Waveform 1. Propagation delay for data to output
LE
VM
VM
VM
VM
VM
VM
tsu(L)
th(L)
th(H)
An
VM
tw(L)
ts(H)
SF00428
Waveform 2. Data setup and hold times and LE pulse width


Similar Part No. - 74F776

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
74F777 PHILIPS-74F777 Datasheet
98Kb / 12P
   Triple bidirectional latched bus transceiver 3-State open collector
1992 May 19
74F779 PHILIPS-74F779 Datasheet
100Kb / 12P
   8-bit bidirectional binary counter 3-State
1989 Sep 20
logo
Fairchild Semiconductor
74F779 FAIRCHILD-74F779 Datasheet
74Kb / 7P
   8-Bit Bidirectional Binary Counter with 3-STATE Outputs
74F779PC FAIRCHILD-74F779PC Datasheet
74Kb / 7P
   8-Bit Bidirectional Binary Counter with 3-STATE Outputs
logo
National Semiconductor ...
74F779PCQR NSC-74F779PCQR Datasheet
176Kb / 8P
   8-Bit Bidirectional Binary Counter with TRI-STATE Outputs
More results

Similar Description - 74F776

ManufacturerPart #DatasheetDescription
logo
National Semiconductor ...
DS1776 NSC-DS1776 Datasheet
204Kb / 11P
   PI-Bus Transceiver
logo
Texas Instruments
DS1776QML TI1-DS1776QML Datasheet
345Kb / 16P
[Old version datasheet]   Pi-Bus Transceiver
logo
PHOENIX CONTACT
1334222 PHOENIX-1334222 Datasheet
385Kb / 10P
   Transceiver - FOC-CAGE:SFP/SFP:1X4:PI
1334221 PHOENIX-1334221 Datasheet
388Kb / 10P
   Transceiver - FOC-CAGE:SFP/SFP:1X2:PI
1334220 PHOENIX-1334220 Datasheet
385Kb / 10P
   Transceiver - FOC-CAGE:SFP/SFP:1X1:PI
logo
Fairchild Semiconductor
DM74LS645 FAIRCHILD-DM74LS645 Datasheet
52Kb / 5P
   Octal Bus Transceiver
logo
Toshiba Semiconductor
TC74LVX245F TOSHIBA-TC74LVX245F Datasheet
270Kb / 8P
   OCTAL BUS TRANSCEIVER
logo
Burr-Brown (TI)
ISO422 BURR-BROWN-ISO422 Datasheet
251Kb / 8P
   DIFFERENTIAL BUS TRANSCEIVER
logo
Texas Instruments
SN65LBC182 TI-SN65LBC182 Datasheet
290Kb / 15P
[Old version datasheet]   DIFFERENTIAL BUS TRANSCEIVER
logo
Motorola, Inc
SN54LS245 MOTOROLA-SN54LS245 Datasheet
155Kb / 4P
   OCTAL BUS TRANSCEIVER
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com