Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

NTGS3455T1G Datasheet(PDF) 4 Page - ON Semiconductor

Part # NTGS3455T1G
Description  MOSFET -3.5 Amps, -30 Volts P?묬hannel TSOP??
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

NTGS3455T1G Datasheet(HTML) 4 Page - ON Semiconductor

  NTGS3455T1G Datasheet HTML 1Page - ON Semiconductor NTGS3455T1G Datasheet HTML 2Page - ON Semiconductor NTGS3455T1G Datasheet HTML 3Page - ON Semiconductor NTGS3455T1G Datasheet HTML 4Page - ON Semiconductor NTGS3455T1G Datasheet HTML 5Page - ON Semiconductor NTGS3455T1G Datasheet HTML 6Page - ON Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 4 / 6 page
background image
NTGS3455T1
http://onsemi.com
4
1E−04
1E+00
0.1
1E+01
1E−01
1E−02
SQUARE WAVE PULSE DURATION (sec)
0.1
1
1E−03
Duty Cycle = 0.5
1E+02
1E+03
0.2
Single Pulse
0.1
0.05
0.02
0.01
12
4
3
2
1
0
Qg, TOTAL GATE CHARGE (nC)
04
26
12
TJ = 25°C
ID = −3.5 A
QT
Qgs
Qgd
5
8
Figure 7. Gate−to−Source and
Drain−to−Source Voltage vs. Total Charge
Figure 8. Diode Forward Voltage vs. Current
0
10
8
0.8
6
1
0.6
0.4
1.4
−VSD, SOURCE−TO−DRAIN VOLTAGE (VOLTS)
2
0
0.2
TJ = 150°C
Figure 9. Normalized Thermal Transient Impedance, Junction−to−Ambient
0.01
20
16
12
8
100.00
10.00
1.00
TIME (sec)
4
0
0.10
Figure 10. Single Pulse Power
4
TJ = 25°C
VGS = 0 V
10
6
7
8
9
10
11
1.2


Similar Part No. - NTGS3455T1G

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
NTGS3455T1G ONSEMI-NTGS3455T1G Datasheet
104Kb / 5P
   MOSFET -3.5 Amps, -30 Volts
March, 2007 ??Rev. 3
logo
VBsemi Electronics Co.,...
NTGS3455T1G VBSEMI-NTGS3455T1G Datasheet
439Kb / 9P
   P-Channel 30-V (D-S) MOSFET
More results

Similar Description - NTGS3455T1G

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
NTGS3443T1 ONSEMI-NTGS3443T1 Datasheet
69Kb / 6P
   Power MOSFET 2 Amps, 20 Volts P?묬hannel TSOP??
December, 2003 ??Rev. 2
NTGS3446 ONSEMI-NTGS3446 Datasheet
51Kb / 4P
   Power MOSFET 5.1 Amps, 20 Volts N?묬hannel TSOP??
November, 2003 ??Rev. 3
NTGS3455T1 ONSEMI-NTGS3455T1_07 Datasheet
104Kb / 5P
   MOSFET -3.5 Amps, -30 Volts
March, 2007 ??Rev. 3
MTB30P06V ONSEMI-MTB30P06V Datasheet
87Kb / 8P
   Power MOSFET 30 Amps, 60 Volts P?묬hannel D2PAK
July, 2006 ??Rev.4
NVGS3441T1G ONSEMI-NVGS3441T1G Datasheet
110Kb / 6P
   Power MOSFET 1 Amp, 20 Volts, P?묬hannel TSOP??
October, 2012 ??Rev. 6
MMDF2P03HDR2 ONSEMI-MMDF2P03HDR2 Datasheet
236Kb / 10P
   Power MOSFET 2 Amps, 30 Volts P?묬hannel SO??, Dual
August, 2006 ??Rev. 8
MTB50P03HDL ONSEMI-MTB50P03HDL Datasheet
96Kb / 9P
   Power MOSFET 50 Amps, 30 Volts, Logic Level P?묬hannel D2PAK
June, 2006 ??Rev. 6
MMSF3P02HD ONSEMI-MMSF3P02HD Datasheet
102Kb / 8P
   Power MOSFET 3 Amps, 20 Volts P?묬hannel SO??
February, 2006 ??Rev. 7
MTD5P06V ONSEMI-MTD5P06V_03 Datasheet
92Kb / 8P
   Power MOSFET 5 Amps, 60 Volts P?묬hannel DPAK
November, 2003 ??Rev. 3
MTB2P50E ONSEMI-MTB2P50E Datasheet
90Kb / 8P
   Power MOSFET 2 Amps, 500 Volts P?묬hannel D2PAK
June, 2006 ??Rev. 4
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com